Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C4261V-10JXC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C4261V-10JXC
Description  16 K / 32 K / 64 K / 128 K x 9 Low-Voltage Deep Sync FIFOs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4261V-10JXC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C4261V-10JXC Datasheet HTML 2Page - Cypress Semiconductor CY7C4261V-10JXC Datasheet HTML 3Page - Cypress Semiconductor CY7C4261V-10JXC Datasheet HTML 4Page - Cypress Semiconductor CY7C4261V-10JXC Datasheet HTML 5Page - Cypress Semiconductor CY7C4261V-10JXC Datasheet HTML 6Page - Cypress Semiconductor CY7C4261V-10JXC Datasheet HTML 7Page - Cypress Semiconductor CY7C4261V-10JXC Datasheet HTML 8Page - Cypress Semiconductor CY7C4261V-10JXC Datasheet HTML 9Page - Cypress Semiconductor CY7C4261V-10JXC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
CY7C4261V/CY7C4271V
CY7C4281V/CY7C4291V
Document #: 38-06013 Rev. *F
Page 6 of 22
It is not necessary to write to all the offset registers at one time.
A subset of the offset registers can be written; then by bringing
the WEN2/LD input HIGH, the FIFO is returned to normal read
and write operation. The next time WEN2/LD is brought LOW, a
write operation stores data in the next offset register in
sequence.
The contents of the offset registers can be read to the data
outputs when WEN2/LD is LOW and both REN1 and REN2 are
LOW. LOW-to-HIGH transitions of RCLK read register contents
to the data outputs. Writes and reads should not be performed
simultaneously on the offset registers.
Programmable Flag (PAE, PAF) Operation
Whether the flag offset registers are programmed as described
in Table 1 or the default values are used, the programmable
almost-empty flag (PAE) and programmable almost-full flag
(PAF) states are determined by their corresponding offset
registers and the difference between the read and write pointers.
The number formed by the empty offset least significant bit
register and empty offset most significant bit register is referred
to as n and determines the operation of PAE. PAE is synchronized to
the LOW-to-HIGH transition of RCLK by one flip-flop and is LOW
when the FIFO contains n or fewer unread words. PAE is set
HIGH by the LOW-to-HIGH transition of RCLK when the FIFO
contains (n+1) or greater unread words.
The number formed by the full offset least significant bit register
and full offset most significant bit register is referred to as m and
determines the operation of PAF. PAF is synchronized to the
LOW-to-HIGH transition of WCLK by one flip-flop and is set LOW
when the number of unread words in the FIFO is greater than or
equal to CY7C4261V (16k – m), CY7C4271V (32k – m),
CY7C4281V (64k – m) and CY7C4291V (128k – m). PAF is set
HIGH by the LOW-to-HIGH transition of WCLK when the number
of available memory locations is greater than m.
Table 1. Writing the Offset Registers[1]
LD
WEN
WCLK
Selection
0
0
0
1
No operation
1
0
Write into FIFO
1
1
No operation
Empty offset (LSB)
Empty offset (MSB)
Full offset (LSB)
Full offset (MSB)
Table 2. Status Flags
Number of Words in FIFO
FF PAF PAE EF
CY7C4261V
CY7C4271V
CY7C4281V
CY7C4291V
0
0
0
0
H
H
L
L
1 to n[2]
1 to n[2]
1 to n[2]
1 to n[2]
H
H
L
H
(n + 1) to (1638
 (m + 1)) (n + 1) to (32768  (m + 1)) (n + 1) to (65536  (m + 1)) (n + 1) to (131072  (m + 1))
H
H
H
H
(16384
 m)[3] to 16383 (32768  m)[3] to 32767
(65536
 m)[3] to 65535
(131072
 m)[3] to 131071
H
L
H
H
16384
32768
65536
131072
L
L
H
H
Notes
1. The same selection sequence applies to reading from the registers. REN1 and REN2 are enabled and a read is performed on the LOW-to-HIGH transition of RCLK.
2. n = Empty Offset (n = 7 default value).
3. m = Full Offset (m = 7 default value).
[+] Feedback


Similar Part No. - CY7C4261V-10JXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4261V-10JXC CYPRESS-CY7C4261V-10JXC Datasheet
453Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync??FIFOs
More results

Similar Description - CY7C4261V-10JXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4285V-15ASXI CYPRESS-CY7C4285V-15ASXI Datasheet
603Kb / 24P
   8 K/16 K/32 K/64 K x 18 Low Voltage Deep Sync FIFOs
CY7C09089V99V CYPRESS-CY7C09089V99V Datasheet
652Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9
CY7C09089V CYPRESS-CY7C09089V_11 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K x 8/9 Synchronous Dual-Port Static RAM
CY7C09089V CYPRESS-CY7C09089V_12 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9 Synchronous Dual-Port Static RAM
CY7C4221 CYPRESS-CY7C4221_12 Datasheet
622Kb / 22P
   1 K / 2 K 횞 9 Synchronous FIFOs
CY7C0851V CYPRESS-CY7C0851V Datasheet
661Kb / 39P
   FLEx36??3.3 V 32 K / 64 K / 128 K / 256 K 횞 36 Synchronous Dual-Port RAM
CY7C1339G CYPRESS-CY7C1339G_13 Datasheet
645Kb / 22P
   4-Mbit (128 K x 32) Pipelined Sync SRAM
CY7C006A CYPRESS-CY7C006A_12 Datasheet
703Kb / 22P
   32 K/16 K 횞 8, 16 K 횞 9 Dual-Port Static RAM
CY14B101LA CYPRESS-CY14B101LA_12 Datasheet
725Kb / 29P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
logo
MOSAIC
PUMA68S4000X-010 MOSAIC-PUMA68S4000X-010 Datasheet
119Kb / 11P
   128 K x 32 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com