Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C4291V Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C4291V
Description  16 K / 32 K / 64 K / 128 K x 9 Low-Voltage Deep Sync FIFOs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4291V Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C4291V Datasheet HTML 1Page - Cypress Semiconductor CY7C4291V Datasheet HTML 2Page - Cypress Semiconductor CY7C4291V Datasheet HTML 3Page - Cypress Semiconductor CY7C4291V Datasheet HTML 4Page - Cypress Semiconductor CY7C4291V Datasheet HTML 5Page - Cypress Semiconductor CY7C4291V Datasheet HTML 6Page - Cypress Semiconductor CY7C4291V Datasheet HTML 7Page - Cypress Semiconductor CY7C4291V Datasheet HTML 8Page - Cypress Semiconductor CY7C4291V Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
CY7C4261V/CY7C4271V
CY7C4281V/CY7C4291V
Document #: 38-06013 Rev. *F
Page 4 of 22
PLCC
D1
D0
RCLK
VCC
GND
WCLK
WEN2/LD
Q8
Q7
PAF
PAE
5
6
7
8
9
10
11
12
13
REN1
OE
REN2
4321
31 30
32
21
22
23
24
27
28
29
25
26
14 15 16 17 18 19 20
Q6
Q5
WEN1
RS
Top View
CY7C4261V
CY7C4271V
CY7C4281V
CY7C4291V
Pin Configuration
Pin Definitions
Pin No.
Signal Name
Description
I/O
Description
1–6, 30–32 D08
Data inputs
I
Data inputs for 9-bit bus.
1–6, 30–32 Q08
Data outputs
O Data outputs for 9-bit bus.
28
WEN1
Write Enable 1
I
The only write enable when device is configured to have programmable flags.
Data is written on a LOW-to-HIGH transition of WCLK when WEN1 is asserted
and FF is HIGH. If the FIFO is configured to have two write enables, data is
written on a LOW-to-HIGH transition of WCLK when WEN1 is LOW and
WEN2/LD and FF are HIGH.
26
WEN2/LD
Dual mode pin
Write Enable 2
I
If HIGH at reset, this pin operates as a second write enable. If LOW at reset,
this pin operates as a control to write or read the programmable flag offsets.
WEN1 must be LOW and WEN2 must be HIGH to write data into the FIFO. Data
will not be written into the FIFO if the FF is LOW. If the FIFO is configured to
have programmable flags, WEN2/LD is held LOW to write or read the
programmable flag offsets.
Load
10, 12
REN1, REN2
Read Enable
inputs
I
Enables the device for Read operation. Both REN1 and REN2 must be asserted
to allow a read operation.
27
WCLK
Write Clock
I
The rising edge clocks data into the FIFO when WEN1 is LOW and WEN2/LD
is HIGH and the FIFO is not full. When LD is asserted, WCLK writes data into
the programmable flag-offset register.
11
RCLK
Read Clock
I
The rising edge clocks data out of the FIFO when REN1 and REN2 are LOW
and the FIFO are not Empty. When WEN2/LD is LOW, RCLK reads data out of
the programmable flag-offset register.
14
EF
Empty Flag
O When EF is LOW, the FIFO is empty. EF is synchronized to RCLK.
15
FF
Full Flag
O When FF is LOW, the FIFO is full. FF is synchronized to WCLK.
8
PAE
Programmable
Almost Empty
O When PAE is LOW, the FIFO is almost empty based on the almost empty offset
value programmed into the FIFO. PAE is synchronized to RCLK.
7
PAF
Programmable
Almost Full
O When PAF is LOW, the FIFO is almost full based on the almost full offset value
programmed into the FIFO. PAF is synchronized to WCLK.
29
RS
Reset
I
Resets device to empty condition. A reset is required before an initial read or
write operation after power-up.
13
OE
Output Enable
I
When OE is LOW, the FIFO’s data outputs drive the bus to which they are
connected. If OE is HIGH, the FIFO’s outputs are in High Z (high-impedance)
state.
[+] Feedback


Similar Part No. - CY7C4291V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4291V CYPRESS-CY7C4291V Datasheet
205Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs
CY7C4291V CYPRESS-CY7C4291V Datasheet
453Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync??FIFOs
CY7C4291V-10JC CYPRESS-CY7C4291V-10JC Datasheet
205Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs
CY7C4291V-10JC CYPRESS-CY7C4291V-10JC Datasheet
453Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync??FIFOs
CY7C4291V-10JXC CYPRESS-CY7C4291V-10JXC Datasheet
453Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync??FIFOs
More results

Similar Description - CY7C4291V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4285V-15ASXI CYPRESS-CY7C4285V-15ASXI Datasheet
603Kb / 24P
   8 K/16 K/32 K/64 K x 18 Low Voltage Deep Sync FIFOs
CY7C09089V99V CYPRESS-CY7C09089V99V Datasheet
652Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9
CY7C09089V CYPRESS-CY7C09089V_11 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K x 8/9 Synchronous Dual-Port Static RAM
CY7C09089V CYPRESS-CY7C09089V_12 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9 Synchronous Dual-Port Static RAM
CY7C4221 CYPRESS-CY7C4221_12 Datasheet
622Kb / 22P
   1 K / 2 K 횞 9 Synchronous FIFOs
CY7C0851V CYPRESS-CY7C0851V Datasheet
661Kb / 39P
   FLEx36??3.3 V 32 K / 64 K / 128 K / 256 K 횞 36 Synchronous Dual-Port RAM
CY7C1339G CYPRESS-CY7C1339G_13 Datasheet
645Kb / 22P
   4-Mbit (128 K x 32) Pipelined Sync SRAM
CY7C006A CYPRESS-CY7C006A_12 Datasheet
703Kb / 22P
   32 K/16 K 횞 8, 16 K 횞 9 Dual-Port Static RAM
CY14B101LA CYPRESS-CY14B101LA_12 Datasheet
725Kb / 29P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
logo
MOSAIC
PUMA68S4000X-010 MOSAIC-PUMA68S4000X-010 Datasheet
119Kb / 11P
   128 K x 32 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com