Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1565KV18-500BZXC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1565KV18-500BZXC
Description  72-Mbit QDR II SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1565KV18-500BZXC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1565KV18-500BZXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1565KV18-500BZXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1565KV18-500BZXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1565KV18-500BZXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1565KV18-500BZXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1565KV18-500BZXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1565KV18-500BZXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1565KV18-500BZXC Datasheet HTML 11Page - Cypress Semiconductor CY7C1565KV18-500BZXC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
CY7C1561KV18
CY7C1576KV18
CY7C1565KV18
Document Number: 001-15878 Rev. *L
Page 8 of 29
DOFF
Input
PLL turn-off
− Active LOW. Connecting this pin to ground turns off the PLL inside the device. The timings
in the PLL turned off operation differs from those listed in this datasheet. For normal operation, this pin
can be connected to a pull-up through a 10 K
Ω or less pull-up resistor. The device behaves in QDR I
mode when the PLL is turned off. In this mode, the device can be operated at a frequency of up to 167
MHz with QDR I timing.
TDO
Output
Test data out (TDO) for JTAG
TCK
Input
Test clock (TCK) pin for JTAG
TDI
Input
Test data in (TDI) pin for JTAG
TMS
Input
Test mode select (TMS) pin for JTAG
NC
N/A
Not Connected to the die. Can be tied to any voltage level.
NC/144M
N/A
Not Connected to the die. Can be tied to any voltage level.
NC/288M
N/A
Not Connected to the die. Can be tied to any voltage level.
VREF
Input-
Reference
Reference voltage input. Static input used to set the reference level for HSTL inputs, outputs, and AC
measurement points.
VDD
Power Supply Power supply inputs to the core of the device
VSS
Ground
Ground for the device
VDDQ
Power Supply Power supply inputs for the outputs of the device
Pin Definitions (continued)
Pin Name
I/O
Pin Description
[+] Feedback


Similar Part No. - CY7C1565KV18-500BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1565KV18-500BZXC CYPRESS-CY7C1565KV18-500BZXC Datasheet
833Kb / 28P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
More results

Similar Description - CY7C1565KV18-500BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1561V18 CYPRESS-CY7C1561V18_08 Datasheet
676Kb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1561V18 CYPRESS-CY7C1561V18 Datasheet
1Mb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1541V18 CYPRESS-CY7C1541V18 Datasheet
1Mb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
logo
Renesas Technology Corp
RMQSAA3636DGBA RENESAS-RMQSAA3636DGBA_15 Datasheet
832Kb / 30P
   36-Mbit QDR??II SRAM 4-word Burst Architecture (2.5 Cycle Read latency)
logo
Cypress Semiconductor
CY7C1541V18 CYPRESS-CY7C1541V18_08 Datasheet
665Kb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1261V18 CYPRESS-CY7C1261V18 Datasheet
1Mb / 28P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1161V18 CYPRESS-CY7C1161V18 Datasheet
1Mb / 29P
   18-Mbit QDR??II SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)
logo
Renesas Technology Corp
RMQSAA3636DGBA RENESAS-RMQSAA3636DGBA Datasheet
363Kb / 30P
   36-Mbit QDR™ II SRAM 4-word Burst Architecture (2.5 Cycle Read latency)
May 25, 2015
logo
Cypress Semiconductor
CY7C15632KV18 CYPRESS-CY7C15632KV18_12 Datasheet
783Kb / 30P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1566KV18 CYPRESS-CY7C1566KV18_11 Datasheet
921Kb / 31P
   72-Mbit DDR II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com