Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSA4R7YAGA804 Datasheet(PDF) 3 Page - Thinking Electronic Industrial Co.,Ltd

Part # PSA4R7YAGA804
Description  Motor Starter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

PSA4R7YAGA804 Datasheet(HTML) 3 Page - Thinking Electronic Industrial Co.,Ltd

  PSA4R7YAGA804 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd PSA4R7YAGA804 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd PSA4R7YAGA804 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd PSA4R7YAGA804 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd PSA4R7YAGA804 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd PSA4R7YAGA804 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd PSA4R7YAGA804 Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd PSA4R7YAGA804 Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd PSA4R7YAGA804 Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CPTC Thermistor:PS Series
Motor Starter
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
3
www.thinking.com.tw
2006.07
Characteristics
PSA Series
Curie
Temperature
Nominal
Zero-power
Resistance
Max.
Voltage
Max.
Current
Operating
Time
Equilibrium
Power
Recovery
Time
Reference
Coil
Resistance
Dimensions
Safety
Approvals
Part No.
Tc (℃)
R25(Ω)
Vmax
(VAC)
Imax(A)
to(s)
Pmax(W)
trmax(s)
Rref(Ω)
D
(mm)
T
(mm)
UL
cUL
CQC
TUV
PSA3R3□A2A604
3.3
160
12
0.3-1.2
3.5
90
10
PSA3R9□A2A604
3.9
160
12
0.3-1.2
3.5
90
10
PSA4R7□A2A804
4.7
180
12
0.3-1.2
3.5
90
10
PSA5R6□A2A804
5.6
180
12
0.3-1.2
3.5
90
10
PSA6R8□A2B204
6.8
220
10
0.3-1.2
3.5
90
15
PSA100□A2B404
10
240
10
0.2-0.8
3
85
15
PSA150□A2B604
15
260
10
0.2-0.8
3
85
25
PSA220□A2C004
22
300
9
0.2-0.8
3
85
25
PSA330□A2C004
33
300
9
0.2-0.8
3
85
25
PSA470□A2C004
47
300
9
0.2-0.8
3
85
25
PSA680□A2C204
120±10
68
320
9
0.2-0.8
3
85
25
20.0
+0.5
-1.0
2.5
±0.2
PSA4R7□A2A705
4.7
170
12
0.2-1.0
3.2
80
10
PSA5R6□A2A905
5.6
190
12
0.2-1.0
3.2
80
10
PSA6R8□A2B205
6.8
220
10
0.2-1.0
3.2
80
15
PSA100□A2B405
10
240
9
0.2-1.0
3
80
20
PSA150□A2B605
15
260
8
0.2-1.0
3
80
20
PSA220□A2B805
22
280
8
0.2-0.8
3
80
15
PSA330□A2B805
33
280
7
0.2-0.8
3
80
20
PSA470□A2C005
47
300
6
0.2-0.8
3
80
20
PSA680□A2C005
120±10
68
300
5
0.2-0.8
3
80
20
17.5
+0.5
-1.0
2.5
±0.2
PSA3R3□AGA604
3.3
160
12
0.3-1.2
3.5
70
10
PSA3R9□AGA604
3.9
160
12
0.3-1.2
3.5
70
10
PSA4R7□AGA804
4.7
180
12
0.3-1.2
3.5
70
10
PSA5R6□AGA804
5.6
180
12
0.3-1.2
3.5
70
10
PSA6R8□AGB004
6.8
200
10
0.3.-1.2
3.5
70
15
PSA100□AGB304
10
230
9
0.2-1.0
3.2
65
15
PSA150□AGB504
15
250
8
0.2-1.0
3.2
65
15
PSA220□AGC004
22
300
7
0.2-1.0
3.2
65
20
PSA330□AGC604
33
360
6
0.2-1.0
3.2
65
25
PSA470□AGD004
47
400
5
0.2-1.0
3.2
65
35
PSA680□AGD304
135±10
68
430
4
0.2-1.0
3.2
65
55
20.0
+0.5
-1.0
2.5
±0.2
Note1: □=Tolerance of R25
Note2: UL&cUL File No. E138827 , CQC File No. CQC03001008127~128 , TUV File No. R50030891


Similar Part No. - PSA4R7YAGA804

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
PSA4-5043 MINI-PSA4-5043 Datasheet
324Kb / 5P
   Monolithic Amplifier
PSA4-5043-D MINI-PSA4-5043-D Datasheet
424Kb / 6P
   Monolithic Amplifier Die
PSA4-5043-D++ MINI-PSA4-5043-D+ Datasheet
424Kb / 6P
   Monolithic Amplifier Die
PSA4-5043-DF++ MINI-PSA4-5043-DF+ Datasheet
424Kb / 6P
   Monolithic Amplifier Die
PSA4-5043-DG++ MINI-PSA4-5043-DG+ Datasheet
424Kb / 6P
   Monolithic Amplifier Die
More results

Similar Description - PSA4R7YAGA804

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
105518 PHOENIX-105518 Datasheet
209Kb / 17P
   Hybrid motor starter
logo
Schneider Electric
8538SDA24S8V02S SCHNEIDER-8538SDA24S8V02S Datasheet
63Kb / 1P
   STARTER MOTOR CONTROL <1000VAC
Sep 14, 2023
logo
STMicroelectronics
STM3210B-MCKIT STMICROELECTRONICS-STM3210B-MCKIT Datasheet
67Kb / 3P
   Motor control starter kit
STM32100B-MCKIT STMICROELECTRONICS-STM32100B-MCKIT Datasheet
56Kb / 3P
   Motor control starter kit
logo
List of Unclassifed Man...
MU25A63 ETC2-MU25A63 Datasheet
434Kb / 3P
   Manual Motor Starter MU
logo
Schneider Electric
8539SEG42V02H30S SCHNEIDER-8539SEG42V02H30S Datasheet
69Kb / 3P
   STARTER MOTOR CONTROL <1000VAC
Dec 26, 2023
logo
celduc-relais
SYMC0001 CELDUC-SYMC0001 Datasheet
747Kb / 7P
   Single phase motor soft starter
logo
DB Lectro Inc
HG4506 DBLECTRO-HG4506 Datasheet
46Kb / 2P
   Single Phase Motor Starter Relay
logo
celduc-relais
SYMC0000 CELDUC-SYMC0000 Datasheet
1Mb / 7P
   Single phase motor soft starter
logo
Schneider Electric
2510FG1 SCHNEIDER-2510FG1 Datasheet
88Kb / 2P
   Manual motor starter, fractional horsepower
Aug 8, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com