Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1512KV18-333BZC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1512KV18-333BZC
Description  72-Mbit QDR II SRAM 2-Word Burst Architecture Two-word burst on all accesses
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1512KV18-333BZC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1512KV18-333BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1512KV18-333BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1512KV18-333BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1512KV18-333BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C1512KV18-333BZC Datasheet HTML 10Page - Cypress Semiconductor CY7C1512KV18-333BZC Datasheet HTML 11Page - Cypress Semiconductor CY7C1512KV18-333BZC Datasheet HTML 12Page - Cypress Semiconductor CY7C1512KV18-333BZC Datasheet HTML 13Page - Cypress Semiconductor CY7C1512KV18-333BZC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
CY7C1510KV18, CY7C1525KV18
CY7C1512KV18, CY7C1514KV18
Document Number: 001-00436 Rev. *M
Page 10 of 33
Programmable Impedance
An external resistor, RQ, must be connected between the ZQ pin
on the SRAM and VSS to enable the SRAM to adjust its output
driver impedance. The value of RQ must be 5X the value of the
intended line impedance driven by the SRAM. The allowable
range of RQ to guarantee impedance matching with a tolerance
of ±15% is between 175
Ω and 350Ω, with VDDQ =1.5 V. The
output impedance is adjusted every 1024 cycles upon power up
to account for drifts in supply voltage and temperature.
Echo Clocks
Echo clocks are provided on the QDR II to simplify data capture
on high speed systems. Two echo clocks are generated by the
QDR II. CQ is referenced with respect to C and CQ is referenced
with respect to C. These are free running clocks and are synchro-
nized to the output clock of the QDR II. In the single clock mode,
CQ is generated with respect to K and CQ is generated with
respect to K. The timing for the echo clocks is shown in Switching
Characteristics on page 25.
PLL
These chips use a PLL that is designed to function between
120 MHz and the specified maximum clock frequency. During
power up, when the DOFF is tied HIGH, the PLL is locked after
20
μs of stable clock. The PLL can also be reset by slowing or
stopping the input clocks K and K for a minimum of 30 ns.
However, it is not necessary to reset the PLL to lock to the
desired frequency. The PLL automatically locks 20
μs after a
stable clock is presented. The PLL may be disabled by applying
ground to the DOFF pin. When the PLL is turned off, the device
Application Example
Figure 1 shows two QDR II used in an application.
Figure 1. Application Example
R = 250
ohms
Vt
R
R = 250
ohms
Vt
Vt
R
Vt = Vddq/2
R = 50
ohms
R
CC#
D
A
SRAM #2
R
P
S
#
W
P
S
#
B
W
S
#
ZQ
CQ/CQ#
Q
K#
CC#
D
A
K
SRAM #1
R
P
S
#
W
P
S
#
B
W
S
#
ZQ
CQ/CQ#
Q
K#
BUS
MASTER
(CPU
or
ASIC)
DATA IN
DATA OUT
Address
RPS#
WPS#
BWS#
Source K
Source K#
Delayed K
Delayed K#
CLKIN/CLKIN#
K
[+] Feedback


Similar Part No. - CY7C1512KV18-333BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1512KV18-333BZC CYPRESS-CY7C1512KV18-333BZC Datasheet
814Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1512KV18-333BZC CYPRESS-CY7C1512KV18-333BZC Datasheet
836Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1512KV18-333BZC CYPRESS-CY7C1512KV18-333BZC Datasheet
893Kb / 34P
   72-Mbit QDR짰 II SRAM Two-Word Burst Architecture
More results

Similar Description - CY7C1512KV18-333BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1510KV18 CYPRESS-CY7C1510KV18_09 Datasheet
836Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1510JV18 CYPRESS-CY7C1510JV18_09 Datasheet
654Kb / 26P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1512KV18 CYPRESS-CY7C1512KV18 Datasheet
814Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1510AV18 CYPRESS-CY7C1510AV18_07 Datasheet
646Kb / 28P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1510V18 CYPRESS-CY7C1510V18_06 Datasheet
494Kb / 27P
   72-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1510AV18 CYPRESS-CY7C1510AV18_09 Datasheet
711Kb / 28P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1510V18 CYPRESS-CY7C1510V18 Datasheet
369Kb / 24P
   72-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1510AV18 CYPRESS-CY7C1510AV18 Datasheet
1Mb / 26P
   72-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1510JV18 CYPRESS-CY7C1510JV18 Datasheet
628Kb / 26P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1510V18 CYPRESS-CY7C1510V18_09 Datasheet
675Kb / 29P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com