Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1520AV18-200BZI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1520AV18-200BZI
Description  72-Mbit DDR-II SRAM Two-Word Burst Architecture
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1520AV18-200BZI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1520AV18-200BZI Datasheet HTML 5Page - Cypress Semiconductor CY7C1520AV18-200BZI Datasheet HTML 6Page - Cypress Semiconductor CY7C1520AV18-200BZI Datasheet HTML 7Page - Cypress Semiconductor CY7C1520AV18-200BZI Datasheet HTML 8Page - Cypress Semiconductor CY7C1520AV18-200BZI Datasheet HTML 9Page - Cypress Semiconductor CY7C1520AV18-200BZI Datasheet HTML 10Page - Cypress Semiconductor CY7C1520AV18-200BZI Datasheet HTML 11Page - Cypress Semiconductor CY7C1520AV18-200BZI Datasheet HTML 12Page - Cypress Semiconductor CY7C1520AV18-200BZI Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
CY7C1518AV18
CY7C1520AV18
Document Number: 001-06982 Rev. *I
Page 9 of 29
Truth Table
The following is the truth table for parts, CY7C1518AV18 and CY7C1520AV18. [2, 3, 4, 5, 6, 7]
Operation
K
LD
R/W
DQ
DQ
Write cycle:
Load address; wait one cycle;
input write data on consecutive K and K rising edges.
L–H
L
L
D(A1) at K(t + 1)
 D(A2) at K(t + 1) 
Read cycle:
Load address; wait one and a half cycle;
read data on consecutive C and C rising edges.
L–H
L
H
Q(A1) at C(t + 1)
 Q(A2) at C(t + 2) 
NOP: No operation
L–H
H
X
High Z
High Z
Standby: Clock stopped
Stopped
X
X
Previous state
Previous state
Burst Address Table
(CY7C1518AV18, CY7C1520AV18)
First Address (External)
Second Address (Internal)
X..X0
X..X1
X..X1
X..X0
Write Cycle Descriptions
The following table represents the write cycle description for the part, CY7C1518AV18. [2, 8]
BWS0 BWS1
K
K
Comments
L
L
L–H
During the data portion of a write sequence
Both bytes (D[17:0]) are written into the device.
L
L
L–H During the data portion of a write sequence
Both bytes (D[17:0]) are written into the device.
L
H
L–H
During the data portion of a write sequence
Only the lower byte (D[8:0]) is written into the device, D[17:9] remains unaltered.
L
H
L–H During the data portion of a write sequence
Only the lower byte (D[8:0]) is written into the device, D[17:9] remains unaltered.
H
L
L–H
During the data portion of a write sequence
Only the upper byte (D[17:9]) is written into the device, D[8:0] remains unaltered.
H
L
L–H During the data portion of a write sequence
Only the upper byte (D[17:9]) is written into the device, D[8:0] remains unaltered.
H
H
L–H
No data is written into the devices during this portion of a write operation.
H
H
L–H No data is written into the devices during this portion of a write operation.
Notes
2. X = “Do not Care,” H = Logic HIGH, L = Logic LOW,
represents rising edge.
3. Device powers up deselected with the outputs in a tristate condition.
4. On CY7C1518AV18 and CY7C1520AV18, “A1” represents address location latched by the devices when transaction was initiated and “A2” represents the addresses
sequence in the burst.
5. “t” represents the cycle at which a read/write operation is started. t + 1 and t + 2 are the first and second clock cycles succeeding the “t” clock cycle.
6. Data inputs are registered at K and K rising edges. Data outputs are delivered on C and C rising edges, except when in single clock mode.
7. It is recommended that K = K and C = C = HIGH when clock is stopped. This is not essential, but permits most rapid restart by overcoming transmission line charging
symmetrically.
8. Is based on a write cycle that was initiated in accordance with the Write Cycle Descriptions table. BWS0, BWS1, BWS2, and BWS3 can be altered on different portions
of a write cycle, as long as the setup and hold requirements are achieved.
[+] Feedback


Similar Part No. - CY7C1520AV18-200BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1520AV18-200BZI CYPRESS-CY7C1520AV18-200BZI Datasheet
1Mb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1520AV18-200BZI CYPRESS-CY7C1520AV18-200BZI Datasheet
691Kb / 30P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1520AV18-200BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1523KV18 CYPRESS-CY7C1523KV18_13 Datasheet
792Kb / 28P
   72-Mbit DDR II SIO SRAM Two-Word Burst Architecture
CY7C1516JV18 CYPRESS-CY7C1516JV18 Datasheet
629Kb / 26P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1566KV18 CYPRESS-CY7C1566KV18 Datasheet
834Kb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516JV18 CYPRESS-CY7C1516JV18_09 Datasheet
666Kb / 26P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516AV18 CYPRESS-CY7C1516AV18 Datasheet
1Mb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1521KV18 CYPRESS-CY7C1521KV18 Datasheet
747Kb / 29P
   72-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1516KV18 CYPRESS-CY7C1516KV18_09 Datasheet
1Mb / 30P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1517V18 CYPRESS-CY7C1517V18 Datasheet
462Kb / 28P
   72-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1516V18 CYPRESS-CY7C1516V18 Datasheet
673Kb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516AV18 CYPRESS-CY7C1516AV18_07 Datasheet
691Kb / 30P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com