Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TTC05681J Datasheet(PDF) 4 Page - Thinking Electronic Industrial Co.,Ltd

Part # TTC05681J
Description  圭5 mm Disc Type for Temperature Sensing/Compensation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

TTC05681J Datasheet(HTML) 4 Page - Thinking Electronic Industrial Co.,Ltd

  TTC05681J Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd TTC05681J Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd TTC05681J Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd TTC05681J Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd TTC05681J Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd TTC05681J Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd TTC05681J Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd TTC05681J Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NTC Thermistor:
:TTC05 Series
Ф5 mm Disc Type for Temperature Sensing/Compensation
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
4
www.thinking.com.tw
2011.02
All specifications are subject to change without notice.
V-I Characteristic Curves (representative)
Current (mA)
TTC05005~TTC05681
Current (mA)
TTC05102~TTC05104


Similar Part No. - TTC05681J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TTC05682JI ETC2-TTC05682JI Datasheet
2Mb / 5P
   Temperature Compensation/Sensing
TTC05682JS ETC2-TTC05682JS Datasheet
2Mb / 5P
   Temperature Compensation/Sensing
TTC05682KI ETC2-TTC05682KI Datasheet
2Mb / 5P
   Temperature Compensation/Sensing
TTC05682KS ETC2-TTC05682KS Datasheet
2Mb / 5P
   Temperature Compensation/Sensing
TTC05682LI ETC2-TTC05682LI Datasheet
2Mb / 5P
   Temperature Compensation/Sensing
More results

Similar Description - TTC05681J

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
TTC3A901139D1 THINKING-TTC3A901139D1 Datasheet
150Kb / 7P
   3mm Disc Type for Temperature Sensing/Compensation
TTS1B50213271 THINKING-TTS1B50213271 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
TGMAA503F3993DA6 THINKING-TGMAA503F3993DA6 Datasheet
94Kb / 4P
   Glass Encapsulated Type for Temperature Sensing/Compensation
TTF3A50211 THINKING-TTF3A50211 Datasheet
103Kb / 5P
   Insulation Film Type for Temperature Sensing/Compensation
DHT0A50213552 THINKING-DHT0A50213552 Datasheet
210Kb / 6P
   Glass Axial Type for Temperature Sensing/Compensation
logo
List of Unclassifed Man...
TTC05 ETC2-TTC05 Datasheet
2Mb / 5P
   Temperature Compensation/Sensing
logo
Thinking Electronic Ind...
TCF3A20213181 THINKING-TCF3A20213181 Datasheet
109Kb / 5P
   Lead Frame for Temperature Sensing/Compensation
logo
EPCOS
S964 EPCOS-S964 Datasheet
530Kb / 26P
   NTC thermistors for temperature sensing and compensation
B57964S0202F000 EPCOS-B57964S0202F000 Datasheet
324Kb / 17P
   NTC thermistors for temperature sensing and compensation
logo
List of Unclassifed Man...
SLC0100 ETC1-SLC0100 Datasheet
165Kb / 3P
   CLASS I TEMPERATURE COMPENSATION TYPE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com