Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCK10133M Datasheet(PDF) 3 Page - Thinking Electronic Industrial Co.,Ltd

Part # SCK10133M
Description  Power Thermistor for Limiting Inrush Current
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

SCK10133M Datasheet(HTML) 3 Page - Thinking Electronic Industrial Co.,Ltd

  SCK10133M Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd SCK10133M Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd SCK10133M Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd SCK10133M Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd SCK10133M Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd SCK10133M Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd SCK10133M Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd SCK10133M Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd SCK10133M Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
NTC Thermistor:
:SCK Series
Power Thermistor for Limiting Inrush Current
THINKING ELECTRONIC INDUSTRIAL CO., LTD.
3
www.thinking.com.tw
2011.02
All specifications are subject to change without notice.
Electrical Characteristics
Safety Approvals
Zero Power
Resistance
at 25°C
Max.
Current
at 25℃
Residual
Resistance
at 25℃
Imax
Max.
Power
Rating
at 25°C
Dissipation
Factor
Thermal
Time
Constant
Operating
Temperature
Range
Part No.
R25( )
Imax(A)
RImax ( )
Pmax (W)
δ (mW/°C)
τ(Sec.)
TL~TU(°C)
UL
cUL
CSA
TUV
CQC
SCK05052□
5
2
0.429
SCK05081□
8
1
1.089
SCK05101□
10
1
1.126
SCK05121□
12
1
1.184
SCK0520X3□
20
0.3
5.560
1.8
Approx.
15
Approx.
17
-40 ~ +150
SCK08042□
4
2
0.441
SCK084R72□
4.7
2
0.445
SCK08053□
5
3
0.261
SCK08063□
6
3
0.283
SCK08073□
7
3
0.287
SCK08082□
8
2
0.520
SCK08102□
10
2
0.542
SCK08152□
15
2
0.548
SCK08201□
20
1
1.544
SCK0830X□
30
0.5
4.094
2.3
Approx.
16
Approx.
38
-40 ~ +170
SCK10015□
1
5
0.091
SCK101R35□
1.3
5
0.095
SCK101R55□
1.5
5
0.101
SCK102R55A□
2.5
5
0.120
SCK10035□
3
5
0.127
SCK10044□
4
4
0.161
SCK10054□
5
4
0.180
SCK106R83□
6.8
3
0.270
SCK10083□
8
3
0.278
SCK10103□
10
3
0.297
SCK10123□
12
3
0.301
SCK10133□
13
3
0.356
SCK10152X□
15
2.5
0.442
SCK10162X□
16
2.5
0.471
SCK10202□
20
2
0.646
SCK10222□
22
2
0.659
SCK10252□
25
2
0.674
SCK10302□
30
2
0.700
SCK10472□
47
2
0.720
SCK10502□
50
2
0.813
SCK10801□
80
1
2.236
SCK101001□
100
1
2.318
SCK101201□
120
1
2.406
2.4
Approx.
17
Approx.
43
-40 ~ +170


Similar Part No. - SCK10133M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCK10 ETC2-SCK10 Datasheet
115Kb / 1P
   NTC THERMISTORS
logo
Pulse A Technitrol Comp...
SCK1001 PULSE-SCK1001 Datasheet
505Kb / 2P
   G. Fast Transformer - 106 MHz
SCK1002 PULSE-SCK1002 Datasheet
505Kb / 2P
   G. Fast Transformer - 106 MHz
More results

Similar Description - SCK10133M

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
SCK THINKING-SCK Datasheet
692Kb / 22P
   Power Thermistor for Limiting Inrush Current
logo
Littelfuse
ST10001B LITTELFUSE-ST10001B Datasheet
685Kb / 3P
   Power Thermistors Inrush Current Limiting Power Thermistor
logo
EPCOS
B57364S0109M000 EPCOS-B57364S0109M000_09 Datasheet
342Kb / 15P
   NTC thermistors for inrush current limiting
B57153S0479M000 EPCOS-B57153S0479M000_08 Datasheet
344Kb / 15P
   NTC thermistors for inrush current limiting
B57235S100M EPCOS-B57235S100M Datasheet
416Kb / 18P
   NTC thermistors for inrush current limiting
B57153S479M EPCOS-B57153S479M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
B57153S330M EPCOS-B57153S330M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
91930 EPCOS-91930 Datasheet
195Kb / 6P
   NTC thermistors for inrush current limiting
B57153S100M EPCOS-B57153S100M Datasheet
417Kb / 18P
   NTC thermistors for inrush current limiting
B57464 EPCOS-B57464 Datasheet
192Kb / 6P
   NTC thermistors for inrush current limiting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com