Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1470BV33-167AXI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1470BV33-167AXI
Description  72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined SRAM with NoBL Architecture
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1470BV33-167AXI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1470BV33-167AXI Datasheet HTML 1Page - Cypress Semiconductor CY7C1470BV33-167AXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1470BV33-167AXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1470BV33-167AXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1470BV33-167AXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1470BV33-167AXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1470BV33-167AXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1470BV33-167AXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1470BV33-167AXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
CY7C1470BV33
CY7C1472BV33, CY7C1474BV33
72-Mbit (2 M × 36/4 M × 18/1 M × 72)
Pipelined SRAM with NoBL™ Architecture
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 001-15031 Rev. *H
Revised May 17, 2011
72-Mbit (2 M × 36/4 M × 18/1 M × 72) Pipelined SRAM with NoBL™ Architecture
Features
Pin-compatible and functionally equivalent to ZBT™
Supports 250 MHz bus operations with zero wait states
Available speed grades are 250, 200, and 167 MHz
Internally self timed output buffer control to eliminate the need
to use asynchronous OE
Fully registered (inputs and outputs) for pipelined operation
Byte Write capability
Single 3.3 V power supply
3.3 V/2.5 V IO power supply
Fast clock-to-output time
3.0 ns (for 250 MHz device)
Clock Enable (CEN) pin to suspend operation
Synchronous self timed writes
CY7C1470BV33,
CY7C1472BV33
available
in
JEDEC-standard Pb-free 100-pin TQFP, Pb-free and
non-Pb-free 165-ball FBGA package. CY7C1474BV33
available in Pb-free and non-Pb-free 209-ball FBGA package
IEEE 1149.1 JTAG Boundary Scan compatible
Burst capability—linear or interleaved burst order
“ZZ” Sleep Mode option and Stop Clock option
Functional Description
The CY7C1470BV33, CY7C1472BV33, and CY7C1474BV33
are 3.3 V, 2 M × 36/4 M × 18/1 M × 72 Synchronous pipelined
burst SRAMs with No Bus Latency™ (NoBL
 logic,
respectively. They are designed to support unlimited true
back-to-back read or write operations with no wait states. The
CY7C1470BV33, CY7C1472BV33, and CY7C1474BV33 are
equipped with the advanced (NoBL) logic required to enable
consecutive read or write operations with data being transferred
on every clock cycle. This feature dramatically improves the
throughput of data in systems that require frequent read or write
transitions.
The
CY7C1470BV33,
CY7C1472BV33,
and
CY7C1474BV33 are pin compatible and functionally equivalent
to ZBT devices.
All synchronous inputs pass through input registers controlled by
the rising edge of the clock. All data outputs pass through output
registers controlled by the rising edge of the clock. The clock
input is qualified by the Clock Enable (CEN) signal, which when
deasserted suspends operation and extends the previous clock
cycle.
Write operations are controlled by the Byte Write Selects
(BWa–BWd
for
CY7C1470BV33,
BWa–BWb
for
CY7C1472BV33, and BWa–BWh for CY7C1474BV33) and a
Write Enable (WE) input. All writes are conducted with on-chip
synchronous self timed write circuitry.
Three synchronous Chip Enables (CE1, CE2, CE3) and an
asynchronous Output Enable (OE) provide for easy bank
selection and output tri-state control. To avoid bus contention,
the output drivers are synchronously tri-stated during the data
portion of a write sequence.
Selection Guide
Description
250 MHz
200 MHz
167 MHz
Unit
Maximum Access Time
3.0
3.0
3.4
ns
Maximum Operating Current
500
500
450
mA
Maximum CMOS Standby Current
120
120
120
mA
[+] Feedback


Similar Part No. - CY7C1470BV33-167AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1470BV33-167AXI CYPRESS-CY7C1470BV33-167AXI Datasheet
902Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
CY7C1470BV33-167AXI CYPRESS-CY7C1470BV33-167AXI Datasheet
1Mb / 34P
   72-Mbit (2 M x 36/4 M 횞 18/1 M x 72) Pipelined SRAM with NoBL??Architecture
More results

Similar Description - CY7C1470BV33-167AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1470V25 CYPRESS-CY7C1470V25_11 Datasheet
878Kb / 31P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined SRAM with NoBL Architecture
CY7C1470V33 CYPRESS-CY7C1470V33_13 Datasheet
721Kb / 38P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470BV25 CYPRESS-CY7C1470BV25_11 Datasheet
981Kb / 29P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined SRAM with NoBL Architecture
CY7C1470BV33 CYPRESS-CY7C1470BV33_13 Datasheet
1Mb / 34P
   72-Mbit (2 M x 36/4 M 횞 18/1 M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470BV25 CYPRESS-CY7C1470BV25_13 Datasheet
935Kb / 29P
   72-Mbit (2 M x 36/4 M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1470V25 CYPRESS-CY7C1470V25_13 Datasheet
506Kb / 39P
   72-Mbit (2 M × 36/4 M × 18/1 M × 72) Pipelined SRAM with NoBL™ Architecture
June 27, 2013
CY7C1471BV33 CYPRESS-CY7C1471BV33_11 Datasheet
953Kb / 35P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471BV25 CYPRESS-CY7C1471BV25_11 Datasheet
1Mb / 33P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1480BV25 CYPRESS-CY7C1480BV25_11 Datasheet
1Mb / 34P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined Sync SRAM
CY7C1480BV33 CYPRESS-CY7C1480BV33_11 Datasheet
1,017Kb / 36P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com