Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1471BV33 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C1471BV33
Description  72-Mbit (2 M x 36/4 M x 18/1 M x 72) Flow-Through SRAM with NoBL Architecture
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1471BV33 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C1471BV33_11 Datasheet HTML 7Page - Cypress Semiconductor CY7C1471BV33_11 Datasheet HTML 8Page - Cypress Semiconductor CY7C1471BV33_11 Datasheet HTML 9Page - Cypress Semiconductor CY7C1471BV33_11 Datasheet HTML 10Page - Cypress Semiconductor CY7C1471BV33_11 Datasheet HTML 11Page - Cypress Semiconductor CY7C1471BV33_11 Datasheet HTML 12Page - Cypress Semiconductor CY7C1471BV33_11 Datasheet HTML 13Page - Cypress Semiconductor CY7C1471BV33_11 Datasheet HTML 14Page - Cypress Semiconductor CY7C1471BV33_11 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
CY7C1471BV33, CY7C1473BV33, CY7C1475BV33
Document Number: 001-15029 Rev. *E
Page 11 of 35
Single Write Accesses
Write accesses are initiated when the following conditions are
satisfied at clock rise: (1) CEN is asserted LOW, (2) CE1, CE2,
and CE3 are all asserted active, and (3) WE is asserted LOW.
The address presented to the address bus is loaded into the
Address Register. The Write signals are latched into the Control
Logic block. The data lines are automatically tri-stated
regardless of the state of the OE input signal. This allows the
external logic to present the data on DQs and DQPX.
On the next clock rise the data presented to DQs and DQPX (or
a subset for Byte Write operations, see section Truth Table for
Read/Write on page 13 for details), input is latched into the
device and the write is complete. Additional accesses
(read/write/deselect) can be initiated on this cycle.
The data written during the write operation is controlled by BWX
signals. The CY7C1471BV33, CY7C1473BV33, and
CY7C1475BV33 provide Byte Write capability that is described
in the section Truth Table for Read/Write on page 13. The input
WE with the selected BWX input selectively writes to only the
desired bytes. Bytes not selected during a Byte Write operation
remain unaltered. A synchronous self timed write mechanism is
provided to simplify the write operations. Byte write capability is
included to greatly simplify read/modify/write sequences, which
can be reduced to simple byte write operations.
Because the CY7C1471BV33, CY7C1473BV33, and
CY7C1475BV33 are common I/O devices, do not drive data into
the device when the outputs are active. The Output Enable (OE)
can be deasserted HIGH before presenting data to the DQs and
DQPX inputs. Doing so tri-states the output drivers. As a safety
precaution, DQs and DQPX are automatically tri-stated during
the data portion of a write cycle, regardless of the state of OE.
Burst Write Accesses
The CY7C1471BV33, CY7C1473BV33, and CY7C1475BV33
have an on-chip burst counter that enables the user to supply a
single address and conduct up to four write operations without
reasserting the address inputs. ADV/LD must be driven LOW to
load the initial address, as described in section Single Write
Accesses on page 11. When ADV/LD is driven HIGH on the
subsequent clock rise, the chip enables (CE1, CE2, and CE3)
and WE inputs are ignored and the burst counter is incremented.
Drive the correct BWX inputs in each cycle of the burst write to
write the correct bytes of data.
Sleep Mode
The ZZ input pin is an asynchronous input. Asserting ZZ places
the SRAM in a power conservation “sleep” mode. Two clock
cycles are required to enter into or exit from this “sleep” mode.
While in this mode, data integrity is guaranteed. Accesses
pending when entering the “sleep” mode are not considered valid
and the completion of the operation is not guaranteed. The
device must be deselected before entering the “sleep” mode.
CE1, CE2, and CE3, must remain inactive for the duration of
tZZREC after the ZZ input returns LOW.
Interleaved Burst Address Table
(MODE = Floating or VDD)
First
Address
A1: A0
Second
Address
A1: A0
Third
Address
A1: A0
Fourth
Address
A1: A0
00
01
10
11
01
00
11
10
10
11
00
01
11
10
01
00
Linear Burst Address Table
(MODE = GND)
First
Address
A1: A0
Second
Address
A1: A0
Third
Address
A1: A0
Fourth
Address
A1: A0
00
01
10
11
01
10
11
00
10
11
00
01
11
00
01
10
ZZ Mode Electrical Characteristics
Parameter
Description
Test Conditions
Min
Max
Unit
IDDZZ
Sleep mode standby current
ZZ > VDD – 0.2 V
120
mA
tZZS
Device operation to ZZ
ZZ > VDD – 0.2 V
2tCYC
ns
tZZREC
ZZ recovery time
ZZ < 0.2 V
2tCYC
–ns
tZZI
ZZ active to sleep current
This parameter is sampled
2tCYC
ns
tRZZI
ZZ Inactive to exit sleep current
This parameter is sampled
0
ns
[+] Feedback


Similar Part No. - CY7C1471BV33_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1471BV33-117AXC CYPRESS-CY7C1471BV33-117AXC Datasheet
907Kb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471BV33-117AXI CYPRESS-CY7C1471BV33-117AXI Datasheet
907Kb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471BV33-117BZC CYPRESS-CY7C1471BV33-117BZC Datasheet
907Kb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471BV33-117BZI CYPRESS-CY7C1471BV33-117BZI Datasheet
907Kb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471BV33-117BZXC CYPRESS-CY7C1471BV33-117BZXC Datasheet
907Kb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
More results

Similar Description - CY7C1471BV33_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1471BV25 CYPRESS-CY7C1471BV25_11 Datasheet
1Mb / 33P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1470V25 CYPRESS-CY7C1470V25_11 Datasheet
878Kb / 31P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined SRAM with NoBL Architecture
CY7C1470V33 CYPRESS-CY7C1470V33_13 Datasheet
721Kb / 38P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470BV25 CYPRESS-CY7C1470BV25_11 Datasheet
981Kb / 29P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined SRAM with NoBL Architecture
CY7C1470BV33 CYPRESS-CY7C1470BV33_11 Datasheet
1Mb / 33P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined SRAM with NoBL Architecture
CY7C1461AV33 CYPRESS-CY7C1461AV33_11 Datasheet
1Mb / 34P
   36-Mbit (1 M x 36/2 M x 18/512 k x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471V33 CYPRESS-CY7C1471V33_13 Datasheet
698Kb / 23P
   72-Mbit (2 M x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1471V25 CYPRESS-CY7C1471V25_13 Datasheet
691Kb / 23P
   72-Mbit (2 M x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1470BV33 CYPRESS-CY7C1470BV33_13 Datasheet
1Mb / 34P
   72-Mbit (2 M x 36/4 M 횞 18/1 M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470BV25 CYPRESS-CY7C1470BV25_13 Datasheet
935Kb / 29P
   72-Mbit (2 M x 36/4 M x 18) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com