Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1470V25 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1470V25
Description  72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined SRAM with NoBL Architecture
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1470V25 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1470V25_11 Datasheet HTML 1Page - Cypress Semiconductor CY7C1470V25_11 Datasheet HTML 2Page - Cypress Semiconductor CY7C1470V25_11 Datasheet HTML 3Page - Cypress Semiconductor CY7C1470V25_11 Datasheet HTML 4Page - Cypress Semiconductor CY7C1470V25_11 Datasheet HTML 5Page - Cypress Semiconductor CY7C1470V25_11 Datasheet HTML 6Page - Cypress Semiconductor CY7C1470V25_11 Datasheet HTML 7Page - Cypress Semiconductor CY7C1470V25_11 Datasheet HTML 8Page - Cypress Semiconductor CY7C1470V25_11 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
CY7C1470V25
CY7C1472V25
CY7C1474V25
72-Mbit (2 M × 36/4 M × 18/1 M × 72)
Pipelined SRAM with NoBL™ Architecture
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 38-05290 Rev. *L
Revised March 28, 2011
72-Mbit (2 M × 36/4 M × 18/1 M × 72) Pipelined SRAM with NoBLTM Architecture
Features
Pin-compatible and functionally equivalent to ZBT™
Supports 250-MHz bus operations with zero wait states
Available speed grades are 250, 200 and 167 MHz
Internally self-timed output buffer control to eliminate the need
to use asynchronous OE
Fully registered (inputs and outputs) for pipelined operation
Byte write capability
Single 2.5 V power supply
2.5 V/1.8 V I/O supply (VDDQ)
Fast clock-to-output times
3.0 ns (for 250-MHz device)
Clock enable (CEN) pin to suspend operation
Synchronous self-timed writes
CY7C1470V25, CY7C1472V25 available in JEDEC-standard
Pb-free 100-pin TQFP, Pb-free and
non Pb-free 165-ball FBGA package. CY7C1474V25 available
in Pb-free and non Pb-free 209-ball FBGA package
IEEE 1149.1 JTAG boundary scan compatible
Burst capability—linear or interleaved burst order
“ZZ” sleep mode option and stop clock option
Functional Description
The CY7C1470V25/CY7C1472V25/CY7C1474V25 are 2.5 V, 2
M × 36/4 M × 18/1 M × 72 synchronous pipelined burst SRAMs
with No Bus Latency™ (NoBL
 logic, respectively. They are
designed to support unlimited true back-to-back read/write
operations
with
no
wait
states.
The
CY7C1470V25/CY7C1472V25/CY7C1474V25 are equipped
with the advanced (NoBL) logic required to enable consecutive
read/write operations with data being transferred on every clock
cycle. This feature dramatically improves the throughput of data
in systems that require frequent write/read transitions. The
CY7C1470V25/CY7C1472V25/CY7C1474V25 are pin-compatible
and functionally equivalent to ZBT devices.
All synchronous inputs pass through input registers controlled by
the rising edge of the clock. All data outputs pass through output
registers controlled by the rising edge of the clock. The clock
input is qualified by the clock enable (CEN) signal, which when
deasserted suspends operation and extends the previous clock
cycle. Write operations are controlled by the Byte Write Selects
(BWa–BWh for CY7C1474V25, BWa–BWd for CY7C1470V25
and BWa–BWb for CY7C1472V25) and a write enable (WE)
input. All writes are conducted with on-chip synchronous
self-timed write circuitry.
Three synchronous chip enables (CE1, CE2, CE3) and an
asynchronous output enable (OE) provide for easy bank
selection and output tri-state control. In order to avoid bus
contention, the output drivers are synchronously tri-stated during
the data portion of a write sequence.
A0, A1, A
C
MODE
BWa
BWb
WE
CE1
CE2
CE3
OE
READ LOGIC
DQs
DQPa
DQPb
DQPc
DQPd
D
A
T
A
S
T
E
E
R
I
N
G
O
U
T
P
U
T
B
U
F
F
E
R
S
MEMORY
ARRAY
E
E
INPUT
REGISTER 0
ADDRESS
REGISTER 0
WRITE ADDRESS
REGISTER 1
WRITE ADDRESS
REGISTER 2
WRITE REGISTRY
AND DATA COHERENCY
CONTROL LOGIC
BURST
LOGIC
A0'
A1'
D1
D0
Q1
Q0
A0
A1
C
ADV/LD
ADV/LD
E
INPUT
REGISTER 1
S
E
N
S
E
A
M
P
S
E
CLK
CEN
WRITE
DRIVERS
BWc
BWd
ZZ
SLEEP
CONTROL
O
U
T
P
U
T
R
E
G
I
S
T
E
R
S
Logic Block Diagram - CY7C1470V25 (2 M × 36)
[+] Feedback


Similar Part No. - CY7C1470V25_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1470V25-167AXC CYPRESS-CY7C1470V25-167AXC Datasheet
382Kb / 27P
   72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470V25-167AXC CYPRESS-CY7C1470V25-167AXC Datasheet
517Kb / 28P
   72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
CY7C1470V25-167AXI CYPRESS-CY7C1470V25-167AXI Datasheet
517Kb / 28P
   72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
CY7C1470V25-167BZC CYPRESS-CY7C1470V25-167BZC Datasheet
382Kb / 27P
   72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470V25-167BZC CYPRESS-CY7C1470V25-167BZC Datasheet
517Kb / 28P
   72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
More results

Similar Description - CY7C1470V25_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1470V33 CYPRESS-CY7C1470V33_13 Datasheet
721Kb / 38P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470BV25 CYPRESS-CY7C1470BV25_11 Datasheet
981Kb / 29P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined SRAM with NoBL Architecture
CY7C1470BV33 CYPRESS-CY7C1470BV33_11 Datasheet
1Mb / 33P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined SRAM with NoBL Architecture
CY7C1470BV33 CYPRESS-CY7C1470BV33_13 Datasheet
1Mb / 34P
   72-Mbit (2 M x 36/4 M 횞 18/1 M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470BV25 CYPRESS-CY7C1470BV25_13 Datasheet
935Kb / 29P
   72-Mbit (2 M x 36/4 M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1470V25 CYPRESS-CY7C1470V25_13 Datasheet
506Kb / 39P
   72-Mbit (2 M × 36/4 M × 18/1 M × 72) Pipelined SRAM with NoBL™ Architecture
June 27, 2013
CY7C1471BV33 CYPRESS-CY7C1471BV33_11 Datasheet
953Kb / 35P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471BV25 CYPRESS-CY7C1471BV25_11 Datasheet
1Mb / 33P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1480BV25 CYPRESS-CY7C1480BV25_11 Datasheet
1Mb / 34P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined Sync SRAM
CY7C1480BV33 CYPRESS-CY7C1480BV33_11 Datasheet
1,017Kb / 36P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com