Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0404FC3.3C Datasheet(PDF) 5 Page - Protek Devices

Part # P0404FC3.3C
Description  250w flip chip tvs array
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

P0404FC3.3C Datasheet(HTML) 5 Page - Protek Devices

  P0404FC3.3C Datasheet HTML 1Page - Protek Devices P0404FC3.3C Datasheet HTML 2Page - Protek Devices P0404FC3.3C Datasheet HTML 3Page - Protek Devices P0404FC3.3C Datasheet HTML 4Page - Protek Devices P0404FC3.3C Datasheet HTML 5Page - Protek Devices P0404FC3.3C Datasheet HTML 6Page - Protek Devices P0404FC3.3C Datasheet HTML 7Page - Protek Devices P0404FC3.3C Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05154.R8 2/11
Page 5
P0404FC3.3C - P0404FC36C
solDeR ReFlow inFoRMation
PRinteD CiRCuit BoaRD ReCoMMenDations
PaRaMeteR
value
Pad Size on PCB
0.275mm
Pad Shape
Round
Pad Definition
Non-Solder Mask Defined Pads
Solder Mask Opening
0.325mm Round
Solder Stencil Thickness
0.150mm
Solder Stencil Aperture Opening (Laser cut, 5% tapered walls)
0.330mm Round
Solder Paste Type
No Clean
Pad Protective Finish
OSP (Entek Cu Plus 106A)
Tolerance - Edge To Corner Ball
±50µm
Solder Ball Side Coplanarity
±20µm
Maximum Dwell Time Above Liquidous (183°C)
60 seconds
Soldering Maximum Temperature
270°C
t
P
30-60 seconds
Ramp-up
15 seconds
(Minimize)
solder-time
15-20 seconds
Ramp-Down
Ramp-Down
solder Melt
(Maximum temp)
Maximum solder Reflow
(35-53°C above Maximum solder Melt temp)
Ramp-up
Preheat
(stay Below Flux activation temp)
ReCoMMenDeD non-solDeR MasK
DeFineD PaD illustRation
non-solder Mask Defined Pad
0.275mm Dia.
solder Mask opening
0.325mm Dia.
solder stencil opening
0.330mm Dia.
RequiReMents
Temperature:
T
P for Lead-Free (Sn/Ag/Cu): 260-270°C
T
P for Tin-Lead: 240-245°C
Preheat time and temperature depends on solder paste and flux activa-
tion temperature, component size, weight, surface area and plating.


Similar Part No. - P0404FC3.3C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P0404FC3.3C PROTEC-P0404FC3.3C Datasheet
117Kb / 6P
   FLIP CHIP ARRAY
P0404FC3.3C PROTEC-P0404FC3.3C Datasheet
80Kb / 6P
   PFLIP CHIP ARRAY
P0404FC3.3C PROTEC-P0404FC3.3C Datasheet
537Kb / 8P
   250W FLIP CHIP TVS ARRAY
P0404FC3.3C PROTEC-P0404FC3.3C_12 Datasheet
537Kb / 8P
   250W FLIP CHIP TVS ARRAY
More results

Similar Description - P0404FC3.3C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SFC05-5 PROTEC-SFC05-5_12 Datasheet
934Kb / 10P
   250W FLIP CHIP TVS ARRAY
P0402FC3.3C PROTEC-P0402FC3.3C_12 Datasheet
802Kb / 9P
   250W FLIP CHIP TVS ARRAY
P0404FC3.3C PROTEC-P0404FC3.3C_12 Datasheet
537Kb / 8P
   250W FLIP CHIP TVS ARRAY
P0406FC3.3C PROTEC-P0406FC3.3C_12 Datasheet
620Kb / 9P
   250W FLIP CHIP TVS ARRAY
P0402FC3.3C PROTEC-P0402FC3.3C_10 Datasheet
799Kb / 9P
   250w flip chip tvs array
P0408FC3.3C PROTEC-P0408FC3.3C_11 Datasheet
619Kb / 9P
   250w flip chip tvs array
P0408FC3.3C PROTEC-P0408FC3.3C_12 Datasheet
621Kb / 9P
   250W FLIP CHIP TVS ARRAY
P0406FC3.3C PROTEC-P0406FC3.3C_11 Datasheet
619Kb / 9P
   250w flip chip tvs array
SFC05-5 PROTEC-SFC05-5_10 Datasheet
932Kb / 10P
   250w flip chip tvs array
PKFC3.3C PROTEC-PKFC3.3C_12 Datasheet
475Kb / 7P
   250W ENCAPSULATED FLIP CHIP TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com