Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLA03151MP8D2 Datasheet(PDF) 5 Page - Thinking Electronic Industrial Co.,Ltd

Part # PLA03151MP8D2
Description  For Switching Application
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

PLA03151MP8D2 Datasheet(HTML) 5 Page - Thinking Electronic Industrial Co.,Ltd

  PLA03151MP8D2 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd PLA03151MP8D2 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd PLA03151MP8D2 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd PLA03151MP8D2 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd PLA03151MP8D2 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd PLA03151MP8D2 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd PLA03151MP8D2 Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd PLA03151MP8D2 Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CPTC Thermistor:PL Series
For Switching Application
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
5
www.thinking.com.tw
2006.07
Reliability Test
Item
Standard
Test conditions / Methods
Specifications
Tensile Strength
Of Terminals
IEC60068-2-21
Fasten body and apply a force gradually
to each lead for 10±1 sec.
Terminal diameter
Force
(mm)
T(N)
0.35<d≦0.5
5.0
0.5<d≦0.8
10.0
R/R25
20%
∣△
∣≦
No damage observed
Solderability
IEC60068-2-20
Then dip each lead into 255±5
solder
for 3±0.5sec.to the 4±1mm above from body .
At least 95% of terminal
electrode is covered by new
solder
Resistance to
Soldering Heat
IEC60068-2-20
Dip each lead into 350±10
solder for 3
4sec.
to the 4±1mm above body.
R/R25
20%
∣△
∣≦
No damage observed
Vibration
IEC60068-2-6
Fasten body to baseboard with solder perfectly
and supply since wave oscillation at frequency from
10 HZ to 55HZ all oscillation with 0.75 mm of
Vibrato for 24 cycles in each of 3 naturally
perpendicular plane for a total of 6 hours
R/R25
20%
∣△
∣≦
No damage observed
Shock
IEC60068-2-27
Putting the PTC product in the shock equipment
Shock wave: half-sine
V=1.0m/s;Acceleration:50m/s2 ;Pulse time:30ms
R/R25
20%
∣△
∣≦
No damage observed
Temp. cycle
IEC60068-2-14
-40±3 ×30min.→+85±2 ×30min
×5Cycles
℃℃
excessive time:2min<T<3min
R/R25
20%
∣△
∣≦
No damage observed
Climatic sequence
IEC60738-1
+40
,20%R.H X 24hrs →100
X 16hrs→25
X 2hrs→
℃℃
+40
,95%R.HX 24hrs→ 0
X 2hrs→+40
,95%R.HX 24hrs→
℃℃
25
X (1~2)hrs
R/R25
20%
∣△
∣≦
No damage observed
Endurance at upper
category temperature
IEC60068-2-2
UCT=60 , for 1000hrs
R/R25
20%
∣△
∣≦
No damage observed
The highest
temperature and
max voltage load
IEC60738-1
UCT=60 , 270V
AC, I
Imax
for 1000hrs
R/R25
20%
∣△
∣≦
No damage observed
Humidity
IEC60068-2-3
40±5 ,90~95%
RH,For 1000±2hrs
R/R25
20%
∣△
∣≦
No damage observed
Room Temperature
Intermittent Load
IEC60738-1
25±5 , 270V
AC, I
Imax
1min. on and 5min. Off ×、10,000 cycles
R/R25
20%
∣△
∣≦
No damage observed


Similar Part No. - PLA03151MP8D2

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PLA03A-050-R PHIHONG-PLA03A-050-R Datasheet
215Kb / 3P
   3.0 Watt - Unregulated Wall Plug
PLA03A-090-R PHIHONG-PLA03A-090-R Datasheet
215Kb / 3P
   3.0 Watt - Unregulated Wall Plug
PLA03A-120-R PHIHONG-PLA03A-120-R Datasheet
215Kb / 3P
   3.0 Watt - Unregulated Wall Plug
More results

Similar Description - PLA03151MP8D2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-R218 STMICROELECTRONICS-GS-R218 Datasheet
48Kb / 3P
   27W SWITCHING REGULATOR FOR AUTOMOTIVE APPLICATION
logo
Fairchild Semiconductor
FJX3012R FAIRCHILD-FJX3012R Datasheet
32Kb / 3P
   Switching Application
FJX4001R FAIRCHILD-FJX4001R Datasheet
42Kb / 4P
   Switching Application
FJX4002R FAIRCHILD-FJX4002R Datasheet
42Kb / 4P
   Switching Application
FJX4007R FAIRCHILD-FJX4007R Datasheet
43Kb / 4P
   Switching Application
FJX4009R FAIRCHILD-FJX4009R Datasheet
39Kb / 4P
   Switching Application
FJX4012R FAIRCHILD-FJX4012R Datasheet
32Kb / 3P
   Switching Application
FJX4013R FAIRCHILD-FJX4013R Datasheet
33Kb / 3P
   Switching Application
KSR1003 FAIRCHILD-KSR1003 Datasheet
37Kb / 4P
   Switching Application
KSR1103 FAIRCHILD-KSR1103 Datasheet
56Kb / 4P
   Switching Application
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com