Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC0402FC36C Datasheet(PDF) 8 Page - Protek Devices

Part # LC0402FC36C
Description  200W LOW CAPACITANCE flip chip tvs array
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

LC0402FC36C Datasheet(HTML) 8 Page - Protek Devices

  LC0402FC36C Datasheet HTML 1Page - Protek Devices LC0402FC36C Datasheet HTML 2Page - Protek Devices LC0402FC36C Datasheet HTML 3Page - Protek Devices LC0402FC36C Datasheet HTML 4Page - Protek Devices LC0402FC36C Datasheet HTML 5Page - Protek Devices LC0402FC36C Datasheet HTML 6Page - Protek Devices LC0402FC36C Datasheet HTML 7Page - Protek Devices LC0402FC36C Datasheet HTML 8Page - Protek Devices LC0402FC36C Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05139.R8 2/11
Page 8
LC0402FC3.3C - LC0402FC36C
TAPE AND REEL INFORMATION
10 Pitches Cumulative
Tolerance on tape ± 0.2
W
F
B0
E
P2
P0
D
P
A0
K0
T
User Direction of Feed
Top Cover
Tape
sPECIFICATIONs
REEL DIA.
TAPE
WIDTh
A0
B0
K0
D
E
F
W
P0
P2
P
Tmax
178(7”)
8
0.70 ± 0.05 1.15 ± 0.10 0.56 ± 0.05 1.55 ± 0.05 1.75 ± 0.10 3.50 ± 0.05 8.00 ± 0.20 4.00 ± 0.05 2.00 ± 0.05 2.00 ± 0.05
0.25
NOTEs
1. Dimensions in millimeters.
2. Top view of tape. Metal contacts are face down in tape package.
3. Orientation: preferred stencil - 0.1mm (0.004”).
4. Surface mount product is taped and reeled in accordance with EIA 481.
5. 8mm plastic tape: 7” Reels - 5,000 (pocket under hole skipped) or 10,000 pieces per reel.
6. Marking on Reel - part number, date code and lot number.
TAPE & REEL ORIENTATION
Single Die - 0402
Package outline, pad layout and tape specifications per document number 06001.R5 8/10.
ORDERING INFORMATION
BAsE PART NuMBER
(xx = voltage)
LEADFREE suFFIX
TAPE suFFIX
qTy/REEL
REEL sIZE
TuBE qTy
LC0402FCxxC
-LF
-T75-1
5,000
7”
n/a
LC0402FCxxC
-LF
-T710-1
10,000
7”
n/a


Similar Part No. - LC0402FC36C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
LC0402FC36C PROTEC-LC0402FC36C Datasheet
625Kb / 9P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
More results

Similar Description - LC0402FC36C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
LC0404FC3.3C PROTEC-LC0404FC3.3C_11 Datasheet
537Kb / 8P
   200W LOW CAPACITANCE flip chip tvs array
LC0408FC3.3C PROTEC-LC0408FC3.3C_11 Datasheet
622Kb / 9P
   200w low capacitance flip chip tvs array
LC0402FC3.3C PROTEC-LC0402FC3.3C_12 Datasheet
625Kb / 9P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
LC0404FC3.3C PROTEC-LC0404FC3.3C_12 Datasheet
538Kb / 8P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
LC0406FC3.3C PROTEC-LC0406FC3.3C_11 Datasheet
622Kb / 9P
   200w low capacitance flip chip tvs array
LC0406FC3.3C PROTEC-LC0406FC3.3C_12 Datasheet
624Kb / 9P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
ULC0402FC36C PROTEC-ULC0402FC36C_12 Datasheet
530Kb / 8P
   200W LOW CAPACITANCE UNBUMPED FLIP CHIP TVS ARRAY
ULC0402FC3.3C PROTEC-ULC0402FC3.3C_11 Datasheet
528Kb / 8P
   200W LOW CAPACITANCE unbumpe d flip chip tvs array
ESD4-LFC PROTEC-ESD4-LFC_12 Datasheet
466Kb / 6P
   LOW CAPACITANCE FLIP CHIP TVS ARRAY
ESD4-LFC PROTEC-ESD4-LFC_11 Datasheet
464Kb / 6P
   LOW CAPACITANCE flip chip tvs array
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com