Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC0408FC3.3C Datasheet(PDF) 2 Page - Protek Devices

Part # LC0408FC3.3C
Description  200w low capacitance flip chip tvs array
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

LC0408FC3.3C Datasheet(HTML) 2 Page - Protek Devices

  LC0408FC3.3C Datasheet HTML 1Page - Protek Devices LC0408FC3.3C Datasheet HTML 2Page - Protek Devices LC0408FC3.3C Datasheet HTML 3Page - Protek Devices LC0408FC3.3C Datasheet HTML 4Page - Protek Devices LC0408FC3.3C Datasheet HTML 5Page - Protek Devices LC0408FC3.3C Datasheet HTML 6Page - Protek Devices LC0408FC3.3C Datasheet HTML 7Page - Protek Devices LC0408FC3.3C Datasheet HTML 8Page - Protek Devices LC0408FC3.3C Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05153.R8 2/11
Page 2
LC0408FC3.3C - LC0408FC36C
tyPiCaL DeviCe ChaRaCteRistiCs
MaXiMuM RatinGs @ 25°C unless otherwise specified
PaRaMeteR
syMBoL
vaLue
units
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
200
Watts
Operating Temperature
T
A
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
eLeCtRiCaL ChaRaCteRistiCs PeR Line @ 25°C unless otherwise specified
PaRt
nuMBeR
(note 1)
RateD
stanD-oFF
voLtaGe
v
wM
voLts
MiniMuM
BReaKDown
voLtaGe
@ 1ma
v
(BR)
voLts
MaXiMuM
CLaMPinG
voLtaGe
(Fig. 2)
@ i
P = 1a
v
C
voLts
MaXiMuM
CLaMPinG
voLtaGe
(Fig. 2)
@ 8/20µs
v
C @ iPP
MaXiMuM
LeaKaGe
CuRRent
(note 2)
@v
wM
i
D
µa
tyPiCaL
CaPaCitanCe
@0v, 1Mhz
C
pF
LC0408FC3.3C
3.3
4.0
7.0
12.5V @ 16A
75*
70
LC0408FC05C
5.9
6.0
11.0
13.0 @ 15A
10**
35
LC0408FC08C
8.0
8.5
13.2
18.0V @ 11A
1
32
LC0408FC12C
12.0
13.3
19.8
26.9V @ 7.4A
1
30
LC0408FC15C
15.0
16.7
25.4
34.5V @ 5.8A
1
25
LC0408FC24C
24.0
26.7
37.2
50.6V @ 4A
1
20
LC0408FC36C
36.0
40.0
70.0
80.0V @ 2.5A
1
18
notes
1. All devices are bidirectional. Electrical characteristics apply in both directions.
2. *Maximum leakage current < 5µA @ 2.8V. **Maximum leakage current < 500nA @ 3.3V.


Similar Part No. - LC0408FC3.3C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
LC0408FC3.3C PROTEC-LC0408FC3.3C Datasheet
123Kb / 6P
   LOW CAPACITANCE FLIP CHIP ARRAY
LC0408FC3.3C PROTEC-LC0408FC3.3C Datasheet
84Kb / 6P
   LOW CAPACITANCE FLIP CHIP ARRAY
LC0408FC3.3C PROTEC-LC0408FC3.3C Datasheet
623Kb / 9P
   200w low capacitance fl ip chip tvs arr ay
LC0408FC3.3C PROTEC-LC0408FC3.3C_07 Datasheet
84Kb / 6P
   LOW CAPACITANCE FLIP CHIP ARRAY
LC0408FC3.3C PROTEC-LC0408FC3.3C_12 Datasheet
623Kb / 9P
   200w low capacitance fl ip chip tvs arr ay
More results

Similar Description - LC0408FC3.3C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
LC0402FC3.3C PROTEC-LC0402FC3.3C Datasheet
623Kb / 9P
   200W LOW CAPACITANCE flip chip tvs array
LC0404FC3.3C PROTEC-LC0404FC3.3C_11 Datasheet
537Kb / 8P
   200W LOW CAPACITANCE flip chip tvs array
LC0402FC3.3C PROTEC-LC0402FC3.3C_12 Datasheet
625Kb / 9P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
LC0404FC3.3C PROTEC-LC0404FC3.3C_12 Datasheet
538Kb / 8P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
LC0406FC3.3C PROTEC-LC0406FC3.3C_11 Datasheet
622Kb / 9P
   200w low capacitance flip chip tvs array
LC0406FC3.3C PROTEC-LC0406FC3.3C_12 Datasheet
624Kb / 9P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
ULC0402FC36C PROTEC-ULC0402FC36C_12 Datasheet
530Kb / 8P
   200W LOW CAPACITANCE UNBUMPED FLIP CHIP TVS ARRAY
ULC0402FC3.3C PROTEC-ULC0402FC3.3C_11 Datasheet
528Kb / 8P
   200W LOW CAPACITANCE unbumpe d flip chip tvs array
ESD4-LFC PROTEC-ESD4-LFC_12 Datasheet
466Kb / 6P
   LOW CAPACITANCE FLIP CHIP TVS ARRAY
ESD4-LFC PROTEC-ESD4-LFC_11 Datasheet
464Kb / 6P
   LOW CAPACITANCE flip chip tvs array
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com