Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPL09500HA0C0 Datasheet(PDF) 8 Page - Thinking Electronic Industrial Co.,Ltd

Part # PPL09500HA0C0
Description  Overload Protection for Telecom Application
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

PPL09500HA0C0 Datasheet(HTML) 8 Page - Thinking Electronic Industrial Co.,Ltd

  PPL09500HA0C0 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd PPL09500HA0C0 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd PPL09500HA0C0 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd PPL09500HA0C0 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd PPL09500HA0C0 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd PPL09500HA0C0 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd PPL09500HA0C0 Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd PPL09500HA0C0 Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd PPL09500HA0C0 Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CPTC Thermistor:
Dip Type PPL Series
Overload Protection for Telecom Application
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
8
www.thinking.com.tw
2010.08
Index
Parameter
Nominal dimensions
Tolerance
P
Lead spacing
5
7.5
5
7.5
±1
P0
Sprocket hole pitch
12.7
12.7
15
15
±0.3
P1
Lead location
3.85
8.95
5
3.75
±1
12.7 (D≦10)
15.0 (D≦10)
P2
Component pitch
25.4 (D>10)
30.0 (D>10)
±1
H0
Height between component
and tape centre
16
16
16
16
+0.5
W
Carrier tape width
18
18
18
18
±1
W0
Adhesive tape width
12
12
12
12
±1
W1
Sprocket hole position
9
9
9
9
±1
W2(max)
Adhesive tape position
3
3
3
3
Max. 3
△P
Component alignment
1
1
1
1
Max. 1
△h
Component alignment
2
2
2
2
Max. 2
A
Tip length
0.5
0.5
0.5
0.5
Max. 0.5
D0
Sprocket hole diameter
4
4
4
4
±0.2
t
Total tape thickness
0.6
0.6
0.6
0.6
±0.2
Quantity
Bulk Packing
Reel Packing
Type
Quantity (Pcs/Reel)
07<Φ≦12
1000
12<Φ≦16
750
Type
Quantity (Pcs/bag)
Φ
≦10
200
10<Φ<20
100
(Unit: mm)
340±10
31±1
46±1
(Unit: mm)


Similar Part No. - PPL09500HA0C0

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
PPL03 BOOKHAM-PPL03 Datasheet
184Kb / 4P
   Hybrid Wire Grid Polarizer & Thin Film Dichroic Filter
PPL04 BOOKHAM-PPL04 Datasheet
184Kb / 4P
   Hybrid Wire Grid Polarizer & Thin Film Dichroic Filter
PPL05 BOOKHAM-PPL05 Datasheet
184Kb / 4P
   Hybrid Wire Grid Polarizer & Thin Film Dichroic Filter
logo
Thinking Electronic Ind...
PPL07100HA0B5-Y THINKING-PPL07100HA0B5-Y Datasheet
170Kb / 6P
   Overload Protection for Telecom Application
PPL07100KA0B5-Y THINKING-PPL07100KA0B5-Y Datasheet
170Kb / 6P
   Overload Protection for Telecom Application
More results

Similar Description - PPL09500HA0C0

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
PPL07100KA0B5-Y THINKING-PPL07100KA0B5-Y Datasheet
170Kb / 6P
   Overload Protection for Telecom Application
logo
Vishay Siliconix
PTCTT VISHAY-PTCTT Datasheet
122Kb / 5P
   TWIN Vertical SMD PTC Thermistors For Telecom Overload Protection
Revision:03-Mar-14
PTCTT VISHAY-PTCTT_V01 Datasheet
121Kb / 5P
   TWIN Vertical SMD PTC Thermistors For Telecom Overload Protection
01-Jan-2022
logo
STMicroelectronics
CLP30-200B1 STMICROELECTRONICS-CLP30-200B1_06 Datasheet
151Kb / 15P
   ASD (Application Specific Devices) Overvoltage and overcurrent protection for telecom line
SMP100MC STMICROELECTRONICS-SMP100MC_05 Datasheet
166Kb / 13P
   Trisil??for telecom equipment protection
SMP100LC STMICROELECTRONICS-SMP100LC_07 Datasheet
148Kb / 12P
   Trisil for telecom equipment protection
SMP75 STMICROELECTRONICS-SMP75 Datasheet
89Kb / 9P
   Trisil??for telecom equipment protection
SMP100MC STMICROELECTRONICS-SMP100MC Datasheet
108Kb / 10P
   TRISIL??FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
SMP80MC STMICROELECTRONICS-SMP80MC Datasheet
85Kb / 9P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMP50 STMICROELECTRONICS-SMP50_07 Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com