Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCF3A10424193 Datasheet(PDF) 3 Page - Thinking Electronic Industrial Co.,Ltd

Part # TCF3A10424193
Description  Lead Frame for Temperature Sensing/Compensation
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

TCF3A10424193 Datasheet(HTML) 3 Page - Thinking Electronic Industrial Co.,Ltd

  TCF3A10424193 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd TCF3A10424193 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd TCF3A10424193 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd TCF3A10424193 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd TCF3A10424193 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NTC Thermistor:
:TCF Type
Lead Frame for Temperature Sensing/Compensation
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
3
www.thinking.com.tw
2008.03
0.1
1
10
100
1000
10000
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
R-T Characteristic Curves (representative)
Soldering Recommendation
Wave Soldering Profile
Recommended Reworking Conditions With Soldering Iron
Item
Conditions
Temperature of Soldering Iron-tip
360℃ (max.)
Soldering Time
3 sec (max.)
Distance from Thermistor
2 mm (min.)
TCF3A202□318*~TCF3A104□419*
Temperature (℃
℃)
TCF3A104□419*
TCF3A473□409*
TCF3A303□409*
TCF3A203□40B*
TCF3A123□347*
TCF3A103□34D*
TCF3A502□33C*
TCF3A202□318*
130±20℃
260℃ Max
Tamb
Cooling
Time
Soldering
Preheating
30~90 sec.
<1 sec.
<10 sec.
Note 1
Note 2
Note 3
Note 1:
(1~3℃)/sec
Note 2:
Approx. 200℃/sec
Note 3:
5℃/sec. (Max)


Similar Part No. - TCF3A10424193

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
TCF30 COOPER-TCF30 Datasheet
269Kb / 2P
   Low-Peak CUBEFuse With and Without Indication
logo
Eaton All Rights Reserv...
TCF30 EATON-TCF30 Datasheet
1Mb / 6P
   UL Class CF branch circuit time-delay CUBEFuse
TCF300 EATON-TCF300 Datasheet
1Mb / 6P
   UL Class CF branch circuit time-delay CUBEFuse
TCF300RN EATON-TCF300RN Datasheet
1Mb / 6P
   UL Class CF branch circuit time-delay CUBEFuse
logo
Cooper Bussmann, Inc.
TCF30RN COOPER-TCF30RN Datasheet
269Kb / 2P
   Low-Peak CUBEFuse With and Without Indication
More results

Similar Description - TCF3A10424193

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TTC05 ETC2-TTC05 Datasheet
2Mb / 5P
   Temperature Compensation/Sensing
logo
Thinking Electronic Ind...
TTS1B50213271 THINKING-TTS1B50213271 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
TGMAA503F3993DA6 THINKING-TGMAA503F3993DA6 Datasheet
94Kb / 4P
   Glass Encapsulated Type for Temperature Sensing/Compensation
TTF3A50211 THINKING-TTF3A50211 Datasheet
103Kb / 5P
   Insulation Film Type for Temperature Sensing/Compensation
logo
EPCOS
S964 EPCOS-S964 Datasheet
530Kb / 26P
   NTC thermistors for temperature sensing and compensation
logo
Thinking Electronic Ind...
DHT0A50213552 THINKING-DHT0A50213552 Datasheet
210Kb / 6P
   Glass Axial Type for Temperature Sensing/Compensation
TTC3A901139D1 THINKING-TTC3A901139D1 Datasheet
150Kb / 7P
   3mm Disc Type for Temperature Sensing/Compensation
logo
EPCOS
B57964S0202F000 EPCOS-B57964S0202F000 Datasheet
324Kb / 17P
   NTC thermistors for temperature sensing and compensation
logo
Thinking Electronic Ind...
TTC050055 THINKING-TTC050055 Datasheet
384Kb / 8P
   圭5 mm Disc Type for Temperature Sensing/Compensation
logo
List of Unclassifed Man...
M02097-11 ETC2-M02097-11 Datasheet
671Kb / 21P
   Temperature compensation for modulation current
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com