Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSMAB104G4253 Datasheet(PDF) 3 Page - Thinking Electronic Industrial Co.,Ltd

Part # TSMAB104G4253
Description  SMD NTC Thermistor for Temperature Sensing
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

TSMAB104G4253 Datasheet(HTML) 3 Page - Thinking Electronic Industrial Co.,Ltd

  TSMAB104G4253 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd TSMAB104G4253 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd TSMAB104G4253 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd TSMAB104G4253 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd TSMAB104G4253 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd TSMAB104G4253 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd TSMAB104G4253 Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd TSMAB104G4253 Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd TSMAB104G4253 Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NTC Thermistor:
:TSM Series
SMD NTC Thermistor for Temperature Sensing
THINKING ELECTRONIC INDUSTRIAL CO., LTD.
3
www.thinking.com.tw
2011.06
All specifications are subject to change without notice.
Electrical Characteristics
Safety
Approvals
Zero Power
Resistance
at 25°C
Tolerance
of R25
B Value
Tolerance
of B value
Max. Power
Dissipation
at 25℃
Dissipation
Factor
Thermal
Time
Constant
Operating
Temperature
Range
Part No.
R25(KΩ)
( ±%)
(K)
(±%)
Pmax(mW)
δ(mW/°C)
τ(Sec.)
TL~TU(°C)
UL/
cUL
TUV
TSM2A503□39H*
50
3975
TSM2A683□39H*
68
3975
TSM2A104□405*
100
4050
TSM2A204□410*
200
4100
TSM2A224□410*
220
1、2、3、
5、10
25/85
4100
1、2、3
240
Approx
2.4
Approx
5.4
-40~+125
Note 1:
□ = Tolerance of R25
Note 2:
* = Tolerance of B value
Note 3:
UL&cUL File No. E138827
TUV File No. R 50167657
*Special specifications are available upon request
Max. Power Dissipation Derating Curve
100
0
25
TU
0
TL
Ambient temperature (
)
TU:Maximum operating temperature (℃)
TL:Minimum operating temperature (℃)
For example:
Ambient temperature (Ta)=55℃
Maximum operating temperature (TU)=125℃
PTa=(TU-Ta)/(TU-25)×Pmax=70% Pmax


Similar Part No. - TSMAB104G4253

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
TSM MERITEK-TSM Datasheet
156Kb / 3P
   NTC Thermistors SMD Thermistors
logo
StarHope
TSM SPSEMI-TSM Datasheet
826Kb / 2P
   Surface Mount Devices
logo
TRACO Electronic AG
TSM TRACOPOWER-TSM Datasheet
1Mb / 7P
   DC/DC Converter TSM Series, 1 Watt
Rev. November 30, 2022
logo
Samtec, Inc
TSM SAMTEC-TSM Datasheet
532Kb / 2P
   SLIM BODY FLAT RIBBON IDC CABLES (2.54 mm) .100" PITCH
TSM-102-01-F-DH SAMTEC-TSM-102-01-F-DH Datasheet
1Mb / 2P
   SMT .025" SQ POST HEADER
More results

Similar Description - TSMAB104G4253

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
TSM1C103F34D3R THINKING-TSM1C103F34D3R Datasheet
162Kb / 8P
   SMD NTC Thermistor for Temperature Sensing
TPM0S541P115RT THINKING-TPM0S541P115RT Datasheet
268Kb / 11P
   SMD PTC Thermistor for Temperature Sensing
logo
Texas Instruments
TMP61 TI1-TMP61_19 Datasheet
1Mb / 29P
[Old version datasheet]   Silicon-Based Linear Thermistor for Temperature Sensing
logo
List of Unclassifed Man...
LNSZ10 ETC-LNSZ10 Datasheet
228Kb / 10P
   NTC Thermistor SMD
MF11 ETC2-MF11 Datasheet
246Kb / 2P
   Temperature Compensation NTC Thermistor
logo
Texas Instruments
TMP61 TI1-TMP61 Datasheet
1Mb / 29P
[Old version datasheet]   Silicon-Based Linear Thermistor for Temperature Sensing
TMP61-Q1 TI1-TMP61-Q1 Datasheet
889Kb / 27P
[Old version datasheet]   Small Silicon-Based Linear Thermistor for Temperature Sensing
TMP61-Q1 TI1-TMP61-Q1_19 Datasheet
890Kb / 27P
[Old version datasheet]   Small Silicon-Based Linear Thermistor for Temperature Sensing
logo
List of Unclassifed Man...
CWF1-103J3380 ETC2-CWF1-103J3380 Datasheet
838Kb / 5P
   Precision NTC Thermistor Probes for Temperature Measurement
logo
Tyco Electronics
LT7330001K0JTG MACOM-LT7330001K0JTG Datasheet
69Kb / 1P
   Temperature Sensing Chip Resistor (P.T.C. Thermistor)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com