Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TTC3A152G39D1 Datasheet(PDF) 6 Page - Thinking Electronic Industrial Co.,Ltd

Part # TTC3A152G39D1
Description  3mm Disc Type for Temperature Sensing/Compensation
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

TTC3A152G39D1 Datasheet(HTML) 6 Page - Thinking Electronic Industrial Co.,Ltd

  TTC3A152G39D1 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd TTC3A152G39D1 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd TTC3A152G39D1 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd TTC3A152G39D1 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd TTC3A152G39D1 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd TTC3A152G39D1 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd TTC3A152G39D1 Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NTC Thermistor:
:TTC03 Series
Ф3mm Disc Type for Temperature Sensing/Compensation
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
6
www.thinking.com.tw
2008.03
W 2
W
W 0
W 1
A
P
P 1
P 0
P 3
P 2
D 0
H
Packaging
Taping Specification
(Unit:mm)
Taping
Code
P0±1
P3±1
P1±1
P2±1.3
H+2/-0
W0±1
W1±1
W2(max)
W±1
Amax
D0±0.2
P±1.0
t±0.2
A
(P0=12.7)
12.7
12.7
4.83
6.35
18
12
9
3
18
1
4
2.54
0.6
E
(P0=15.0)
15.0
15.0
5.98
7.50
18
12
9
3
18
1
4
2.54
0.6
Quantity
Bulk Packing
Reel Packing
Ammo Packing
Body Size/mm
Quantity (pcs/bag)
Φ03
500
Body Size/mm
Quantity (pcs/reel)
Φ03
2500
Body Size/mm
Quantity (pcs/box)
Φ03
2500
t
(Unit: mm)
55±1
31±1
340±10
n
n
n
n
n
n
n
n
n
n
n
348±5


Similar Part No. - TTC3A152G39D1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TTC3710B TOSHIBA-TTC3710B Datasheet
245Kb / 7P
   Bipolar Transistors Silicon NPN Epitaxial Type
2014-11-06 Rev.3.0
More results

Similar Description - TTC3A152G39D1

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
TTC050055 THINKING-TTC050055 Datasheet
384Kb / 8P
   圭5 mm Disc Type for Temperature Sensing/Compensation
TTS1B50213271 THINKING-TTS1B50213271 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
TGMAA503F3993DA6 THINKING-TGMAA503F3993DA6 Datasheet
94Kb / 4P
   Glass Encapsulated Type for Temperature Sensing/Compensation
TTF3A50211 THINKING-TTF3A50211 Datasheet
103Kb / 5P
   Insulation Film Type for Temperature Sensing/Compensation
DHT0A50213552 THINKING-DHT0A50213552 Datasheet
210Kb / 6P
   Glass Axial Type for Temperature Sensing/Compensation
logo
List of Unclassifed Man...
TTC05 ETC2-TTC05 Datasheet
2Mb / 5P
   Temperature Compensation/Sensing
logo
Thinking Electronic Ind...
TCF3A20213181 THINKING-TCF3A20213181 Datasheet
109Kb / 5P
   Lead Frame for Temperature Sensing/Compensation
logo
EPCOS
S964 EPCOS-S964 Datasheet
530Kb / 26P
   NTC thermistors for temperature sensing and compensation
B57964S0202F000 EPCOS-B57964S0202F000 Datasheet
324Kb / 17P
   NTC thermistors for temperature sensing and compensation
logo
List of Unclassifed Man...
SLC0100 ETC1-SLC0100 Datasheet
165Kb / 3P
   CLASS I TEMPERATURE COMPENSATION TYPE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com