Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVM1G5R5M761 Datasheet(PDF) 5 Page - Thinking Electronic Industrial Co.,Ltd

Part # TVM1G5R5M761
Description  SMD Type For ESD Suppressor (Low Clamping Series)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

TVM1G5R5M761 Datasheet(HTML) 5 Page - Thinking Electronic Industrial Co.,Ltd

  TVM1G5R5M761 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd TVM1G5R5M761 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd TVM1G5R5M761 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd TVM1G5R5M761 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd TVM1G5R5M761 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd TVM1G5R5M761 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Metal Oxide Varistor:
:TVM-G Series
SMD Type For ESD Suppressor (Low Clamping Series)
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
5
www.thinking.com.tw
2011.06
Reliability
Item
Standard
Test conditions / Methods
Specifications
Bending Strength
IEC 1051-1
Warp:2mm ; Speed<0.5mm/sec
Duration : 10 sec on PCB..
│△V1mA/V1mA│≦5%
No visible damage
Adhesion
Specification
standard
W≧0.5Kgf
the terminal electrode
shall be break off not the
chip element
Damp Heat Load,
Steady State
IEC 1051-1
40±2
90~95% RH
500±24hrs at VDC
│△V1mA/V1mA│≦10%
No visible damage
High Temp.
Storage
IEC 1051-1
125±5
x 1000±24
hrs
│ V
1mA/V1mA
│ 5%
No visible damage
Rapid Change of
Temperature
IEC 1051-1
The conditions shown below shall be repeated 5 cycles on PCB
Step
Temperature (
)
Period (minutes)
1
-40±5
30±3
2
Room temperature
5±3
3
125±5
30±3
4
Room temperature
5±3
│ V
1mA/V1mA
│ 5%
No visible damage
High Temp.
Load
IEC 1051-1
85±2
1000±24
hrs at VDC
│ V
1mA/V1mA
│ 5%
No visible damage
Low Temp.
Load
Specification
standard
-40±5
1000±24
hrs at VDC
│ V
1mA/V1mA
│ 5%
No visible damage
Max. Energy
Specification
standard
10/1000
µS Waveform, Wmax, 1 surge current
│ V
1mA/V1mA
│ 10%
No visible damage
Vibration
IEC 1051-1
Frequency range:10~55Hz
Amplitude:0.75mm or 98m/S2
Direction:3 mutually perpendicular directions,2hrs each
│ V
1mA/V1mA
│ 5%
No visible damage
Varistor Voltage
Temp.
Coefficient
Specification
Standard
measure V1mA at -40℃、25℃、125℃
│Tc│ 0.05%/
Climatic
Sequence
IEC 1051-1
a. 125
x 16
hrs
b. 1st cycle : 55
93%RH x 24
hrs
c. -40
x 2
hrs
d. 5 cycles : 55
93%RH x 24
hrs/cycle
│△V1mA/V1mA│≦5%
No visible damage
Solderability
IEC 60068-2-20
235±5
2±0.5 sec
At least 95% of terminal
electrode is covered by
new solder
Resistance to
Soldering Heat
IEC 60068-2-20
260±5
10±1 sec
│△V1mA/V1mA│≦5%
No visible damage
Electrostatic
Discharge
(ESD)
IEC 61000-4-2
Contact discharge test voltage:8KV
Polarity:Positive/Negative
Number of test pulse:10/10 times
Discharge network:150pF,330
Operating temperature:15~35℃
Operating humidity:25~75 RH
1. CP
2pF
│△V1mA/V1mA│ 30%
α≧8,lL≦20µA
2. CP>2pF
│ V
1mA/V1mA
│ 10%
α≧8,lL≦20µA
No visible damage
Speed < 0.5mm/sec. on PCB


Similar Part No. - TVM1G5R5M761

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TVM10 OHMITE-TVM10 Datasheet
116Kb / 1P
   Wide resistance range
TVM10J10K OHMITE-TVM10J10K Datasheet
98Kb / 1P
   Ceramic Housed Power Resistors with Standoffs RoHS Compliant
TVM10J1K0 OHMITE-TVM10J1K0 Datasheet
98Kb / 1P
   Ceramic Housed Power Resistors with Standoffs RoHS Compliant
TVM10J1K5 OHMITE-TVM10J1K5 Datasheet
98Kb / 1P
   Ceramic Housed Power Resistors with Standoffs RoHS Compliant
TVM10J2K0 OHMITE-TVM10J2K0 Datasheet
98Kb / 1P
   Ceramic Housed Power Resistors with Standoffs RoHS Compliant
More results

Similar Description - TVM1G5R5M761

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSQA6V8AW5T2 ONSEMI-NSQA6V8AW5T2_09 Datasheet
165Kb / 6P
   Transient Voltage Suppressor ESD Protection Diode with Low Clamping Voltage
September, 2009 ??Rev. 5
logo
Gennum Corporation
1851ZA GENNUM-1851ZA Datasheet
612Kb / 7P
   Low ESD clamping voltage
8052P GENNUM-8052P Datasheet
958Kb / 9P
   Low ESD Clamping Voltage
3381P GENNUM-3381P Datasheet
522Kb / 5P
   Low ESD clamping voltage
3321P GENNUM-3321P Datasheet
778Kb / 8P
   Low ESD clamping voltage
3346P GENNUM-3346P Datasheet
283Kb / 9P
   Low ESD clamping voltage
logo
Formosa MS
ESD5Z3.3C FORMOSA-ESD5Z3.3C Datasheet
202Kb / 7P
   SMD Transient Voltage Suppressor For ESD Protection
N032AT23 FORMOSA-N032AT23 Datasheet
196Kb / 7P
   SMD Transient Voltage Suppressor For ESD Protection
logo
ON Semiconductor
SD12CT1 ONSEMI-SD12CT1 Datasheet
36Kb / 4P
   Transient Voltage Suppressor(Bi-directional ESD Protection with Ultra Low Clamping Voltage)
February, 2005 ??Rev. 0
logo
Leshan Radio Company
LESD9B5.0ST5G LRC-LESD9B5.0ST5G Datasheet
454Kb / 4P
   Transient Voltage Suppressors for ESD Protection Low Clamping Voltage
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com