Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM1631-08DSLP Datasheet(PDF) 1 Page - Protek Devices

Part # EM1631-08DSLP
Description  emi filter/tvs array
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

EM1631-08DSLP Datasheet(HTML) 1 Page - Protek Devices

  EM1631-08DSLP Datasheet HTML 1Page - Protek Devices EM1631-08DSLP Datasheet HTML 2Page - Protek Devices EM1631-08DSLP Datasheet HTML 3Page - Protek Devices EM1631-08DSLP Datasheet HTML 4Page - Protek Devices EM1631-08DSLP Datasheet HTML 5Page - Protek Devices EM1631-08DSLP Datasheet HTML 6Page - Protek Devices EM1631-08DSLP Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05277.R2 4/11
Page 1
EM1631-08DSLP
EMi fiLtER/tvS aRRay
DEScRiPtion
The EM1631-08DSLP is a DFN-16, 8 line low pass filter array with integrated TVS diodes. The EM1631-08DSLP is
designed to suppress unwanted EMI/RFI signals and provide ESD protection for high-speed data interfaces such as
LCD displays and camera imagers for SMART phones.
With a desired cutoff frequency of 110MHz, the EM1631-08DSLP provides good EMI/RFI attenuation better than
35dB in the 800MHz - 3GHz bandwidth. This blocks RF noises from GSM, DCS or Bluetooth which can affect the
baseband chipset and other blocks. Coupled with the integrated TVS diodes, this device is able to meet IEC 61000-4-
2 (ESD) and 61000-4-4 (EFT) immunity requirements.
fEatuRES
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• ESD Protection > 25 kilovolts
• EMI Filtering/TVS Low Pass Filters
• >25dB Attenuation from 800MHz to 3GHz
• Protects up to 8 Data Lines
• RoHS Compliant
• REACH Compliant
MEchanicaL chaRactERiSticS
• Molded JEDEC DFN-16SLP (Low Profile) Package
• Approximate Weight: 7 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 12mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
aPPLicationS
• SMART Phones
• LCD Display Panel
• Portable Electronics
• SMART Cards
ciRcuit DiagRaM & Pin configuRation
Dfn-16 PackagE
GND
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
BOTTOM VIEW
100 Ohm
15pF
15pF
I/On
GND
I/On
For Each Line
I/O connected from pins 1-16, 2-15, 3-14,
5-12, 6-11, 7-10 and 8-9.


Similar Part No. - EM1631-08DSLP

ManufacturerPart #DatasheetDescription
logo
Protek Devices
EM1631-08DSLP PROTEC-EM1631-08DSLP_12 Datasheet
636Kb / 7P
   EMI FILTER/TVS ARRAY
More results

Similar Description - EM1631-08DSLP

ManufacturerPart #DatasheetDescription
logo
Protek Devices
EM02-100 PROTEC-EM02-100 Datasheet
80Kb / 4P
   EMI FILTER/TVS ARRAY
EM4DLP-100L PROTEC-EM4DLP-100L Datasheet
74Kb / 4P
   EMI FILTER/TVS ARRAY
EM6D-100-4D PROTEC-EM6D-100-4D Datasheet
83Kb / 4P
   EMI FILTER/TVS ARRAY
EMIF4-100LFC PROTEC-EMIF4-100LFC_07 Datasheet
88Kb / 5P
   EMI FILTER/TVS ARRAY
EMIF6-100LFC PROTEC-EMIF6-100LFC_07 Datasheet
96Kb / 5P
   EMI FILTER/TVS ARRAY
EM6D100L PROTEC-EM6D100L Datasheet
88Kb / 4P
   EMI FILTER/TVS ARRAY
EMF01-100 PROTEC-EMF01-100 Datasheet
95Kb / 4P
   EMI FILTER/TVS ARRAY
EM4D-100L PROTEC-EM4D-100L_11 Datasheet
744Kb / 7P
   emi filter/tvs array
EM4DLP-100L PROTEC-EM4DLP-100L_11 Datasheet
746Kb / 7P
   emi filter/tvs array
EM4D-100L PROTEC-EM4D-100L Datasheet
74Kb / 4P
   EMI FILTER/TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com