Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVM0G5R5M100 Datasheet(PDF) 2 Page - Thinking Electronic Industrial Co.,Ltd

Part # TVM0G5R5M100
Description  SMD Type For ESD Suppressor (Low Clamping Series)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

TVM0G5R5M100 Datasheet(HTML) 2 Page - Thinking Electronic Industrial Co.,Ltd

  TVM0G5R5M100 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd TVM0G5R5M100 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd TVM0G5R5M100 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd TVM0G5R5M100 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd TVM0G5R5M100 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd TVM0G5R5M100 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Metal Oxide Varistor:
:TVM-G Series
SMD Type For ESD Suppressor (Low Clamping Series)
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
2
www.thinking.com.tw
2011.06
Electrical Characteristics
Max.
Operating
Voltage
Varistor
Voltage
(@ 1mA DC)
Max. Clamping
Voltage
(8/20us )
Max. Surge
Current
(8/20us)
Max.
Energy
(10/1000us)
Typical
Capacitance
@1MHz
Part No..
VDC
(V)
V1mA
(V)
Vp
(V)
Ip
(A)
Imax
(A)
Wmax
(J)
C
(pF)
TVM0G5R5M100
5.5
8.8~13.2
35
1
1
0.01
10
TVM0G5R5M400
5.5
8.8~13.2
30
1
4
0.02
40
TVM0G5R5M900
5.5
8.8~13.2
30
1
10
0.05
90
TVM0G5R5M261
5.5
8.8~13.2
25
1
20
0.05
260
TVM0G5R5M411
5.5
8.8~13.2
25
1
20
0.05
410
TVM1G5R5M761
5.5
8.0~12.0
25
1
30
0.1
760
TVM2G5R5M991
5.5
8.0~12.0
25
1
40
0.1
990
TVM0G090M220
9
11~16
38
1
2
0.02
22
TVM0G090M400
9
11~16
35
1
4
0.02
40
TVM0G090M141
9
11~16
30
1
20
0.05
140
TVM0G090M201
9
11~16
30
1
20
0.05
200
TVM1G090M220
9
11~16
40
1
2
0.02
22
TVM1G090M491
9
11~16
29
1
30
0.1
490
TVM2G090M521
9
11~16
29
1
40
0.1
520
TVM0G140M400
14
15.9~21.5
42
1
4
0.02
40
TVM0G140M900
14
15.9~21.5
38
1
20
0.05
90
TVM0G140M151
14
15.9~21.5
38
1
20
0.05
150
TVM1G140M181
14
15.9~21.5
37
1
30
0.1
180
TVM2G140M321
14
15.9~20.3
34
1
40
0.1
320
TVM2G140M561
14
15.9~20.3
32
1
120
0.3
560
TVM0G180M030
18
46~75
135
1
1
0.01
3
TVM0G180M120
18
22~28
55
1
2
0.03
12
TVM0G180M300
18
22~28
52
1
4
0.05
30
TVM0G180M500
18
22~28
50
1
20
0.05
50
TVM1G180M030
18
46~75
135
1
1
0.01
3
TVM1G180M120
18
22~28
55
1
2
0.03
12
TVM1G180M121
18
22~28
50
1
30
0.1
120
TVM2G180M291
18
22~28
44
1
40
0.1
290
TVM2G180M521
18
22~28
44
1
120
0.3
520
TVM1G260M111
26
31~38
60
1
30
0.1
110
TVM2G260M141
26
29.5~38.5
60
1
40
0.1
140
TVM2G260M221
26
29.5~38.5
60
1
100
0.3
220
TVM1G300M900
30
37~46
74
1
30
0.1
90
TVM2G300M900
30
37~46
72
1
30
0.1
90


Similar Part No. - TVM0G5R5M100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TVM0A080M ETC1-TVM0A080M Datasheet
2Mb / 43P
   ZINC OXIDE VARISTOR 50 SERIES
TVM0A110M ETC1-TVM0A110M Datasheet
2Mb / 43P
   ZINC OXIDE VARISTOR 50 SERIES
TVM0A12RM ETC1-TVM0A12RM Datasheet
2Mb / 43P
   ZINC OXIDE VARISTOR 50 SERIES
TVM0A150L ETC1-TVM0A150L Datasheet
2Mb / 43P
   ZINC OXIDE VARISTOR 50 SERIES
TVM0A180K ETC1-TVM0A180K Datasheet
2Mb / 43P
   ZINC OXIDE VARISTOR 50 SERIES
More results

Similar Description - TVM0G5R5M100

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSQA6V8AW5T2 ONSEMI-NSQA6V8AW5T2_09 Datasheet
165Kb / 6P
   Transient Voltage Suppressor ESD Protection Diode with Low Clamping Voltage
September, 2009 ??Rev. 5
logo
Gennum Corporation
1851ZA GENNUM-1851ZA Datasheet
612Kb / 7P
   Low ESD clamping voltage
8052P GENNUM-8052P Datasheet
958Kb / 9P
   Low ESD Clamping Voltage
3381P GENNUM-3381P Datasheet
522Kb / 5P
   Low ESD clamping voltage
3321P GENNUM-3321P Datasheet
778Kb / 8P
   Low ESD clamping voltage
3346P GENNUM-3346P Datasheet
283Kb / 9P
   Low ESD clamping voltage
logo
Formosa MS
ESD5Z3.3C FORMOSA-ESD5Z3.3C Datasheet
202Kb / 7P
   SMD Transient Voltage Suppressor For ESD Protection
N032AT23 FORMOSA-N032AT23 Datasheet
196Kb / 7P
   SMD Transient Voltage Suppressor For ESD Protection
logo
ON Semiconductor
SD12CT1 ONSEMI-SD12CT1 Datasheet
36Kb / 4P
   Transient Voltage Suppressor(Bi-directional ESD Protection with Ultra Low Clamping Voltage)
February, 2005 ??Rev. 0
logo
Leshan Radio Company
LESD9B5.0ST5G LRC-LESD9B5.0ST5G Datasheet
454Kb / 4P
   Transient Voltage Suppressors for ESD Protection Low Clamping Voltage
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com