Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1461AV33-133AXI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1461AV33-133AXI
Description  36-Mbit (1 M x 36/2 M x 18/512 k x 72) Flow-Through SRAM with NoBL Architecture
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1461AV33-133AXI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1461AV33-133AXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1461AV33-133AXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1461AV33-133AXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1461AV33-133AXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1461AV33-133AXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1461AV33-133AXI Datasheet HTML 11Page - Cypress Semiconductor CY7C1461AV33-133AXI Datasheet HTML 12Page - Cypress Semiconductor CY7C1461AV33-133AXI Datasheet HTML 13Page - Cypress Semiconductor CY7C1461AV33-133AXI Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
CY7C1461AV33
CY7C1463AV33, CY7C1465AV33
Document #: 38-05356 Rev. *I
Page 10 of 34
Functional Overview
The CY7C1461AV33/CY7C1463AV33/CY7C1465AV33 is a
synchronous flow through burst SRAM designed specifically to
eliminate wait states during Write-Read transitions. All
synchronous inputs pass through input registers controlled by
the rising edge of the clock. The clock signal is qualified with the
clock enable input signal (CEN). If CEN is HIGH, the clock signal
is not recognized and all internal states are maintained. All
synchronous operations are qualified with CEN. Maximum
access delay from the clock rise (tCDV) is 6.5 ns (133 MHz
device).
Accesses can be initiated by asserting all three chip enables
(CE1, CE2, CE3) active at the rising edge of the clock. If CEN is
active LOW and ADV/LD is asserted LOW, the address
presented to the device is latched. The access can either be a
read or write operation, depending on the status of the write
enable (WE). BWX can be used to conduct byte write operations.
Write operations are qualified by the Write Enable (WE). All
writes are simplified with on-chip synchronous self timed write
circuitry.
Three synchronous chip enables (CE1, CE2, CE3) and an
asynchronous output enable (OE) simplify depth expansion. All
operations (reads, writes, and deselects) are pipelined. ADV/LD
must be driven LOW after the device is deselected to load a new
address for the next operation.
Single Read Accesses
A read access is initiated when these conditions are satisfied at
clock rise:
CEN is asserted LOW
CE1, CE2, and CE3 are ALL asserted active
The write enable input signal WE is deasserted HIGH
ADV/LD is asserted LOW
The address presented to the address inputs is latched into the
address register and presented to the memory array and control
logic. The control logic determines that a read access is in
progress and allows the requested data to propagate to the
output buffers. The data is available within 6.5 ns (133 MHz
device) provided OE is active LOW. After the first clock of the
read access, the output buffers are controlled by OE and the
internal control logic. OE must be driven LOW for the device to
drive out the requested data. On the subsequent clock, another
operation (Read/Write/Deselect) can be initiated. When the
SRAM is deselected at clock rise by one of the chip enable
signals, its output is tri-stated immediately.
Burst Read Accesses
The CY7C1461AV33/CY7C1463AV33/CY7C1465AV33 has an
on-chip burst counter that provides the ability to supply a single
address and conduct up to four reads without reasserting the
address inputs. ADV/LD must be driven LOW to load a new
address into the SRAM, as described in the Single Read
Accesses section. The sequence of the burst counter is
determined by the MODE input signal. A LOW input on MODE
selects a linear burst mode, a HIGH selects an interleaved burst
sequence. Both burst counters use A0 and A1 in the burst
sequence, and wraps around when incremented sufficiently. A
HIGH input on ADV/LD increments the internal burst counter
regardless of the state of chip enable inputs or WE. WE is latched
at the beginning of a burst cycle. Therefore, the type of access
(read or write) is maintained throughout the burst sequence.
TDO
JTAG Serial
Output
Synchronous
Serial Data-Out to the JTAG Circuit. Delivers data on the negative edge of TCK. If the JTAG
feature is not used, leave this pin unconnected. This pin is not available on TQFP packages.
TDI
JTAG Serial
Input
Synchronous
Serial Data-In to the JTAG Circuit. Sampled on the rising edge of TCK. If the JTAG feature is not
used, this pin can be left floating or connected to VDD through a pull up resistor. This pin is not
available on TQFP packages.
TMS
JTAG Serial
Input
Synchronous
Serial Data-In to the JTAG Circuit. Sampled on the rising edge of TCK. If the JTAG feature is not
used, this pin can be disconnected or connected to VDD. This pin is not available on TQFP
packages.
TCK
JTAG-Clock Clock Input to the JTAG Circuitry. If the JTAG feature is not used, this pin must be connected
to VSS. This pin is not available on TQFP packages.
NC
N/A
No Connects. Not internally connected to the die.
NC/72M
N/A
Not Connected to the Die. Can be tied to any voltage level.
NC/144M
N/A
Not Connected to the Die. Can be tied to any voltage level.
NC/288M
N/A
Not Connected to the Die. Can be tied to any voltage level.
NC/576M
N/A
Not Connected to the Die. Can be tied to any voltage level.
NC/1G
N/A
Not Connected to the Die. Can be tied to any voltage level.
Pin Definitions (continued)
Pin Name
IO
Description
[+] Feedback


Similar Part No. - CY7C1461AV33-133AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1461AV33-133AXI CYPRESS-CY7C1461AV33-133AXI Datasheet
1Mb / 31P
   36-Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1461AV33-133AXI CYPRESS-CY7C1461AV33-133AXI Datasheet
511Kb / 29P
   36-Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1461AV33-133AXI CYPRESS-CY7C1461AV33-133AXI Datasheet
859Kb / 32P
   36 Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1461AV33-133AXI CYPRESS-CY7C1461AV33-133AXI Datasheet
442Kb / 24P
   36-Mbit (1 M 횞 36/2 M 횞 18) Flow-Through SRAM with NoBL??Architecture
More results

Similar Description - CY7C1461AV33-133AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1441AV33 CYPRESS-CY7C1441AV33_11 Datasheet
1Mb / 34P
   36-Mbit (1 M x 36/2 M x 18/512 k x 72) Flow-Through SRAM
CY7C1471BV33 CYPRESS-CY7C1471BV33_11 Datasheet
953Kb / 35P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471BV25 CYPRESS-CY7C1471BV25_11 Datasheet
1Mb / 33P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1441AV25 CYPRESS-CY7C1441AV25_13 Datasheet
1Mb / 33P
   36-Mbit (1 M x 36/512 K x 72) Flow-Through SRAM
CY7C1461AV33 CYPRESS-CY7C1461AV33_08 Datasheet
859Kb / 32P
   36 Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1461AV33 CYPRESS-CY7C1461AV33 Datasheet
1Mb / 31P
   36-Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1461AV33 CYPRESS-CY7C1461AV33_06 Datasheet
511Kb / 29P
   36-Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1471V33 CYPRESS-CY7C1471V33_13 Datasheet
698Kb / 23P
   72-Mbit (2 M x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1471V25 CYPRESS-CY7C1471V25_13 Datasheet
691Kb / 23P
   72-Mbit (2 M x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1371DV33 CYPRESS-CY7C1371DV33 Datasheet
919Kb / 29P
   18-Mbit (512 K x 36) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com