Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TTF3A473J34D1 Datasheet(PDF) 1 Page - Thinking Electronic Industrial Co.,Ltd

Part # TTF3A473J34D1
Description  Insulation Film Type for Temperature Sensing/Compensation
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

TTF3A473J34D1 Datasheet(HTML) 1 Page - Thinking Electronic Industrial Co.,Ltd

  TTF3A473J34D1 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd TTF3A473J34D1 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd TTF3A473J34D1 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd TTF3A473J34D1 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd TTF3A473J34D1 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NTC Thermistor:
:TTF Type
Insulation Film Type for Temperature Sensing/Compensation
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
1
www.thinking.com.tw
2008.05
Features
1. RoHS compliant
2. Radial leaded insulation film coated
3. -40 ~ +100℃ operating temperature range
4. Agency recognition: UL /cUL
Recommended Applications
1. Home appliances (air conditioner, refrigerator,
electric fan, electric cooker, washing machine,
microwave oven, drinking machine, CTV, radio.)
2. Computers
3. Battery pack
Part Number Code
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Structure and Dimensions
Product Type
TTF
Thinking
NTC thermistor
TTF type
Size
3
φ 3mm
Zero Power
Resistance
at 25℃ (R25)
102
1KΩ
103
10KΩ
473
47KΩ
Tolerance of
R25
F
±1%
G
±2%
H
±3%
J
±5%
K
±10%
B Value
First
Two Digits
30
31
32
40
41
30
31
32
40
41
B Value
Last
Two Digits
0
A
1
B
2
H
8
J
9
K
00
05
10
15
20
75
80
85
90
95
Tolerance of
B Value
1
±1%
2
±2%
3
±3%
Optional Suffix
Y
RoHS
compliant
Appearance
A
L:25mm solder part 5mm
B
L:50mm solder part 5mm
Definition
of
B Value
A
B25/85
B
B25/50
3.6 ± 0.5
Φ0.5
0.5 ± 0.035
1.8 ± 0.1
Slipped film:
1.0max
(Unit:mm)
0.17 ± 0.02
NTC
Thermistor


Similar Part No. - TTF3A473J34D1

ManufacturerPart #DatasheetDescription
logo
ABB
TTF300 ABB-TTF300 Datasheet
2Mb / 32P
   Field-mount temperature transmitter
03.2023
More results

Similar Description - TTF3A473J34D1

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
TTS1B50213271 THINKING-TTS1B50213271 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
TGMAA503F3993DA6 THINKING-TGMAA503F3993DA6 Datasheet
94Kb / 4P
   Glass Encapsulated Type for Temperature Sensing/Compensation
DHT0A50213552 THINKING-DHT0A50213552 Datasheet
210Kb / 6P
   Glass Axial Type for Temperature Sensing/Compensation
TTC3A901139D1 THINKING-TTC3A901139D1 Datasheet
150Kb / 7P
   3mm Disc Type for Temperature Sensing/Compensation
logo
List of Unclassifed Man...
TTC05 ETC2-TTC05 Datasheet
2Mb / 5P
   Temperature Compensation/Sensing
logo
Thinking Electronic Ind...
TCF3A20213181 THINKING-TCF3A20213181 Datasheet
109Kb / 5P
   Lead Frame for Temperature Sensing/Compensation
TTC050055 THINKING-TTC050055 Datasheet
384Kb / 8P
   圭5 mm Disc Type for Temperature Sensing/Compensation
logo
EPCOS
S964 EPCOS-S964 Datasheet
530Kb / 26P
   NTC thermistors for temperature sensing and compensation
B57964S0202F000 EPCOS-B57964S0202F000 Datasheet
324Kb / 17P
   NTC thermistors for temperature sensing and compensation
logo
IRC - a TT electronics ...
RGT2-30001002G IRCTT-RGT2-30001002G Datasheet
183Kb / 3P
   Thick Film Temperature Compensation Resistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com