Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPL07500HA0C0-Y Datasheet(PDF) 5 Page - Thinking Electronic Industrial Co.,Ltd

Part # PPL07500HA0C0-Y
Description  Overload Protection for Telecom Application
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

PPL07500HA0C0-Y Datasheet(HTML) 5 Page - Thinking Electronic Industrial Co.,Ltd

  PPL07500HA0C0-Y Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd PPL07500HA0C0-Y Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd PPL07500HA0C0-Y Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd PPL07500HA0C0-Y Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd PPL07500HA0C0-Y Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd PPL07500HA0C0-Y Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CPTC Thermistor: Twin SMD Type PPL Series
Overload Protection for Telecom Application
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
5
www.thinking.com.tw
2010.08
Reliability
Item
Standard
Test conditions / Methods
Specifications
Solderability
IEC60068-2-58
245±5℃ , 3±0.3 sec.
At least 95% of terminal
electrode is covered by new
solder
Resistance to
Soldering Heat
IEC60068-2-58
255±5℃ ,10±1 sec.
R/R
∣∣
25
20%
∣∣
No visible damage
Vibration
IEC60068-2-6
Frequency range: 10~55Hz
Amplitude: 0.75mm or 98m/S2
Direction: 3 mutually perpendicular directions, 2hrs each.
R/R
∣∣
25
20%
∣∣
No visible damage
Shock
IEC60068-2-27
Wave: half-sine
⊿V:1.0m/s
Acceleration: 50m/s2
Pulse time:30ms
R/R
∣∣
25
20%
∣∣
No visible damage
Rapid Change of
Temperature
IEC60068-2-14
The rapid change conditions shown below shall be repeated 5 cycles.
Step
Temperature(℃)
Period(minutes)
1
-40 ± 3
30 ± 3
2
Room temperature
5 ± 3
3
85 ± 2
30 ± 3
4
Room temperature
5 ± 3
R/R
∣∣
25
20%
∣∣
No visible damage
Climatic Sequence
IEC60738-1
+40
,
℃ 20%R.H X 24hrs →100
X 16hrs→25
X 2hrs→
+40
,
℃ 95%R.HX 24hrs→ 0
X 2hrs→+40
,
℃ 95%R.HX 24hrs→
25
X (1~2)hrs
R/R
∣∣
25
20%
∣∣
No visible damage
High Temperature
Storage
IEC60068-2-2
60℃, for 1000 hrs
R/R
∣∣
25
20%
∣∣
No visible damage
High Temperature
Continuous Load
IEC60738-1
60℃, Vmax, It<I<Imax for 1000 hrs
R/R
∣∣
25
20%
∣∣
No visible damage
Damp Heat,
Steady State
IEC60068-2-3
40±2℃, 90~95%RH, for 1000±2 hrs
R/R
∣∣
25
20%
∣∣
No visible damage
Over Current
Specification
Standard
220Vrms, 3A, 60s on and 600s off , ×20 cycles
∣△R/R25∣≦20%
No visible damage
Power Contact
ITU-T K.20 9.4
230Vrms,10 , 15Min
∣△R/R25∣≦20%
No visible damage
Lightning Surge
ITU-T K30 4.2.5
DC:1.0KV﹐10/1000µs,25A,×30 cycles
DC:1.5KV﹐10/310µs,37.5A,x10cycles
∣△R/R25∣≦20%
No visible damage
Power Induction
Specification
Standard
650Vrms, 600 , 1s on and 60s off ×10 cycles
∣△R/R25∣≦20%
No visible damage


Similar Part No. - PPL07500HA0C0-Y

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
PPL07500HA0C0 THINKING-PPL07500HA0C0 Datasheet
266Kb / 9P
   Overload Protection for Telecom Application
More results

Similar Description - PPL07500HA0C0-Y

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
PPL137R0KA0B5 THINKING-PPL137R0KA0B5 Datasheet
266Kb / 9P
   Overload Protection for Telecom Application
logo
Vishay Siliconix
PTCTT VISHAY-PTCTT Datasheet
122Kb / 5P
   TWIN Vertical SMD PTC Thermistors For Telecom Overload Protection
Revision:03-Mar-14
PTCTT VISHAY-PTCTT_V01 Datasheet
121Kb / 5P
   TWIN Vertical SMD PTC Thermistors For Telecom Overload Protection
01-Jan-2022
logo
STMicroelectronics
CLP30-200B1 STMICROELECTRONICS-CLP30-200B1_06 Datasheet
151Kb / 15P
   ASD (Application Specific Devices) Overvoltage and overcurrent protection for telecom line
SMP100MC STMICROELECTRONICS-SMP100MC_05 Datasheet
166Kb / 13P
   Trisil??for telecom equipment protection
SMP100LC STMICROELECTRONICS-SMP100LC_07 Datasheet
148Kb / 12P
   Trisil for telecom equipment protection
SMP75 STMICROELECTRONICS-SMP75 Datasheet
89Kb / 9P
   Trisil??for telecom equipment protection
SMP100MC STMICROELECTRONICS-SMP100MC Datasheet
108Kb / 10P
   TRISIL??FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
SMP80MC STMICROELECTRONICS-SMP80MC Datasheet
85Kb / 9P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMP50 STMICROELECTRONICS-SMP50_07 Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com