Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPD08100NP9B2 Datasheet(PDF) 8 Page - Thinking Electronic Industrial Co.,Ltd

Part # PPD08100NP9B2
Description  Overload Protection
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

PPD08100NP9B2 Datasheet(HTML) 8 Page - Thinking Electronic Industrial Co.,Ltd

Back Button PPD08100NP9B2 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd PPD08100NP9B2 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd PPD08100NP9B2 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd PPD08100NP9B2 Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd PPD08100NP9B2 Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd PPD08100NP9B2 Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd PPD08100NP9B2 Datasheet HTML 10Page - Thinking Electronic Industrial Co.,Ltd PPD08100NP9B2 Datasheet HTML 11Page - Thinking Electronic Industrial Co.,Ltd PPD08100NP9B2 Datasheet HTML 12Page - Thinking Electronic Industrial Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
CPTC Thermistor:
:PP Series
Overload Protection
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
8
www.thinking.com.tw
2008.04
220VAC/ 120℃
Curie
Temperature
Nominal
Zero-power
Resistance
Non-
operating
Current at
25℃
Trip Current
at 25℃
Voltage
Maximum
Current
Dimensions
Safety
Approvals
Part No.
Tc (℃)
R25 ( )
IN (mA)
It (mA)
VR(VAC)
Imax(A)
Dmax
(mm)
Tmax
(mm)
d±0.02
(mm)
Hmax
(mm)
UL
cUL CQC TUV
PPL03151□A2B2
150
30
90
220
0.3
5.0
5.0
0.5
8.5
PPL03302□A2B2
3000
9
18
220
0.2
5.0
5.0
0.5
8.5
PPL04381□A2B2
380
35
70
220
0.25
6.5
5.0
0.6
10.5
PPL04561□A2B2
560
30
60
220
0.2
6.5
5.0
0.6
10.5
PPL04851□A2B2
850
25
50
220
0.16
6.5
5.0
0.6
10.5
PPL04122□A2B2
1200
20
40
220
0.13
6.5
5.0
0.6
10.5
PPL04192□A2B2
1900
15
30
220
0.11
6.5
5.0
0.6
10.5
PPL05750□A2B2
75
50
150
220
0.5
7.0
5.0
0.6
10.5
PPL05181□A2B2
180
29
70
220
0.3
7.0
5.0
0.6
10.5
PPL06121□A2B2
120
35
100
220
0.4
8.0
5.0
0.6
11.5
PPL06201□A2B2
200
50
100
220
0.35
8.0
5.0
0.6
11.5
PPL06281□A2B2
280
45
90
220
0.29
8.0
5.0
0.6
11.5
PPL07560□A2B2
56
60
200
220
0.8
9.0
5.0
0.6
12.5
PPL07820□A2B2
82
60
160
220
0.5
9.0
5.0
0.6
12.5
PPL08240□A2B2
24
100
300
220
1.1
10
5.0
0.6
13.5
PPL08360□A2B2
36
85
250
220
1.0
10
5.0
0.6
13.5
PPL08390□A2B2
39
75
240
220
1.0
10
5.0
0.6
13.5
PPL08500□A2B2
50
105
210
220
0.73
10
5.0
0.6
13.5
PPL08510□A2B2
51
65
195
220
1.0
10
5.0
0.6
13.5
PPL08620□A2B2
62
55
165
220
1.0
10
5.0
0.6
13.5
PPL08720□A2B2
72
90
180
220
0.6
10
5.0
0.6
13.5
PPL09160□A2B2
16
150
450
220
1.5
11
5.0
0.6
14.5
PPL10150□A2B2
15
140
280
220
1.5
12
5.0
0.6
15.5
PPL10260□A2B2
26
155
310
220
1.1
12
5.0
0.6
15.5
PPL10390□A2B2
39
100
250
220
1.2
12
5.0
0.6
15.5
PPL11110□A2B2
11
200
600
220
2.2
13.5
5.0
0.6
16.5
PPL12100□A2B2
10
230
650
220
2.3
14
5.0
0.6
17.5
PPL12140□A2B2
14
230
460
220
1.7
14
5.0
0.6
17.5
PPL12200□A2B2
20
195
390
220
1.3
14
5.0
0.6
17.5
PPL12270□A2B2
27
120
350
220
1.5
14
5.0
0.6
17.5
PPL14180□A2B2
18
180
450
220
1.8
16
5.0
0.6
19.5
PPL156R2□A2B2
6.2
320
960
220
4.0
17.5
5.0
0.6
21.5
PPL168R0□A2B2
8.0
350
700
220
2.5
17.5
5.0
0.6
21.5
PPL203R6□A2B2
3.6
460
1380
220
7.0
22
5.0
0.6
25.5
PPL205R0□A2B2
5.0
505
1010
220
3.6
22
5.0
0.6
25.5
PPL207R0□A2B2
7.0
425
850
220
3.0
22
5.0
0.6
25.5
PPL242R4□A2B2
120±10
2.4
660
1980
220
10.5
26
5.0
0.8
29.5


Similar Part No. - PPD08100NP9B2

ManufacturerPart #DatasheetDescription
logo
3M Electronics
PPD 3M-PPD Datasheet
156Kb / 3P
   3M??Fire Barrier Plastic Pipe Device (PPD)
logo
M-System Co.,Ltd.
PPD MSYSTEM-PPD Datasheet
157Kb / 5P
   Plug-in Signal Conditioners M-UNIT
PPD-A1A1N-K MSYSTEM-PPD-A1A1N-K Datasheet
157Kb / 5P
   Plug-in Signal Conditioners M-UNIT
PPD-A1A1N-K/Q MSYSTEM-PPD-A1A1N-K/Q Datasheet
157Kb / 5P
   Plug-in Signal Conditioners M-UNIT
PPD-A1A1N-P MSYSTEM-PPD-A1A1N-P Datasheet
157Kb / 5P
   Plug-in Signal Conditioners M-UNIT
More results

Similar Description - PPD08100NP9B2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS307 INFINEON-BTS307_13 Datasheet
374Kb / 12P
   Overload protection
2013-10-10
logo
STMicroelectronics
STEVAL-ISA103V1 STMICROELECTRONICS-STEVAL-ISA103V1 Datasheet
225Kb / 4P
   Overload protection
March 2012 Rev 1
L78 STMICROELECTRONICS-L78 Datasheet
2Mb / 54P
   Thermal overload protection
November 2016 Rev 34
logo
EPCOS
B59707-A1120-A62 EPCOS-B59707-A1120-A62 Datasheet
43Kb / 2P
   Overload Protection SMDs
logo
M.S. Kennedy Corporatio...
MSK5212 MSK-MSK5212 Datasheet
151Kb / 6P
   Internal Thermal Overload Protection
MSK5214 MSK-MSK5214 Datasheet
151Kb / 6P
   Internal Thermal Overload Protection
logo
Inchange Semiconductor ...
LM7805 ISC-LM7805 Datasheet
239Kb / 2P
   Internal thermal overload protection
logo
M.S. Kennedy Corporatio...
MSK5211 MSK-MSK5211 Datasheet
151Kb / 6P
   Internal Thermal Overload Protection
MSK5213 MSK-MSK5213 Datasheet
151Kb / 6P
   Internal Thermal Overload Protection
logo
Inchange Semiconductor ...
LM7812 ISC-LM7812 Datasheet
240Kb / 2P
   Internal thermal overload protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com