Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPM1S471P075R Datasheet(PDF) 1 Page - Thinking Electronic Industrial Co.,Ltd

Part # TPM1S471P075R
Description  SMD PTC Thermistor for Temperature Sensing
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

TPM1S471P075R Datasheet(HTML) 1 Page - Thinking Electronic Industrial Co.,Ltd

  TPM1S471P075R Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd TPM1S471P075R Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd TPM1S471P075R Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd TPM1S471P075R Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd TPM1S471P075R Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd TPM1S471P075R Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd TPM1S471P075R Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd TPM1S471P075R Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd TPM1S471P075R Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PTC Thermistor:
:TPM-S Series
SMD PTC Thermistor for Temperature Sensing
THINKING ELECTRONIC INDUSTRIAL CO., LTD.
1
www.thinking.com.tw
2011.05
All specifications are subject to change without notice
Features
1. RoHS & Halogen-free compliant
2. Thermistor chip with lead-free tinned terminals
3. EIA size 0402,0603,0805
4. Fast and reliable response
5. Suitable for reflow soldering
6. Agency Recognition:
UL & cUL:File No. E138827
TUV:File No. R50133294
Recommended Applications
1. DC/DC converters
2. AC adapter
3. Inverter
4. Overheat protection for transistor and ICs
5. LED
Part Number Code
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
■ Structure and Dimensions
(Unit: mm)
Part No.
Size (EIA)
L1
W
H max.
L2 and L3
TPM0
0402
1.00±0.15
0.50±0.10
0.60
0.20±0.10
TPM1
0603
1.60±0.15
0.80±0.15
0.95
0.40±0.20
TPM2
0805
2.00±0.20
1.25±0.20
1.20
0.45±0.25
Size (EIA)
0
0402
1
0603
2
0805
Product Type
TPM
THINKING PTC
Thermistor
TPM Series
Series
S
Temperature
Sensing
Zero Power
Resistance at 25℃
471
470
103
10K
473
47K
Tolerance of R25
N
±30﹪
P
±50﹪
Packaging
R
Reel
B
Bulk
Optional Suffix
T
Dual Sensing
Temperature
Series
Sensing
Temperature
105
105℃
115
115℃
125
125℃
130
130℃


Similar Part No. - TPM1S471P075R

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
TPM1S471P075RA THINKING-TPM1S471P075RA Datasheet
198Kb / 9P
   SMD CPTC Thermistor for Automotive Application
More results

Similar Description - TPM1S471P075R

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
TSMAA682134D1 THINKING-TSMAA682134D1 Datasheet
222Kb / 9P
   SMD NTC Thermistor for Temperature Sensing
TSM1C103F34D3R THINKING-TSM1C103F34D3R Datasheet
162Kb / 8P
   SMD NTC Thermistor for Temperature Sensing
logo
Texas Instruments
TMP61 TI1-TMP61_19 Datasheet
1Mb / 29P
[Old version datasheet]   Silicon-Based Linear Thermistor for Temperature Sensing
logo
KOA Speer Electronics, ...
PT722AT70CTE471 KOA-PT722AT70CTE471 Datasheet
513Kb / 2P
   ptc chip thermistor (for over-temperature protection)
logo
Texas Instruments
TMP61 TI1-TMP61 Datasheet
1Mb / 29P
[Old version datasheet]   Silicon-Based Linear Thermistor for Temperature Sensing
TMP61-Q1 TI1-TMP61-Q1 Datasheet
889Kb / 27P
[Old version datasheet]   Small Silicon-Based Linear Thermistor for Temperature Sensing
TMP61-Q1 TI1-TMP61-Q1_19 Datasheet
890Kb / 27P
[Old version datasheet]   Small Silicon-Based Linear Thermistor for Temperature Sensing
logo
Murata Manufacturing Co...
PTH451 MURATA-PTH451 Datasheet
45Kb / 1P
   PTC THERMISTOR FOR DEGAUSSING
logo
Tyco Electronics
LT7330001K0JTG MACOM-LT7330001K0JTG Datasheet
69Kb / 1P
   Temperature Sensing Chip Resistor (P.T.C. Thermistor)
logo
Microchip Technology
AN897 MICROCHIP-AN897 Datasheet
429Kb / 16P
   Thermistor Temperature Sensing with MCP6SX2 PGAs
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com