Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMC5S300 Datasheet(PDF) 16 Page - Thinking Electronic Industrial Co.,Ltd

Part # KMC5S300
Description  Polymer PTC Resettable Fuse
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

KMC5S300 Datasheet(HTML) 16 Page - Thinking Electronic Industrial Co.,Ltd

Back Button KMC5S300 Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd KMC5S300 Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd KMC5S300 Datasheet HTML 10Page - Thinking Electronic Industrial Co.,Ltd KMC5S300 Datasheet HTML 11Page - Thinking Electronic Industrial Co.,Ltd KMC5S300 Datasheet HTML 12Page - Thinking Electronic Industrial Co.,Ltd KMC5S300 Datasheet HTML 13Page - Thinking Electronic Industrial Co.,Ltd KMC5S300 Datasheet HTML 14Page - Thinking Electronic Industrial Co.,Ltd KMC5S300 Datasheet HTML 15Page - Thinking Electronic Industrial Co.,Ltd KMC5S300 Datasheet HTML 16Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Polymer PTC Resettable Fuse:
:KMC Series
SMD Type
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
16
www.thinking.com.tw
2009.12
All specifications are subject to change without notice.
Size
TKS
Raychem
Polytronics
Bourns
Littelfuse
KMC5S010
------
SMD1812P010TF
MF-MSMF 010
1812L 010
KMC5S014
miniSMDC014F
SMD1812P014TF
MF-MSMF 014
1812L 014
KMC5S020
miniSMDC020F
SMD1812P020TF
MF-MSMF 020
1812L 020
KMC5S035
------
------
------
------
KMC5S050
miniSMDC050F
SMD1812P050TF
MF-MSMF 050
1812L 050-C
KMC5S075
miniSMDC075F
SMD1812P075TF
MF-MSMF 075
1812L 075-C
KMC5S075-24
miniSMDC075F/24
SMD1812P075TF/24
MF-MSMF 075/24
1812L 075/24
KMC5S075-33
------
SMD1812P075TF/33
------
1812L 075/33
KMC5S110
miniSMDC110F
SMD1812P110TF
MF-MSMF 110
1812L 110-C
KMC5S110-16
miniSMDC110F/16
SMD1812P110TF/16
MF-MSMF 110/16
1812L 110/16
KMC5S110-24
miniSMDC110F/24
SMD1812P110TF/24
------
------
KMC5S110-33
------
SMD1812P110TF/33
------
1812L 110/33
KMC5S125
miniSMDC125F
SMD1812P125TF/6,4L
MF-MSMF 125
1812L 125/6
KMC5S125-16
miniSMDC125F/16
SMD1812P125TF/16
------
1812L 125-C
KMC5S150
miniSMDC150F
SMD1812P150TF/8
MF-MSMF 150
1812L 150-C
KMC5S150-12
miniSMDC150F/12
SMD1812P150TF/12
------
1812L 150/12
KMC5S150-24
miniSMDC150F/24
SMD1812P150TF/24
MF-MSMF 150/24X
1812L 150/24
KMC5S160
miniSMDC160F
SMD1812P160TF/8(4L)
MF-MSMF 160
1812L 160-C
KMC5S200
miniSMDC200F
SMD1812P200TFT
MF-MSMF 200
1812L 200-C
KMC5S260
miniSMDC260F
SMD1812P260TFT
MF-MSMF 260
1812L 260-C
1812
KMC5S300
------
SMD1812P300TF
------
------


Similar Part No. - KMC5S300

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
KMC500E105M32N0T00 CHEMI-CON-KMC500E105M32N0T00 Datasheet
48Kb / 4P
   MULTILAYER CERAMIC CHIP CAPACITORS
KMC500E155M32N0T00 CHEMI-CON-KMC500E155M32N0T00 Datasheet
48Kb / 4P
   MULTILAYER CERAMIC CHIP CAPACITORS
KMC500E225M43N0T00 CHEMI-CON-KMC500E225M43N0T00 Datasheet
48Kb / 4P
   MULTILAYER CERAMIC CHIP CAPACITORS
KMC500E334M31N0T00 CHEMI-CON-KMC500E334M31N0T00 Datasheet
48Kb / 4P
   MULTILAYER CERAMIC CHIP CAPACITORS
KMC500E335M43N0T00 CHEMI-CON-KMC500E335M43N0T00 Datasheet
48Kb / 4P
   MULTILAYER CERAMIC CHIP CAPACITORS
More results

Similar Description - KMC5S300

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
KSM0150120 THINKING-KSM0150120 Datasheet
194Kb / 4P
   Polymer PTC Resettable Fuse
logo
HuaXinAn Electronics CO...
SMD1210 HUAXINAN-SMD1210 Datasheet
253Kb / 2P
   Resettable Fuse PTC
JK130010 HUAXINAN-JK130010 Datasheet
302Kb / 2P
   Resettable Fuse PTC
JK30075 HUAXINAN-JK30075 Datasheet
321Kb / 3P
   Resettable Fuse PTC
JK-MSMD010 HUAXINAN-JK-MSMD010 Datasheet
269Kb / 2P
   Resettable Fuse PTC
JK-SMD0805-010 HUAXINAN-JK-SMD0805-010 Datasheet
251Kb / 2P
   Resettable Fuse PTC
logo
Bourns Electronic Solut...
MF-LL190 BOURNS-MF-LL190 Datasheet
235Kb / 2P
   PTC Resettable Fuse
logo
HuaXinAn Electronics CO...
JK60005 HUAXINAN-JK60005 Datasheet
304Kb / 2P
   Resettable Fuse PTC
SMD2920 HUAXINAN-SMD2920 Datasheet
311Kb / 2P
   Resettable Fuse PTC
JK6075 HUAXINAN-JK6075 Datasheet
284Kb / 2P
   Resettable Fuse PTC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com