Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPL07180YA0B5-Y Datasheet(PDF) 6 Page - Thinking Electronic Industrial Co.,Ltd

Part # PPL07180YA0B5-Y
Description  Overload Protection for Telecom Application
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

PPL07180YA0B5-Y Datasheet(HTML) 6 Page - Thinking Electronic Industrial Co.,Ltd

  PPL07180YA0B5-Y Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd PPL07180YA0B5-Y Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd PPL07180YA0B5-Y Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd PPL07180YA0B5-Y Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd PPL07180YA0B5-Y Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd PPL07180YA0B5-Y Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CPTC Thermistor: Twin SMD Type PPL Series
Overload Protection for Telecom Application
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
6
www.thinking.com.tw
2010.08
Packaging
Taping Specification
Quantity
Reel packing: 400 pcs / reel
Item
Nominal dimensions
Tolerance
D
330
±5
W
17.5
±0.5
t
5
±0.5
D1
75
±1.5
Storage condition of products
Storage Conditions :
1. Storage Temperature : -10
~+
40℃
2. Relative Humidity :
75%RH
3. Keep away from corrosive atmosphere and sunlight.
Period of Storage: 1 year.
Index
Nominal
dimensions
Tolerance
W
16.00
±0.30
P
16.00
±0.10
E
1.75
±0.10
F
7.50
±0.10
P2
2.00
±0.10
P0
4.00
±0.10
D0
1.50
+0.10/-0.00
D1
1.50
+0.10/-0.00
A0
8.4
±0.10
B0
8.9
±0.10
K0
9.3
±0.10
t
0.5
±0.05
(Unit: mm)
(Unit: mm)


Similar Part No. - PPL07180YA0B5-Y

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
PPL07180YA0B5 THINKING-PPL07180YA0B5 Datasheet
266Kb / 9P
   Overload Protection for Telecom Application
More results

Similar Description - PPL07180YA0B5-Y

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
PPL137R0KA0B5 THINKING-PPL137R0KA0B5 Datasheet
266Kb / 9P
   Overload Protection for Telecom Application
logo
Vishay Siliconix
PTCTT VISHAY-PTCTT Datasheet
122Kb / 5P
   TWIN Vertical SMD PTC Thermistors For Telecom Overload Protection
Revision:03-Mar-14
PTCTT VISHAY-PTCTT_V01 Datasheet
121Kb / 5P
   TWIN Vertical SMD PTC Thermistors For Telecom Overload Protection
01-Jan-2022
logo
STMicroelectronics
CLP30-200B1 STMICROELECTRONICS-CLP30-200B1_06 Datasheet
151Kb / 15P
   ASD (Application Specific Devices) Overvoltage and overcurrent protection for telecom line
SMP100MC STMICROELECTRONICS-SMP100MC_05 Datasheet
166Kb / 13P
   Trisil??for telecom equipment protection
SMP100LC STMICROELECTRONICS-SMP100LC_07 Datasheet
148Kb / 12P
   Trisil for telecom equipment protection
SMP75 STMICROELECTRONICS-SMP75 Datasheet
89Kb / 9P
   Trisil??for telecom equipment protection
SMP100MC STMICROELECTRONICS-SMP100MC Datasheet
108Kb / 10P
   TRISIL??FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
SMP80MC STMICROELECTRONICS-SMP80MC Datasheet
85Kb / 9P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMP50 STMICROELECTRONICS-SMP50_07 Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com