Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSA3R3HA2A604 Datasheet(PDF) 6 Page - Thinking Electronic Industrial Co.,Ltd

Part # PSA3R3HA2A604
Description  Motor Starter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

PSA3R3HA2A604 Datasheet(HTML) 6 Page - Thinking Electronic Industrial Co.,Ltd

  PSA3R3HA2A604 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd PSA3R3HA2A604 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd PSA3R3HA2A604 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd PSA3R3HA2A604 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd PSA3R3HA2A604 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd PSA3R3HA2A604 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd PSA3R3HA2A604 Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd PSA3R3HA2A604 Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd PSA3R3HA2A604 Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CPTC Thermistor:PS Series
Motor Starter
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
6
www.thinking.com.tw
2006.07
R-T Characteristic Curve (Representative)
1,000,000,000
100,000,000
10,000,000
1,000,000
0
100
200
300
100,000
10,000
1,000
100
10
1
Temperature
PSA150NA2B604~PSA330NAGC604
PSB150MA3B5~PSB220MA2C0
10,000,000
1,000,000
100,000
10,000
1,000
100
10
1
Temperature (℃)
0
50
100
150
200


Similar Part No. - PSA3R3HA2A604

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA3000 PHIHONG-PSA3000 Datasheet
444Kb / 2P
   PSA3000 Rack accommodating 1000-3300W (DC)
PSA3000-611 PHIHONG-PSA3000-611 Datasheet
444Kb / 2P
   PSA3000 Rack accommodating 1000-3300W (DC)
PSA3000-611 PHIHONG-PSA3000-611 Datasheet
444Kb / 2P
   PSA3000 Rack accommodating 1000-3300W Up to 3 PSM1000 Power Supplies
logo
Z-Communications, Inc
PSA3000A ZCOMM-PSA3000A Datasheet
78Kb / 2P
   LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
More results

Similar Description - PSA3R3HA2A604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
105518 PHOENIX-105518 Datasheet
209Kb / 17P
   Hybrid motor starter
logo
Schneider Electric
8538SDA24S8V02S SCHNEIDER-8538SDA24S8V02S Datasheet
63Kb / 1P
   STARTER MOTOR CONTROL <1000VAC
Sep 14, 2023
logo
STMicroelectronics
STM3210B-MCKIT STMICROELECTRONICS-STM3210B-MCKIT Datasheet
67Kb / 3P
   Motor control starter kit
STM32100B-MCKIT STMICROELECTRONICS-STM32100B-MCKIT Datasheet
56Kb / 3P
   Motor control starter kit
logo
List of Unclassifed Man...
MU25A63 ETC2-MU25A63 Datasheet
434Kb / 3P
   Manual Motor Starter MU
logo
Schneider Electric
8539SEG42V02H30S SCHNEIDER-8539SEG42V02H30S Datasheet
69Kb / 3P
   STARTER MOTOR CONTROL <1000VAC
Dec 26, 2023
logo
celduc-relais
SYMC0001 CELDUC-SYMC0001 Datasheet
747Kb / 7P
   Single phase motor soft starter
logo
DB Lectro Inc
HG4506 DBLECTRO-HG4506 Datasheet
46Kb / 2P
   Single Phase Motor Starter Relay
logo
celduc-relais
SYMC0000 CELDUC-SYMC0000 Datasheet
1Mb / 7P
   Single phase motor soft starter
logo
Schneider Electric
2510FG1 SCHNEIDER-2510FG1 Datasheet
88Kb / 2P
   Manual motor starter, fractional horsepower
Aug 8, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com