Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1329H Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1329H
Description  2-Mbit (64 K x 32) Pipelined Sync SRAM 2.5 V/3.3 V I/O operation
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1329H Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1329H_11 Datasheet HTML 3Page - Cypress Semiconductor CY7C1329H_11 Datasheet HTML 4Page - Cypress Semiconductor CY7C1329H_11 Datasheet HTML 5Page - Cypress Semiconductor CY7C1329H_11 Datasheet HTML 6Page - Cypress Semiconductor CY7C1329H_11 Datasheet HTML 7Page - Cypress Semiconductor CY7C1329H_11 Datasheet HTML 8Page - Cypress Semiconductor CY7C1329H_11 Datasheet HTML 9Page - Cypress Semiconductor CY7C1329H_11 Datasheet HTML 10Page - Cypress Semiconductor CY7C1329H_11 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
CY7C1329H
Document #: 38-05673 Rev. *E
Page 7 of 20
Truth Table [2, 3, 4, 5, 6, 7]
Next Cycle
Address Used
Address Used
CE1
CE2
CE3
ZZ
ADSP ADSC
ADV WRITE
OE
Unselected
None
None
H
X
X
L
X
L
X
X
X
Unselected
None
None
L
L
X
L
L
X
X
X
X
Unselected
None
None
L
X
H
L
L
X
X
X
X
Unselected
None
None
L
L
X
L
H
L
X
X
X
Unselected
None
None
L
X
H
L
H
L
X
X
X
Begin Read
External
None
X
X
X
H
X
X
X
X
X
Begin Read
External
External
L
H
L
L
L
X
X
X
L
Continue Read
Next
External
L
H
L
L
L
X
X
X
H
Continue Read
Next
External
L
H
L
L
H
L
X
L
X
Continue Read
Next
External
L
H
L
L
H
L
X
H
L
Continue Read
Next
External
L
H
L
L
H
L
X
H
H
Suspend Read
Current
Next
X
X
X
L
H
H
L
H
L
Suspend Read
Current
Suspend Read
Current
Next
X
X
X
L
H
H
L
H
H
Suspend Read
Current
Next
H
X
X
L
X
H
L
H
L
Begin Write
Current
Next
H
X
X
L
X
H
L
H
H
Begin Write
Current
Next
X
X
X
L
H
H
L
L
X
Begin Write
External
Next
H
X
X
L
X
H
L
L
X
Continue Write
Next
Current
X
X
X
L
H
H
H
H
L
Continue Write
Next
Current
X
X
X
L
H
H
H
H
H
Suspend Write
Current
Current
H
X
X
L
X
H
H
H
L
Suspend Write
Current
Current
H
X
X
L
X
H
H
H
H
ZZ “Sleep”
None
Current
X
X
X
L
H
H
H
L
X
Notes
2. X = “Don't Care.” H = Logic HIGH, L = Logic LOW.
3. WRITE = L when any one or more Byte Write Enable signals (BWA, BWB, BWC, BWD) and BWE = L or GW = L. WRITE = H when all Byte Write Enable signals (BWA,
BWB, BWC, BWD), BWE, GW = H.
4. The DQ pins are controlled by the current cycle and the OE signal. OE is asynchronous and is not sampled with the clock.
5. CE1, CE2, and CE3 are available only in the TQFP package.
6. The SRAM always initiates a read cycle when ADSP is asserted, regardless of the state of GW, BWE, or BW[A:D]. Writes may occur only on subsequent clocks after
the ADSP or with the assertion of ADSC. As a result, OE must be driven HIGH prior to the start of the Write cycle to allow the outputs to Tri-State. OE is a don't care
for the remainder of the Write cycle.
7. OE is asynchronous and is not sampled with the clock rise. It is masked internally during Write cycles. During a Read cycle all data bits are Tri-State when OE is
inactive or when the device is deselected, and all data bits behave as output when OE is active (LOW).
[+] Feedback


Similar Part No. - CY7C1329H_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1329H-133AXC CYPRESS-CY7C1329H-133AXC Datasheet
711Kb / 16P
   2-Mbit (64K x 32) Pipelined Sync SRAM
CY7C1329H-133AXI CYPRESS-CY7C1329H-133AXI Datasheet
711Kb / 16P
   2-Mbit (64K x 32) Pipelined Sync SRAM
CY7C1329H-166AXC CYPRESS-CY7C1329H-166AXC Datasheet
711Kb / 16P
   2-Mbit (64K x 32) Pipelined Sync SRAM
CY7C1329H-166AXI CYPRESS-CY7C1329H-166AXI Datasheet
711Kb / 16P
   2-Mbit (64K x 32) Pipelined Sync SRAM
More results

Similar Description - CY7C1329H_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1339G CYPRESS-CY7C1339G_13 Datasheet
645Kb / 22P
   4-Mbit (128 K x 32) Pipelined Sync SRAM
CY7C1329H CYPRESS-CY7C1329H Datasheet
711Kb / 16P
   2-Mbit (64K x 32) Pipelined Sync SRAM
CY7C1339G CYPRESS-CY7C1339G_12 Datasheet
629Kb / 21P
   4-Mbit (128 K 횞 32) Pipelined Sync SRAM
CY7C1364CV33 CYPRESS-CY7C1364CV33 Datasheet
567Kb / 21P
   9-Mbit (256 K 횞 32) Pipelined Sync SRAM
CY7C1339G CYPRESS-CY7C1339G_06 Datasheet
415Kb / 18P
   4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1215H CYPRESS-CY7C1215H Datasheet
383Kb / 15P
   1-Mbit (32K x 32) Pipelined Sync SRAM
CY7C1339F CYPRESS-CY7C1339F Datasheet
418Kb / 17P
   4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1339G CYPRESS-CY7C1339G Datasheet
340Kb / 17P
   4 - MBIT ( 128K X 32 ) PIPELINED SYNC SRAM
CY7C1364C CYPRESS-CY7C1364C Datasheet
399Kb / 18P
   9-Mbit (256K x 32) Pipelined Sync SRAM
CY7C1327G CYPRESS-CY7C1327G_13 Datasheet
779Kb / 23P
   4-Mbit (256 K x 18) Pipelined Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com