Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1049DV33-12ZSXE Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1049DV33-12ZSXE
Description  4-Mbit (512 K x 8) Static RAM Automatic power down when deselected
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1049DV33-12ZSXE Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1049DV33-12ZSXE Datasheet HTML 1Page - Cypress Semiconductor CY7C1049DV33-12ZSXE Datasheet HTML 2Page - Cypress Semiconductor CY7C1049DV33-12ZSXE Datasheet HTML 3Page - Cypress Semiconductor CY7C1049DV33-12ZSXE Datasheet HTML 4Page - Cypress Semiconductor CY7C1049DV33-12ZSXE Datasheet HTML 5Page - Cypress Semiconductor CY7C1049DV33-12ZSXE Datasheet HTML 6Page - Cypress Semiconductor CY7C1049DV33-12ZSXE Datasheet HTML 7Page - Cypress Semiconductor CY7C1049DV33-12ZSXE Datasheet HTML 8Page - Cypress Semiconductor CY7C1049DV33-12ZSXE Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CY7C1049DV33
Document Number: 38-05475 Rev. *G
Page 5 of 14
Thermal Resistance
Tested initially and after any design or process changes that may affect these parameters.
Parameter
Description
Test Conditions
36-pin SOJ
Package
44-pin TSOP II
Package
Unit
JA
Thermal Resistance
(Junction to Ambient)
Still Air, soldered on a 3 × 4.5 inch, two layer printed
circuit board
57.91
50.66
C/W
JC
Thermal Resistance
(Junction to Case)
36.73
17.17
C/W
AC Test Loads and Waveforms
Figure 1. AC Test Loads and Waveforms [4]
Data Retention Characteristics
Over the Operating Range
Parameter
Description
Conditions [5]
Min
Max
Unit
VDR
VCC for Data Retention
2.0
V
ICCDR
Data Retention Current
VCC = VDR = 2.0 V, CE > VCC – 0.3 V
VIN > VCC – 0.3 V or VIN < 0.3 V
Industrial
10
mA
Auto
15
mA
tCDR[3]
Chip Deselect to Data Retention Time
0
ns
tR[6]
Operation Recovery Time
tRC
–ns
Figure 2. Data Retention Waveform
90%
10%
3.0 V
GND
90%
10%
ALL INPUT PULSES
* CAPACITIVE LOAD CONSISTS
OF ALL COMPONENTS OF THE
TEST ENVIRONMENT
Rise Time: 1 V/ns
Fall Time: 1 V/ns
30 pF*
OUTPUT
Z = 50
50
1.5 V
(b)
(a)
3.3 V
OUTPUT
5 pF
(c)
R 317
R2
351
High Z characteristics:
10 ns device
3.0V
3.0V
tCDR
VDR > 2V
DATA RETENTION MODE
tR
CE
VCC
Notes
3. Tested initially and after any design or process changes that may affect these parameters.
4. AC characteristics (except High Z) are tested using the load conditions shown in Figure 1 (a). High Z characteristics are tested for all speeds using the test load shown
in Figure 1 (c).
5. No input may exceed VCC + 0.3 V.
6. Full device operation requires linear VCC ramp from VDR to VCC(min.) > 50 s or stable at VCC(min.) > 50 s.
[+] Feedback


Similar Part No. - CY7C1049DV33-12ZSXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049DV33-12ZSXE CYPRESS-CY7C1049DV33-12ZSXE Datasheet
433Kb / 8P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33-12ZSXE CYPRESS-CY7C1049DV33-12ZSXE Datasheet
862Kb / 10P
   4-Mbit (512K x 8) Static RAM
More results

Similar Description - CY7C1049DV33-12ZSXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62148ESL CYPRESS-CY62148ESL_11 Datasheet
264Kb / 14P
   4-Mbit (512 K x 8) Static RAM Automatic power-down when deselected
CY62148E CYPRESS-CY62148E_11 Datasheet
941Kb / 16P
   4-Mbit (512 K x 8) Static RAM Automatic power-down when deselected
CY62157E CYPRESS-CY62157E_11 Datasheet
457Kb / 18P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY62157EV30 CYPRESS-CY62157EV30_11 Datasheet
485Kb / 21P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY7C1049CV33_1106 CYPRESS-CY7C1049CV33_1106 Datasheet
312Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM Automatic power down when deselected
CY62158EV30 CYPRESS-CY62158EV30_11 Datasheet
435Kb / 16P
   8-Mbit (1024 K x 8) Static RAM Automatic power down when deselected
CY62138FV30 CYPRESS-CY62138FV30_11 Datasheet
701Kb / 18P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
CY62128EV30_1106 CYPRESS-CY62128EV30_1106 Datasheet
952Kb / 18P
   1-Mbit (128 K x 8) Static RAM Automatic power-down when deselected
CY62138F CYPRESS-CY62138F_11 Datasheet
604Kb / 15P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
CY62138EV30_1106 CYPRESS-CY62138EV30_1106 Datasheet
462Kb / 15P
   2-Mbit (256 K x 8) MoBL Static RAM Automatic power down when deselected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com