Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1049CV33-8ZSXC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1049CV33-8ZSXC
Description  4-Mbit (512 K 횞 8) Static RAM Automatic power down when deselected
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1049CV33-8ZSXC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1049CV33-8ZSXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1049CV33-8ZSXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1049CV33-8ZSXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1049CV33-8ZSXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1049CV33-8ZSXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1049CV33-8ZSXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1049CV33-8ZSXC Datasheet HTML 11Page - Cypress Semiconductor CY7C1049CV33-8ZSXC Datasheet HTML 12Page - Cypress Semiconductor CY7C1049CV33-8ZSXC Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
CY7C1049CV33
Document #: 38-05006 Rev. *M
Page 9 of 13
Truth Table
CE
OE
WE
I/O0–I/O7
Mode
Power
H
X
X
High Z
Power Down
Standby (ISB)
L
L
H
Data Out
Read
Active (ICC)
L
X
L
Data In
Write
Active (ICC)
L
H
H
High Z
Selected, Outputs Disabled
Active (ICC)
Ordering Information
Speed
(ns)
Ordering Code
Package
Diagram
Package Type
Operating
Range
8
CY7C1049CV33-8ZSXC
51-85087 44-pin TSOP II (Pb-free)
Commercial
10
CY7C1049CV33-10ZXI
51-85087 44-pin TSOP II (Pb-free)
Industrial
Ordering Code Definitions
Temperature Range: X = C or I
C = Commercial; I = Industrial
X = Pb-free; X Absent = Leaded
Package Type:
ZS = 44-pin TSOP II
Speed Grade: XX = 8 ns or 10 ns
V33 = 3.0 V to 3.6 V
Process Technology: C
 150 nm
Data width: × 8-bits
4-Mbit density
Fast Asynchronous SRAM
Marketing Code: 7C = SRAMs
Company ID: CY = Cypress
CY
1
C
- XX
ZS
X
V33
X
7C
04
9
[+] Feedback


Similar Part No. - CY7C1049CV33-8ZSXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049CV33-8ZSXC CYPRESS-CY7C1049CV33-8ZSXC Datasheet
845Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM
More results

Similar Description - CY7C1049CV33-8ZSXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049DV33 CYPRESS-CY7C1049DV33_11 Datasheet
869Kb / 14P
   4-Mbit (512 K x 8) Static RAM Automatic power down when deselected
CY62148ESL CYPRESS-CY62148ESL_11 Datasheet
264Kb / 14P
   4-Mbit (512 K x 8) Static RAM Automatic power-down when deselected
CY62148E CYPRESS-CY62148E_11 Datasheet
941Kb / 16P
   4-Mbit (512 K x 8) Static RAM Automatic power-down when deselected
CY62157E CYPRESS-CY62157E_11 Datasheet
457Kb / 18P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY62157EV30 CYPRESS-CY62157EV30_11 Datasheet
485Kb / 21P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY7C199N CYPRESS-CY7C199N_11 Datasheet
435Kb / 14P
   32 K 횞 8 Static RAM Automatic power-down when deselected
CY62158EV30 CYPRESS-CY62158EV30_11 Datasheet
435Kb / 16P
   8-Mbit (1024 K x 8) Static RAM Automatic power down when deselected
CY62138FV30 CYPRESS-CY62138FV30_11 Datasheet
701Kb / 18P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
CY62128EV30_1106 CYPRESS-CY62128EV30_1106 Datasheet
952Kb / 18P
   1-Mbit (128 K x 8) Static RAM Automatic power-down when deselected
CY62138F CYPRESS-CY62138F_11 Datasheet
604Kb / 15P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com