Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1049CV33-8ZSXC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1049CV33-8ZSXC
Description  4-Mbit (512 K 횞 8) Static RAM Automatic power down when deselected
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1049CV33-8ZSXC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1049CV33-8ZSXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1049CV33-8ZSXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1049CV33-8ZSXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1049CV33-8ZSXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1049CV33-8ZSXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1049CV33-8ZSXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1049CV33-8ZSXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1049CV33-8ZSXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1049CV33-8ZSXC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
CY7C1049CV33
Document #: 38-05006 Rev. *M
Page 6 of 13
AC Switching Characteristics
Over the Operating Range
Parameter [5]
Description
-8
-10
Unit
Min
Max
Min
Max
Read Cycle
tpower
[6]
VCC(typical) to the first access
100
100
s
tRC
Read cycle time
8
10
–ns
tAA
Address to data valid
8
10
ns
tOHA
Data Hold from Address Change
3
3
–ns
tACE
CE LOW to data valid
8
10
ns
tDOE
OE LOW to data valid
5
5ns
tLZOE
OE LOW to Low Z[7]
0–
0
–ns
tHZOE
OE HIGH to High Z[7, 8]
–4
5ns
tLZCE
CE LOW to Low Z[7]
3–
3
–ns
tHZCE
CE HIGH to High Z[7, 8]
–4
5ns
tPU
CE LOW to power up
0
0
–ns
tPD
CE HIGH to power down
8
10
ns
Write Cycle [9, 10]
tWC
Write cycle time
8
10
–ns
tSCE
CE LOW to write end
6
7
–ns
tAW
Address setup to write end
6
7
–ns
tHA
Address hold from write end
0
0
–ns
tSA
Address setup to write start
0
0
–ns
tPWE
WE pulse width
6
7
–ns
tSD
Data setup to write end
4
5
–ns
tHD
Data hold from write end
0
0
–ns
tLZWE
WE HIGH to Low Z[7]
3–
3
–ns
tHZWE
WE LOW to High Z[7, 8]
–4
5ns
Notes
5. Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5 V, input pulse levels of 0 to 3.0 V.
6. tPOWER gives the minimum amount of time that the power supply should be at stable, typical VCC values until the first memory access can be performed.
7. At any temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any device.
8. tHZOE, tHZCE, and tHZWE are specified with a load capacitance of 5 pF as in part (c) of Figure 2 on page 5. Transition is measured ±500 mV from steady-state voltage.
9. The internal Write time of the memory is defined by the overlap of CE LOW, and WE LOW. CE and WE must be LOW to initiate a Write, and the transition of either of
these signals can terminate the Write. The input data setup and hold timing should be referenced to the leading edge of the signal that terminates the Write.
10. The minimum Write cycle time for Write Cycle No. 3 (WE controlled, OE LOW) is the sum of tHZWE and tSD.
[+] Feedback


Similar Part No. - CY7C1049CV33-8ZSXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049CV33-8ZSXC CYPRESS-CY7C1049CV33-8ZSXC Datasheet
845Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM
More results

Similar Description - CY7C1049CV33-8ZSXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049DV33 CYPRESS-CY7C1049DV33_11 Datasheet
869Kb / 14P
   4-Mbit (512 K x 8) Static RAM Automatic power down when deselected
CY62148ESL CYPRESS-CY62148ESL_11 Datasheet
264Kb / 14P
   4-Mbit (512 K x 8) Static RAM Automatic power-down when deselected
CY62148E CYPRESS-CY62148E_11 Datasheet
941Kb / 16P
   4-Mbit (512 K x 8) Static RAM Automatic power-down when deselected
CY62157E CYPRESS-CY62157E_11 Datasheet
457Kb / 18P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY62157EV30 CYPRESS-CY62157EV30_11 Datasheet
485Kb / 21P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY7C199N CYPRESS-CY7C199N_11 Datasheet
435Kb / 14P
   32 K 횞 8 Static RAM Automatic power-down when deselected
CY62158EV30 CYPRESS-CY62158EV30_11 Datasheet
435Kb / 16P
   8-Mbit (1024 K x 8) Static RAM Automatic power down when deselected
CY62138FV30 CYPRESS-CY62138FV30_11 Datasheet
701Kb / 18P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
CY62128EV30_1106 CYPRESS-CY62128EV30_1106 Datasheet
952Kb / 18P
   1-Mbit (128 K x 8) Static RAM Automatic power-down when deselected
CY62138F CYPRESS-CY62138F_11 Datasheet
604Kb / 15P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com