Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMCTXB1A475 Datasheet(PDF) 1 Page - HolyStone International

Part # TMCTXB1A475
Description  TANTALUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLYSTONECAPS [HolyStone International]
Direct Link  http://www.holystonecaps.com
Logo HOLYSTONECAPS - HolyStone International

TMCTXB1A475 Datasheet(HTML) 1 Page - HolyStone International

  TMCTXB1A475 Datasheet HTML 1Page - HolyStone International TMCTXB1A475 Datasheet HTML 2Page - HolyStone International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
149
Hitachi AIC Inc.
TANTALUM ELECTROLYTIC CAPACITORS
TMCTX
Test conditions JIS C5101-1:1998
Operating temperature range
–55°C ~ +125°C
Rated voltage
DC10 ~ 35V
85°C
Surge voltage
DC13 ~ 45V
85°C
Derated voltage
DC6.3 ~ 22V
125°C
Capacitance
1 ~ 68µF
Capacitance tolerance
±10% or 20%
Paragraph 4.7, 120 Hz
Leakage current
tan
δ
Paragraph 4.8, 120Hz
Paragraph 4.26
Thermal shock
Failure rate
1% / 1000hrs
Features
•Protective-device-incorporated chip tantalum capacitor which is
obtained by adding a thermal fuse to the TMC type.
•High heat resistance: Withstands infra-red-reflow and solder dip
and high reliability.
• Prevention of fire or smoke with the work of internal fuse.
Fusing characteristics:
B, C cases:
Open in less than 100 sec at 1.5 A or in
less than 5 sec at 5 A.
E, F cases:
Open in less than 5 sec at 5 A.
Outline of drawings and dimensions
Anode indication belf mark
E acse
B, C, F case
L
Case
Case size
code
L±0.2
W±0.2
H±0.2
R±0.3
a±0.2
B
3.5
2.8
1.9
0.8
2.0
C
5.8
3.2
2.5
1.3
2.4
E
7.3
4.3±0.3
2.8
1.3
2.4
F
7.3
5.8±0.3
3.5
1.3
3.5
Dimensions
(Unit : mm)
Product symbol : (Example) TMCTX Series C case 16V 10
µF ±20%
Terminal code
Packing polarity code
Packing method code (T:carrier tape)
Capacitance tolerance code (M :
±20%)
Capacitance code
Rated voltage code
Case size code
TMCTX C 1C 106 M T R F
Type of series
Capacitance
Code
105
155
225
335
475
685
106
156
226
336
476
686
Rated voltage (V.DC)
10
1A
B
B
B
C
C
E
E,F
E,F
16
1C
B
B
B
C
C
E
E,F
E,F
20
1D
B
B
B
C
C
E
E,F
E,F
25
1E
B
B
B
C
C
E
F
35
1V
B
C
C
C
E
E
F
µF
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
Standard value and case size
TMCTX Series (Tantalum Chip Capacitors with Internal Fuse)
Specifiedinitialvalue
–55
85
125
△C/C
–-12 ~ 0%
0 ~ +10%
0 ~ +12%
tan
δ
0.04
0.09
0.07
0.09
Valueshowntable
0.05
0.10
0.08
0.10
or less
0.06
0.12
0.10
0.12
LC
0.01CV
0.1CV
0.125CV
or
or
or
0.5µA or less
5µA or less
6.25µA or less
1.0 or less
0.04 or less
1.5 ~ 22
0.05 or less
33 or more 0.06 or less
△C/C
±5% or less
tan
δ
Specified initial value or less
LC
Specified initial value or less
0.01CV or 0.5µA,
whichever is larger or less
Paragraph 4.9, in 5 minutes
after the rated voltage is
applied.
△C/C
±5% or less
tan
δ
Specified initial value or less
LC
Specified initial value or less
△C/C
±10% or less
tan
δ
Specified initial value or less
LC
Specified initial value or less
△C/C
±10% or less
tan
δ
Specified initial value or less
LC
125% Specified initial value or less
△C/C
±10% or less
tan
δ
Specified initial value or less
LC
Specified initial value or less
△C/C
±10% or less
tan
δ
150% Specified initial value or less
LC
200% Specified initial value or less
Product
specifications
Paragraph 4.24
Solder Dip
260±5°C
B case
C,E,F case
10±1 sec.
5±0.5 sec.
Reflow–260°C 10±1 sec.
Paragraph 4.22, 40°C
90 ~ 95%RH,500hrs
Leave at -55°C, normal
temperature, 125°C, and normal
temperature for 30 min., 3 min.,
30 min., and 3 min. Repeat this
operation 20 times running.
40°C, humidity 90 to 95%RH
The rated voltage is applied
for 500 hours.
Paragraph 4.23, 85°C
The rated voltage is applied
for 2000 hours.
85°C. The rated voltage is applied
(through a protective resistor of 1
Ω/V).
Surge withstanding
voltage
Temperature
characteristics
Solder heat
resistance
Moisture resistance
no load
High-temperature
load
Moisture resistance
load
※This catalog is designed for providing general information. Please inquire
of our Sales Department to confirm specifications prior to use.


Similar Part No. - TMCTXB1A475

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TMCTXB1A475TRF VISHAY-TMCTXB1A475TRF Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
More results

Similar Description - TMCTXB1A475

ManufacturerPart #DatasheetDescription
logo
HolyStone International
TMF HOLYSTONECAPS-TMF Datasheet
59Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TMCP HOLYSTONECAPS-TMCP Datasheet
56Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TMCU HOLYSTONECAPS-TMCU Datasheet
61Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TNC HOLYSTONECAPS-TNC Datasheet
67Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TNF HOLYSTONECAPS-TNF Datasheet
53Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TMCH HOLYSTONECAPS-TMCH Datasheet
67Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TMCM HOLYSTONECAPS-TMCM Datasheet
71Kb / 3P
   TANTALUM ELECTROLYTIC CAPACITORS
TMCR HOLYSTONECAPS-TMCR Datasheet
61Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TMCS HOLYSTONECAPS-TMCS Datasheet
61Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
logo
List of Unclassifed Man...
TMCMA1C106MTRF ETC-TMCMA1C106MTRF Datasheet
247Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com