Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCF3A103134D3 Datasheet(PDF) 5 Page - Thinking Electronic Industrial Co.,Ltd

Part # TCF3A103134D3
Description  Lead Frame for Temperature Sensing/Compensation
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

TCF3A103134D3 Datasheet(HTML) 5 Page - Thinking Electronic Industrial Co.,Ltd

  TCF3A103134D3 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd TCF3A103134D3 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd TCF3A103134D3 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd TCF3A103134D3 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd TCF3A103134D3 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
NTC Thermistor:
:TCF Type
Lead Frame for Temperature Sensing/Compensation
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
5
www.thinking.com.tw
2008.03
Packaging
Bulk Packing:
:1000 pcs/ bag
Storage Conditions of Products
Storage Conditions:
1. Storage Temperature : -10℃~+40℃
2. Relative Humidity: ≦75%RH
3. Keep away from corrosive atmosphere and sunlight.
Period of Storage :1 year


Similar Part No. - TCF3A103134D3

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
TCF30 COOPER-TCF30 Datasheet
269Kb / 2P
   Low-Peak CUBEFuse With and Without Indication
logo
Eaton All Rights Reserv...
TCF30 EATON-TCF30 Datasheet
1Mb / 6P
   UL Class CF branch circuit time-delay CUBEFuse
TCF300 EATON-TCF300 Datasheet
1Mb / 6P
   UL Class CF branch circuit time-delay CUBEFuse
TCF300RN EATON-TCF300RN Datasheet
1Mb / 6P
   UL Class CF branch circuit time-delay CUBEFuse
logo
Cooper Bussmann, Inc.
TCF30RN COOPER-TCF30RN Datasheet
269Kb / 2P
   Low-Peak CUBEFuse With and Without Indication
More results

Similar Description - TCF3A103134D3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TTC05 ETC2-TTC05 Datasheet
2Mb / 5P
   Temperature Compensation/Sensing
logo
Thinking Electronic Ind...
TTS1B50213271 THINKING-TTS1B50213271 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
TGMAA503F3993DA6 THINKING-TGMAA503F3993DA6 Datasheet
94Kb / 4P
   Glass Encapsulated Type for Temperature Sensing/Compensation
TTF3A50211 THINKING-TTF3A50211 Datasheet
103Kb / 5P
   Insulation Film Type for Temperature Sensing/Compensation
logo
EPCOS
S964 EPCOS-S964 Datasheet
530Kb / 26P
   NTC thermistors for temperature sensing and compensation
logo
Thinking Electronic Ind...
DHT0A50213552 THINKING-DHT0A50213552 Datasheet
210Kb / 6P
   Glass Axial Type for Temperature Sensing/Compensation
TTC3A901139D1 THINKING-TTC3A901139D1 Datasheet
150Kb / 7P
   3mm Disc Type for Temperature Sensing/Compensation
logo
EPCOS
B57964S0202F000 EPCOS-B57964S0202F000 Datasheet
324Kb / 17P
   NTC thermistors for temperature sensing and compensation
logo
Thinking Electronic Ind...
TTC050055 THINKING-TTC050055 Datasheet
384Kb / 8P
   圭5 mm Disc Type for Temperature Sensing/Compensation
logo
List of Unclassifed Man...
M02097-11 ETC2-M02097-11 Datasheet
671Kb / 21P
   Temperature compensation for modulation current
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com