Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAC Datasheet(PDF) 2 Page - HolyStone International

Part # SAC
Description  Tip & Ring Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLYSTONECAPS [HolyStone International]
Direct Link  http://www.holystonecaps.com
Logo HOLYSTONECAPS - HolyStone International

SAC Datasheet(HTML) 2 Page - HolyStone International

  SAC Datasheet HTML 1Page - HolyStone International SAC Datasheet HTML 2Page - HolyStone International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Capacitance Range
W
T
BW
B
L
Ring
Tip
Ring
Tip
0.47uF
200ms/DIV
-48Vdc
Dimensions
Application
Example Circuit
Characteristics
TYPE
L
W
T (max)
B (min)
BW (min)
0805
2.00
±0.2
[.079
±.008]
1.25
±0.2
[.049
±.008]
1.45
[.043]
0.70
[.028]
0.20
[.008]
1206
3.20
±0.3
[.126
±.012]
1.60
±0.2
[.063
±.008]
1.80
[.071]
1.50
[.059]
0.30
[.012]
1210
3.20
±0.3
[.126
±.012]
2.50
±0.2
[.098
±.008]
2.60
[.102]
1.60
[.063]
0.30
[.012]
1812
4.60
±0.3
[.181
±.012]
3.20
±0.3
[.126
±.012]
3.00
[.118]
2.50
[.098]
0.30
[.012]
2220
5.70
±0.4
[.220
±.016]
5.00
±0.4
[.197
±.016]
3.00
[.118]
3.50
[.137]
0.30
[.012]
Unit : mm [inches]
SAC Series - Tip & Ring Capacitors
Temperature Capacitance Coef f icient
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
-55
-35
-15
5
25
45
65
85
105
125
Temperature (C)
X7R 1812/474
Y 5U 1812/474
X7R Impedance/ESR & Frequency
0.01
0.1
1
10
100
1000
10000
0.1
1
10
100
1000
10000
100000
Frequency (KHz)
X7R 1812/474 -Z
X7R 1812/474 -ESR
Y 5U 1812/474 -Z
Y 5U 1812/474 -ESR
- 25 -
Subscribers AC Signal
Other dimensions, capacitance values and voltage ratings are available. Please contact HEC.
Symbol Code
S
O
A
B
C
D
E
F
G
H
Thickness(mm)
0.3±0.03
0.5±0.05
0.6±0.1
0.85±0.1
1.0±0.1
1.25±0.15
1.6±0.2
2.0±0.2
2.4±0.2
2.8±0.2
B/CB/CB/CB/CB/CB/CB/CB/CB/CB/CB/CB/CB/CB/CB/CB/C
D D D
B/CB/CB/CB/CB/CB/CB/CB/CB/CB/CB/CB/CB/CB/CB/CB/CB/CB/CB/CB/CB/C
C/DD/ED/ED/E
C C C C C C C C C C D D D
D D D D D D
D/ED/ED/ED/ED/ED/ED/ED/E E E E F G
E E E E E E E E E F H
D D D D D D D D D D D D D E E E E F G
Dielectric
Characteristic
Size
Voltage
Capacitance Range
1812
250V
2220
250V
Y5U
1812
250V
X7R
0805
250V
1206
250V
1210
250V


Similar Part No. - SAC

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SAC EIC-SAC Datasheet
38Kb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE VBR : 5.0 - 50 Volts SUPPRESSOR
logo
Taiwan Semiconductor Co...
SAC TSC-SAC Datasheet
83Kb / 4P
   Low Capacitance Transient Voltage Suppressor Diodes
logo
MERITEK ELECTRONICS COR...
SAC MERITEK-SAC Datasheet
460Kb / 3P
   Transient Voltage Suppressors
logo
Ruilongyuan Electronics...
SAC RUILON-SAC Datasheet
685Kb / 7P
   Transient Voltage Suppressors
logo
Socay Electornics Co., ...
SAC SOCAY-SAC Datasheet
241Kb / 4P
   Axial Lead Transient Voltage Suppressors
More results

Similar Description - SAC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
251S43W474KV4E ETC2-251S43W474KV4E Datasheet
73Kb / 3P
   TIP&RING CHIP CAPACITORS
logo
Johanson Technology Inc...
251S43W474MV4E JOHANSON-251S43W474MV4E Datasheet
74Kb / 3P
   TIP & RING CHIP CAPACITORS
251S41W104 JOHANSON-251S41W104 Datasheet
84Kb / 3P
   TIP RING CHIP CAPACITORS
logo
AVX Corporation
1812PC104KAT1A AVX-1812PC104KAT1A Datasheet
95Kb / 2P
   Tip & Ring
logo
Kemet Corporation
C0805C103KARAC KEMET-C0805C103KARAC Datasheet
98Kb / 3P
   Surface Mount Tip & Ring Ceramic Chip Capacitors
F9033 KEMET-F9033 Datasheet
104Kb / 3P
   Surface Mount Tip & Ring Ceramic Chip Capacitors
logo
Agere Systems
L7582 AGERE-L7582 Datasheet
331Kb / 16P
   Tip Ring Access Switch
logo
XFMRS Inc.
XF0356A-2CMC XFMRS-XF0356A-2CMC_15 Datasheet
37Kb / 1P
   SURFACE MOUNT TIP RING FILTER
XF0356A-2CMC XFMRS-XF0356A-2CMC Datasheet
37Kb / 1P
   Surface Mount Tip Ring Filter
XF0356A-2CMC XFMRS-XF0356A-2CMC Datasheet
37Kb / 1P
   Surface Mount Tip Ring Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com