Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC Datasheet(PDF) 7 Page - HolyStone International

Part # DSC
Description  Large Size Stacked Capacitors-87106 Style
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLYSTONECAPS [HolyStone International]
Direct Link  http://www.holystonecaps.com
Logo HOLYSTONECAPS - HolyStone International

DSC Datasheet(HTML) 7 Page - HolyStone International

  DSC Datasheet HTML 1Page - HolyStone International DSC Datasheet HTML 2Page - HolyStone International DSC Datasheet HTML 3Page - HolyStone International DSC Datasheet HTML 4Page - HolyStone International DSC Datasheet HTML 5Page - HolyStone International DSC Datasheet HTML 6Page - HolyStone International DSC Datasheet HTML 7Page - HolyStone International  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
DSC Series-Stacked Capacitors
Holy Stone
87106
Dash #
HEC Part Number  (8 in 14th position
indicates marked per 87106)
87106
Dash #
HEC Part Number  (8 in 14th position
indicates marked per 87106)
361
DSC45JM474K2018H
421
DSC45JM154K5018H
362
DSC45JM474M2018H
422
DSC45JM154M5018H
363
DSC45JM564K2018H
423
DSC45JM184K5018H
364
DSC45JM564M2018H
424
DSC45JM184M5018H
365
DSC45JM684K2018H
425
DSC45JM224K5018H
366
DSC45JM684M2018H
426
DSC45JM224M5018H
367
DSC45JM824K2018H
427
DSC45JM274K5018H
368
DSC45JM824M2018H
428
DSC45JM274M5018H
369
DSC45JM105K2018H
429
DSC45JM334K5018H
370
DSC45JM105M2018H
430
DSC45JM334M5018H
371
DSC45JM125K2018H
431
DSC45JM394K5018H
372
DSC45JM125M2018H
432
DSC45JM394M5018H
373
DSC45JM155K2018H
433
DSC45JM474K5018H
374
DSC45JM155M2018H
434
DSC45JM474M5018H
375
DSC44JM185K2018H
435
DSC45JM564K5018H
376
DSC44JM185M2018H
436
DSC45JM564M5018H
377
DSC44JM225K2018H
437
DSC45JM684K5018H
378
DSC44JM225M2018H
438
DSC45JM684M5018H
379
DSC44JM275K2018H
439
DSC44JM824K5018H
380
DSC44JM275M2018H
440
DSC44JM824M5018H
381
DSC44JM335K2018H
441
DSC44JM105K5018H
382
DSC44JM335M2018H
442
DSC44JM105M5018H
384
DSC44JM395K2018H
443
DSC44JM125K5018H
385
DSC44JM395M2018H
444
DSC44JM125M5018H
386
DSC43JM475K2018H
445
DSC44JM155K5018H
386
DSC43JM475M2018H
446
DSC44JM155M5018H
387
DSC43JM565K2018H
447
DSC44JM185K5018H
388
DSC43JM565M2018H
448
DSC44JM185M5018H
389
DSC43JM685K2018H
449
DSC43JM225K5018H
390
DSC43JM685M2018H
450
DSC43JM225M5018H
391
DSC43JM825K2018H
451
DSC43JM275K5018H
392
DSC43JM825M2018H
452
DSC43JM275M5018H
393
DSC43JM106K2018H
453
DSC43JM335K5018H
394
DSC43JM106M2018H
454
DSC43JM335M5018H
395
DSC43JM126K2018H
455
DSC43JM395K5018H
396
DSC43JM126M2018H
456
DSC43JM395M5018H
397
DSC41JM156K2018H
457
DSC43JM475K5018H
398
DSC41JM156M2018H
458
DSC43JM475M5018H
399
DSC41JM186K2018H
459
DSC43JM565K5018H
400
DSC41JM186M2018H
460
DSC43JM565M5018H
401
DSC41JM226K2018H
461
DSC41JM685K5018H
402
DSC41JM226M2018H
462
DSC41JM685M5018H
403
DSC41JM276K2018H
463
DSC41JM825K5018H
404
DSC41JM276M2018H
464
DSC41JM825M5018H
405
DSC42JM336K2018H
465
DSC41JM106K5018H
406
DSC42JM336M2018H
466
DSC41JM106M5018H
407
DSC42JM396K2018H
467
DSC41JM126K5018H
408
DSC42JM396M2018H
468
DSC41JM126M5018H
409
DSC46JM476K2018H
469
DSC42JM156K5018H
410
DSC46JM476M2018H
470
DSC42JM156M5018H
411
DSC46JM566K2018H
471
DSC42JM186K5018H
412
DSC46JM566M2018H
472
DSC42JM186M5018H
413
DSC46JM686K2018H
473
DSC46JM226K5018H
414
DSC46JM686M2018H
474
DSC46JM226M5018H
415
DSC46JM826K2018H
475
DSC46JM276K5018H
416
DSC46JM826M2018H
476
DSC46JM276M5018H
417
DSC46JM107K2018H
477
DSC46JM336K5018H
418
DSC46JM107M2018H
478
DSC46JM336M5018H
419
DSC46JM127K2018H
479
DSC46JM396K5018H
420
DSC46JM127M2018H
480
DSC46JM396M5018H
-7 -


Similar Part No. - DSC

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
DSC WELWYN-DSC Datasheet
151Kb / 5P
   Double-Sided Chip Resistors
logo
TT Electronics.
DSC TTELEC-DSC Datasheet
739Kb / 4P
   Double-Sided Chip Resistors
logo
Richco, Inc.
DSC-.5-1200 RICHCO-DSC-.5-1200 Datasheet
38Kb / 1P
   DURO STRIP CHANNEL
DSC-.5-48 RICHCO-DSC-.5-48 Datasheet
38Kb / 1P
   DURO STRIP CHANNEL
DSC-1-1200 RICHCO-DSC-1-1200 Datasheet
38Kb / 1P
   DURO STRIP CHANNEL
More results

Similar Description - DSC

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43652 TDK-B43652 Datasheet
1Mb / 15P
   Large-size capacitors
October 2021
B43508 TDK-B43508 Datasheet
534Kb / 14P
   Aluminum electrolytic capacitors Large-size capacitors
B41607 TDK-B41607 Datasheet
714Kb / 17P
   Aluminum electrolytic capacitors Large-size capacitors
B41605 TDK-B41605 Datasheet
753Kb / 18P
   Aluminum electrolytic capacitors Large-size capacitors
B43504 TDK-B43504 Datasheet
550Kb / 14P
   Aluminum electrolytic capacitors Large-size capacitors
logo
EPCOS
B41605 EPCOS-B41605 Datasheet
147Kb / 7P
   Large size Aluminum electrolytic capacitors
B41607 EPCOS-B41607 Datasheet
140Kb / 6P
   Large size Aluminum electrolytic capacitors
logo
HolyStone International
LCC HOLYSTONECAPS-LCC Datasheet
205Kb / 2P
   Large Size NP0 & X7R MLCC Capacitors
FSC HOLYSTONECAPS-FSC Datasheet
233Kb / 4P
   Large Size Multilayer Ceramic Chip Capacitors
logo
Panasonic Semiconductor
EEV-EB2D101M PANASONIC-EEV-EB2D101M Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ EB(Large Can Size)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com