Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C199N Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C199N
Description  32 K 횞 8 Static RAM Automatic power-down when deselected
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C199N Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C199N_11 Datasheet HTML 5Page - Cypress Semiconductor CY7C199N_11 Datasheet HTML 6Page - Cypress Semiconductor CY7C199N_11 Datasheet HTML 7Page - Cypress Semiconductor CY7C199N_11 Datasheet HTML 8Page - Cypress Semiconductor CY7C199N_11 Datasheet HTML 9Page - Cypress Semiconductor CY7C199N_11 Datasheet HTML 10Page - Cypress Semiconductor CY7C199N_11 Datasheet HTML 11Page - Cypress Semiconductor CY7C199N_11 Datasheet HTML 12Page - Cypress Semiconductor CY7C199N_11 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
CY7C199N
Document #: 001-06493 Rev. *C
Page 9 of 14
Typical DC and AC Characteristics
1.2
1.4
1.0
0.6
0.4
0.2
4.0
4.5
5.0
5.5
6.0
1.6
1.4
1.2
1.0
0.8
–55
25
125
–55
25
125
1.2
1.0
0.8
120
100
80
60
40
20
0.0
1.0
2.0
3.0
4.0
SUPPLY VOLTAGE (V)
NORMALIZED SUPPLY CURRENT
vs. SUPPLY VOLTAGE
NORMALIZED ACCESS TIME
vs. AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (
C)
AMBIENT TEMPERATURE (
C)
OUTPUT VOLTAGE (V)
OUTPUT SOURCE CURRENT
vs. OUTPUT VOLTAGE
0.0
0.8
1.4
1.1
1.0
0.9
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE (V)
NORMALIZED ACCESS TIME
vs. SUPPLY VOLTAGE
120
140
100
60
40
20
0.0
1.0
2.0
3.0
4.0
0
80
OUTPUT VOLTAGE (V)
OUTPUT SINK CURRENT
vs. OUTPUT VOLTAGE
0.6
0.4
0.2
0.0
ISB
ICC
ICC
ISB
0.6
0.8
0
1.3
1.2
VIN = 5.0 V
TA = 25 °C
1.4
vs. AMBIENT TEMPERATURE
VCC = 5.0 V
VIN = 5.0 V
VCC = 5.0 V
TA = 25 °C
TA = 25 °C
VCC = 5.0 V
VCC = 5.0 V
TA = 25 °C
NORMALIZED SUPPLY CURRENT
3.0
2.5
2.0
1.5
1.0
0.5
0.0
1.0
2.0
3.0
4.0
SUPPLY VOLTAGE (V)
TYPICAL POWER-ON CURRENT
vs. SUPPLY VOLTAGE
30.0
25.0
20.0
15.0
10.0
5.0
0
200
400
600
800
CAPACITANCE (pF)
TYPICAL ACCESS TIME CHANGE
vs. OUTPUT LOADING
1.25
1.00
0.75
10
20
30
40
CYCLE FREQUENCY (MHz)
NORMALIZED ICC vs. CYCLE TIME
0.0
5.0
0.0
1000
0.50
VCC = 4.5 V
TA = 25 °C
VCC = 5.0 V
TA = 25 °C
VIN = 0.5 V
[+] Feedback


Similar Part No. - CY7C199N_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C199N-12ZXC CYPRESS-CY7C199N-12ZXC Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199N-15ZXC CYPRESS-CY7C199N-15ZXC Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N_10 Datasheet
487Kb / 11P
   32 K x 8 Static RAM
More results

Similar Description - CY7C199N_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C199D CYPRESS-CY7C199D_11 Datasheet
476Kb / 14P
   256 K (32 K x 8) Static RAM Automatic power-down when deselected
CY7C1049CV33_1106 CYPRESS-CY7C1049CV33_1106 Datasheet
312Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM Automatic power down when deselected
CY62158EV30 CYPRESS-CY62158EV30_11 Datasheet
435Kb / 16P
   8-Mbit (1024 K x 8) Static RAM Automatic power down when deselected
CY7C1049DV33 CYPRESS-CY7C1049DV33_11 Datasheet
869Kb / 14P
   4-Mbit (512 K x 8) Static RAM Automatic power down when deselected
CY62148ESL CYPRESS-CY62148ESL_11 Datasheet
264Kb / 14P
   4-Mbit (512 K x 8) Static RAM Automatic power-down when deselected
CY62138FV30 CYPRESS-CY62138FV30_11 Datasheet
701Kb / 18P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
CY62148E CYPRESS-CY62148E_11 Datasheet
941Kb / 16P
   4-Mbit (512 K x 8) Static RAM Automatic power-down when deselected
CY62157E CYPRESS-CY62157E_11 Datasheet
457Kb / 18P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY62128EV30_1106 CYPRESS-CY62128EV30_1106 Datasheet
952Kb / 18P
   1-Mbit (128 K x 8) Static RAM Automatic power-down when deselected
CY62157EV30 CYPRESS-CY62157EV30_11 Datasheet
485Kb / 21P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com