Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C197N Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C197N
Description  256 K 횞 1 Static RAM CMOS for optimum speed/power
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C197N Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C197N_11 Datasheet HTML 1Page - Cypress Semiconductor CY7C197N_11 Datasheet HTML 2Page - Cypress Semiconductor CY7C197N_11 Datasheet HTML 3Page - Cypress Semiconductor CY7C197N_11 Datasheet HTML 4Page - Cypress Semiconductor CY7C197N_11 Datasheet HTML 5Page - Cypress Semiconductor CY7C197N_11 Datasheet HTML 6Page - Cypress Semiconductor CY7C197N_11 Datasheet HTML 7Page - Cypress Semiconductor CY7C197N_11 Datasheet HTML 8Page - Cypress Semiconductor CY7C197N_11 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CY7C197N
Document #: 001-06495 Rev. *D
Page 3 of 13
Pin Configurations
Figure 1. 24-pin DIP (Top View)
WE
GND
1
2
3
4
5
6
7
8
9
10
11
14
15
16
20
19
18
17
21
24
23
22
7C197
A0
A1
A2
A3
A4
A5
A6
A7
A8
CE
VCC
A17
A16
A15
A14
A11
A10
A9
DIN
A13
A12
DOUT
12
13
Selection Guide
Description
-25
Maximum access time (ns)
25
Maximum operating current (mA)
95
Maximum standby current (mA)
30


Similar Part No. - CY7C197N_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C197N-25PXC CYPRESS-CY7C197N-25PXC Datasheet
307Kb / 7P
   256Kx1 Static RAM
CY7C197N-45PXC CYPRESS-CY7C197N-45PXC Datasheet
307Kb / 7P
   256Kx1 Static RAM
More results

Similar Description - CY7C197N_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_11 Datasheet
553Kb / 17P
   64 K 횞 16 Static RAM CMOS for optimum speed/power
CY7C1019D CYPRESS-CY7C1019D_11 Datasheet
870Kb / 15P
   1-Mbit (128 K 횞 8) Static RAM CMOS for optimum speed/power
CY7C1021D CYPRESS-CY7C1021D_11 Datasheet
510Kb / 16P
   1-Mbit (64 K 횞 16) Static RAM CMOS for Optimum Speed and Power
CY7C185 CYPRESS-CY7C185_11 Datasheet
394Kb / 15P
   64-Kbit (8 K 횞 8) Static RAM CMOS for optimum speed/power
CY7C192 CYPRESS-CY7C192_11 Datasheet
439Kb / 12P
   64 K 횞 4 Static RAM with Separate IO CMOS for optimum speed/power
CY7C1021CV26 CYPRESS-CY7C1021CV26_11 Datasheet
551Kb / 16P
   1-Mbit (64 K x 16) Static RAM CMOS for optimum speed/power
CY62256NLL-70SNXCT CYPRESS-CY62256NLL-70SNXCT Datasheet
450Kb / 16P
   256 K (32 K 횞 8) Static RAM
CY7C199D-10VXIT CYPRESS-CY7C199D-10VXIT Datasheet
476Kb / 14P
   256 K (32 K 횞 8) Static RAM
CY621472E30 CYPRESS-CY621472E30 Datasheet
505Kb / 16P
   4-Mbit (256 K 횞 16) Static RAM
CY62256EV18 CYPRESS-CY62256EV18 Datasheet
269Kb / 14P
   256-Kbit (32 K 횞 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com