Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C024AV-20AXC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C024AV-20AXC
Description  3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM 4, 8 or 16K 횞 16 organization
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C024AV-20AXC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C024AV-20AXC Datasheet HTML 1Page - Cypress Semiconductor CY7C024AV-20AXC Datasheet HTML 2Page - Cypress Semiconductor CY7C024AV-20AXC Datasheet HTML 3Page - Cypress Semiconductor CY7C024AV-20AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C024AV-20AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C024AV-20AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C024AV-20AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C024AV-20AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C024AV-20AXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
CY7C024AV/024BV/025AV/026AV
CY7C0241AV/0251AV/036AV
Document #: 38-06052 Rev. *M
Page 3 of 20
Figure 2. 100-Pin TQFP (Top View)
Notes
8. A12L on the CY7C0251AV.
9. A12R on the CY7C0251AVC.
Pin Configurations (continued)
100 99
97
98
96
2
3
1
42
41
59
60
61
12
13
15
14
16
4
5
40
39
95 94
17
26
9
10
8
7
6
11
27 28
30
29
31 32
35
34
36 37 38
33
67
66
64
65
63
62
68
69
70
75
73
74
72
71
89 88
86
87
85
93 92
84
NC
NC
NC
NC
A5L
A4L
INTL
A2L
A0L
BUSYL
GND
INTR
A0R
A1L
NC
NC
IO 11L
IO 12L
IO 16L
VCC
GND
IO 1R
IO 2R
VCC
90
91
A3L
M/
S
BUSYR
IO 15L
GND
IO 13L
IO 14L
A1R
A2R
A3R
A4R
NC
NC
NC
NC
IO 3R
IO 4R
IO 5R
IO 6R
NC
NC
18
19
20
21
22
23
24
25
83 82 81 80 79 78 77 76
58
57
56
55
54
53
52
51
43 44 45 46 47 48 49 50
IO 0R
CY7C0241AV (4K × 18)
IO 8L
IO 17L
IO 8R
IO 17R
1
3
2
92 91 90
84
85
87 86
88
89
83 82 81
76
78 77
79
80
93
94
95
96
97
98
99
100
59
60
61
67
66
64
65
63
62
68
69
70
75
73
74
72
71
NC
NC
NC
A6L
A5L
A4L
INT
L
A2L
A0L
GND
M/
S
A0R
A1R
A1L
A3L
BUSY
R
INT
R
A2R
A3R
A4R
A5R
NC
NC
NC
BUSY
L
58
57
56
55
54
53
52
51
CY7C026AV (16K × 16)
NC
NC
NC
NC
IO10L
IO11L
IO15L
IO13L
IO14L
GND
IO0R
VCC
IO3R
GND
IO12L
IO1R
IO2R
IO4R
IO5R
IO6R
NC
NC
NC
NC
VCC
17
16
15
9
10
12
11
13
14
8
7
6
4
5
18
19
20
21
22
23
24
25
34 35 36
42
41
39 40
38
37
43 44 45
50
48 49
47
46
33
32
31
30
29
28
27
26
CY7C0251AV (8K × 18)
[+] Feedback


Similar Part No. - CY7C024AV-20AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C024AV-20AXC CYPRESS-CY7C024AV-20AXC Datasheet
247Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV-20AXC CYPRESS-CY7C024AV-20AXC Datasheet
475Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV-20AXC CYPRESS-CY7C024AV-20AXC Datasheet
649Kb / 23P
   3.3 V 4 K / 8 K / 16 16 Dual-Port Static RAM
More results

Similar Description - CY7C024AV-20AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C024AV CYPRESS-CY7C024AV_09 Datasheet
475Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV Datasheet
241Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024V CYPRESS-CY7C024V Datasheet
248Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV_05 Datasheet
247Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CYDC256B16 CYPRESS-CYDC256B16 Datasheet
610Kb / 26P
   1.8V 4k/8k/16k x 16 and 8k/16k x 8 ConsuMoBL Dual-Port Static RAM
CYDM256A16 CYPRESS-CYDM256A16 Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_09 Datasheet
571Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_08 Datasheet
548Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM256B16 CYPRESS-CYDM256B16 Datasheet
889Kb / 25P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_11 Datasheet
654Kb / 27P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com