Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C185-15VI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C185-15VI
Description  64-Kbit (8 K 횞 8) Static RAM CMOS for optimum speed/power
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C185-15VI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C185-15VI Datasheet HTML 1Page - Cypress Semiconductor CY7C185-15VI Datasheet HTML 2Page - Cypress Semiconductor CY7C185-15VI Datasheet HTML 3Page - Cypress Semiconductor CY7C185-15VI Datasheet HTML 4Page - Cypress Semiconductor CY7C185-15VI Datasheet HTML 5Page - Cypress Semiconductor CY7C185-15VI Datasheet HTML 6Page - Cypress Semiconductor CY7C185-15VI Datasheet HTML 7Page - Cypress Semiconductor CY7C185-15VI Datasheet HTML 8Page - Cypress Semiconductor CY7C185-15VI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CY7C185
Document #: 38-05043 Rev. *E
Page 4 of 15
Capacitance
Tested initially and after any design or process changes that may affect these parameters.
Parameter
Description
Test Conditions
Max
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0 V
7
pF
COUT
Output Capacitance
7
pF
Figure 1. AC Test Loads and Waveforms
R1 481
Ω
3.0 V
5 V
OUTPUT
R1 481
Ω
R2
255
Ω
30 pF
GND
90%
90%
10%
≤ 5ns
≤ 5 ns
5 V
OUTPUT
R2
255
Ω
5 pF
(a)
(b)
OUTPUT
1.73 V
INCLUDING
JIG AND
SCOPE
INCLUDING
JIGAND
SCOPE
10%
Equivalent to:
THÉVENIN EQUIVALENT
ALL INPUT PULSES
167
Ω
Notes
2. Minimum voltage is equal to –3.0 V for pulse durations less than 30 ns.
3. Tested initially and after any design or process changes that may affect these parameters.
[+] Feedback


Similar Part No. - CY7C185-15VI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C185-15VI CYPRESS-CY7C185-15VI Datasheet
197Kb / 11P
   8K x 8 Static RAM
CY7C185-15VI CYPRESS-CY7C185-15VI Datasheet
307Kb / 12P
   8K x 8 Static RAM
CY7C185-15VI CYPRESS-CY7C185-15VI Datasheet
200Kb / 11P
   8K x 8 Static RAM
More results

Similar Description - CY7C185-15VI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_11 Datasheet
553Kb / 17P
   64 K 횞 16 Static RAM CMOS for optimum speed/power
CY7C1019D CYPRESS-CY7C1019D_11 Datasheet
870Kb / 15P
   1-Mbit (128 K 횞 8) Static RAM CMOS for optimum speed/power
CY7C197N CYPRESS-CY7C197N_11 Datasheet
220Kb / 13P
   256 K 횞 1 Static RAM CMOS for optimum speed/power
CY7C192 CYPRESS-CY7C192_11 Datasheet
439Kb / 12P
   64 K 횞 4 Static RAM with Separate IO CMOS for optimum speed/power
CY7C1021D CYPRESS-CY7C1021D_11 Datasheet
510Kb / 16P
   1-Mbit (64 K 횞 16) Static RAM CMOS for Optimum Speed and Power
CY62256EV18 CYPRESS-CY62256EV18 Datasheet
269Kb / 14P
   256-Kbit (32 K 횞 8) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26_11 Datasheet
551Kb / 16P
   1-Mbit (64 K x 16) Static RAM CMOS for optimum speed/power
CY14MB064Q CYPRESS-CY14MB064Q_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14MB064Q1B CYPRESS-CY14MB064Q1B Datasheet
913Kb / 28P
   64-Kbit (8 K 횞 8) SPI nvSRAM
FM16W08 CYPRESS-FM16W08 Datasheet
326Kb / 18P
   64-Kbit (8 K 횞 8) Wide Voltage Bytewide F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com