Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C192 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C192
Description  64 K 횞 4 Static RAM with Separate IO CMOS for optimum speed/power
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C192 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C192_11 Datasheet HTML 1Page - Cypress Semiconductor CY7C192_11 Datasheet HTML 2Page - Cypress Semiconductor CY7C192_11 Datasheet HTML 3Page - Cypress Semiconductor CY7C192_11 Datasheet HTML 4Page - Cypress Semiconductor CY7C192_11 Datasheet HTML 5Page - Cypress Semiconductor CY7C192_11 Datasheet HTML 6Page - Cypress Semiconductor CY7C192_11 Datasheet HTML 7Page - Cypress Semiconductor CY7C192_11 Datasheet HTML 8Page - Cypress Semiconductor CY7C192_11 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CY7C192
Document #: 38-05047 Rev. *H
Page 2 of 12
Contents
Pin Configuration ............................................................. 3
Selection Guide ................................................................ 3
Maximum Ratings ............................................................. 4
Operating Range ............................................................... 4
Electrical Characteristics ................................................. 4
Capacitance ...................................................................... 4
Switching Characteristics ................................................ 5
Switching Waveforms ...................................................... 6
Typical DC and AC Characteristics ................................ 8
Ordering Information ........................................................ 9
Ordering Code Definitions ........................................... 9
Package Diagram .............................................................. 9
Acronyms ........................................................................ 10
Document Conventions ................................................. 10
Units of Measure ....................................................... 10
Document History Page ................................................. 11
Sales, Solutions, and Legal Information ...................... 12
Worldwide Sales and Design Support ....................... 12
Products .................................................................... 12
PSoC Solutions ......................................................... 12
[+] Feedback
[+] Feedback


Similar Part No. - CY7C192_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C192-12PC CYPRESS-CY7C192-12PC Datasheet
175Kb / 10P
   64K x 4 Static RAM with Separate I/O
CY7C192-12VC CYPRESS-CY7C192-12VC Datasheet
175Kb / 10P
   64K x 4 Static RAM with Separate I/O
CY7C192-12VC CYPRESS-CY7C192-12VC Datasheet
252Kb / 8P
   64K x 4 Static RAM with Separate I/O
CY7C192-15PC CYPRESS-CY7C192-15PC Datasheet
175Kb / 10P
   64K x 4 Static RAM with Separate I/O
CY7C192-15VC CYPRESS-CY7C192-15VC Datasheet
175Kb / 10P
   64K x 4 Static RAM with Separate I/O
More results

Similar Description - CY7C192_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_11 Datasheet
553Kb / 17P
   64 K 횞 16 Static RAM CMOS for optimum speed/power
CY7C185 CYPRESS-CY7C185_11 Datasheet
394Kb / 15P
   64-Kbit (8 K 횞 8) Static RAM CMOS for optimum speed/power
CY7C192 CYPRESS-CY7C192_13 Datasheet
626Kb / 14P
   64 K x 4 Static RAM with Separate IO
CY7C197N CYPRESS-CY7C197N_11 Datasheet
220Kb / 13P
   256 K 횞 1 Static RAM CMOS for optimum speed/power
CY7C1021D CYPRESS-CY7C1021D_11 Datasheet
510Kb / 16P
   1-Mbit (64 K 횞 16) Static RAM CMOS for Optimum Speed and Power
CY7C1019D CYPRESS-CY7C1019D_11 Datasheet
870Kb / 15P
   1-Mbit (128 K 횞 8) Static RAM CMOS for optimum speed/power
CY7C1021CV26 CYPRESS-CY7C1021CV26_11 Datasheet
551Kb / 16P
   1-Mbit (64 K x 16) Static RAM CMOS for optimum speed/power
CY7C192 CYPRESS-CY7C192_08 Datasheet
243Kb / 9P
   64K x 4 Static RAM with Separate IO
CY7C1021BN CYPRESS-CY7C1021BN_11 Datasheet
503Kb / 14P
   1-Mbit (64 K 횞 16) Static RAM
CY7C1021D-10VXIT CYPRESS-CY7C1021D-10VXIT Datasheet
521Kb / 16P
   1-Mbit (64 K 횞 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com