Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1007D-10VXI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1007D-10VXI
Description  1-Mbit (1M x 1) Static RAM Low active power
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1007D-10VXI Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1007D-10VXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1007D-10VXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1007D-10VXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1007D-10VXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1007D-10VXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1007D-10VXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1007D-10VXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1007D-10VXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1007D-10VXI Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CY7C107D
CY7C1007D
Document #: 38-05469 Rev. *H
Page 7 of 14
Data Retention Characteristics (Over the Operating Range)
Parameter
Description
Conditions
Min
Max
Unit
VDR
VCC for data retention
2.0
V
ICCDR
Data retention current
VCC = VDR = 2.0 V, CE > VCC – 0.3 V,
VIN > VCC – 0.3 V or VIN < 0.3 V
3mA
tCDR [12]
Chip deselect to data retention time
0
ns
tR [13]
Operation recovery time
tRC
ns
Data Retention Waveform
Switching Waveforms
Figure 1. Read Cycle No. 1 (Address Transition Controlled) [14, 15]
Figure 2. Read Cycle No. 2 [15, 16]
4.5V
4.5V
tCDR
VDR > 2V
DATA RETENTION MODE
tR
CE
VCC
PREVIOUS DATA VALID
DATA VALID
tRC
tAA
tOHA
ADDRESS
DATA OUT
50%
50%
DATA VALID
tRC
tACE
tLZCE
tPU
HIGH IMPEDANCE
tHZCE
tPD
HIGH
ICC
ISB
IMPEDANCE
ADDRESS
CE
DATA OUT
VCC
SUPPLY
CURRENT
Notes
12. AC characteristics (except High-Z) are tested using the load conditions shown in Figure (a). High-Z characteristics are tested for all speeds using the test load
shown in Figure (c)
13. Full device operation requires linear VCC ramp from VDR to VCC(min) > 50 s or stable at VCC(min) > 50 s.
14. Device is continuously selected, CE = VIL.
15. WE is HIGH for read cycle.
16. Address valid prior to or coincident with CE transition LOW.
[+] Feedback


Similar Part No. - CY7C1007D-10VXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1007D-10VXI CYPRESS-CY7C1007D-10VXI Datasheet
859Kb / 10P
   1-Mbit (1M x 1) Static RAM
CY7C1007D-10VXI CYPRESS-CY7C1007D-10VXI Datasheet
898Kb / 11P
   1-Mbit (1M x 1) Static RAM
More results

Similar Description - CY7C1007D-10VXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C107D CYPRESS-CY7C107D_09 Datasheet
859Kb / 10P
   1-Mbit (1M x 1) Static RAM
CY7C107D CYPRESS-CY7C107D_11 Datasheet
898Kb / 11P
   1-Mbit (1M x 1) Static RAM
CY7C107D CYPRESS-CY7C107D Datasheet
872Kb / 10P
   1-Mbit (1M x 1) Static RAM
CY7C107 CYPRESS-CY7C107 Datasheet
144Kb / 8P
   1M x 1 Static RAM
CY7C107BN CYPRESS-CY7C107BN Datasheet
310Kb / 7P
   1M x 1 Static RAM
CY7C107B CYPRESS-CY7C107B Datasheet
144Kb / 9P
   1M x 1 Static RAM
CY7C109D CYPRESS-CY7C109D_11 Datasheet
392Kb / 14P
   1-Mbit (128 K 횞 8) Static RAM Low active power
CY7C1021CV33 CYPRESS-CY7C1021CV33_08 Datasheet
394Kb / 14P
   1-Mbit (64K x 16) Static RAM
CY62128EV30 CYPRESS-CY62128EV30 Datasheet
947Kb / 11P
   1 Mbit (128K x 8) Static RAM
CY7C109D CYPRESS-CY7C109D Datasheet
991Kb / 11P
   1-Mbit (128K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com