Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7B9911V-5JC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7B9911V-5JC
Description  High Speed Low Voltage Programmable Skew Clock Buffer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B9911V-5JC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7B9911V-5JC Datasheet HTML 1Page - Cypress Semiconductor CY7B9911V-5JC Datasheet HTML 2Page - Cypress Semiconductor CY7B9911V-5JC Datasheet HTML 3Page - Cypress Semiconductor CY7B9911V-5JC Datasheet HTML 4Page - Cypress Semiconductor CY7B9911V-5JC Datasheet HTML 5Page - Cypress Semiconductor CY7B9911V-5JC Datasheet HTML 6Page - Cypress Semiconductor CY7B9911V-5JC Datasheet HTML 7Page - Cypress Semiconductor CY7B9911V-5JC Datasheet HTML 8Page - Cypress Semiconductor CY7B9911V-5JC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
CY7B9911V
3.3 V RoboClock+™
Document Number: 38-07408 Rev. *F
Page 2 of 17
Contents
Pin Configuration ............................................................. 3
Pin Definitions .................................................................. 3
Block Diagram Description .............................................. 4
Phase Frequency Detector and Filter .......................... 4
VCO and Time Unit Generator .................................... 4
Skew Select Matrix ...................................................... 4
Test Mode .......................................................................... 5
Operational Mode Descriptions ...................................... 6
Maximum Ratings ............................................................. 9
Operating Range ............................................................... 9
Electrical Characteristics ................................................. 9
Capacitance .................................................................... 10
AC Test Loads and Waveforms ..................................... 10
Switching Characteristics .............................................. 11
AC Timing Diagrams ...................................................... 12
Ordering Information ...................................................... 13
Ordering Code Definitions ......................................... 13
Package Diagram ............................................................ 14
Acronyms ........................................................................ 15
Document Conventions ................................................. 15
Document History Page ................................................. 16
Sales, Solutions, and Legal Information ...................... 17
Worldwide Sales and Design Support ....................... 17
Products .................................................................... 17
PSoC Solutions ......................................................... 17
[+] Feedback


Similar Part No. - CY7B9911V-5JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9911V-5JC CYPRESS-CY7B9911V-5JC Datasheet
223Kb / 11P
   High-Speed Low-Voltage Programmable Skew Clock Buffer LV-PSCB
CY7B9911V-5JC CYPRESS-CY7B9911V-5JC Datasheet
384Kb / 14P
   High Speed Low Voltage Programmable Skew Clock Buffer
CY7B9911V-5JCT CYPRESS-CY7B9911V-5JCT Datasheet
384Kb / 14P
   High Speed Low Voltage Programmable Skew Clock Buffer
More results

Similar Description - CY7B9911V-5JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9911V CYPRESS-CY7B9911V_07 Datasheet
384Kb / 14P
   High Speed Low Voltage Programmable Skew Clock Buffer
logo
Pericom Semiconductor C...
PI6C3991 PERICOM-PI6C3991 Datasheet
500Kb / 11P
   3.3V High-Speed, Low-Voltage Programmable Skew Clock Buffer SuperClock
logo
Cypress Semiconductor
CY7B9911V CYPRESS-CY7B9911V Datasheet
223Kb / 11P
   High-Speed Low-Voltage Programmable Skew Clock Buffer LV-PSCB
CY7B991V CYPRESS-CY7B991V Datasheet
528Kb / 13P
   Low Voltage Programmable Skew Clock Buffer
CY7B991V CYPRESS-CY7B991V_07 Datasheet
382Kb / 14P
   Low Voltage Programmable Skew Clock Buffer
CY7B991.2JC CYPRESS-CY7B991.2JC Datasheet
519Kb / 19P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_07 Datasheet
392Kb / 13P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_07 Datasheet
515Kb / 19P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_11 Datasheet
520Kb / 21P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991 Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com