Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7B993V-2AXCT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7B993V-2AXCT
Description  High Speed Multi Phase PLL Clock Buffer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B993V-2AXCT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7B993V-2AXCT Datasheet HTML 1Page - Cypress Semiconductor CY7B993V-2AXCT Datasheet HTML 2Page - Cypress Semiconductor CY7B993V-2AXCT Datasheet HTML 3Page - Cypress Semiconductor CY7B993V-2AXCT Datasheet HTML 4Page - Cypress Semiconductor CY7B993V-2AXCT Datasheet HTML 5Page - Cypress Semiconductor CY7B993V-2AXCT Datasheet HTML 6Page - Cypress Semiconductor CY7B993V-2AXCT Datasheet HTML 7Page - Cypress Semiconductor CY7B993V-2AXCT Datasheet HTML 8Page - Cypress Semiconductor CY7B993V-2AXCT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
RoboClock
CY7B993V, CY7B994V
High Speed Multi Phase PLL Clock Buffer
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-07127 Rev. *J
Revised April 26, 2011
Features
500 ps Max Total Timing Budget (TTB™) window
12 MHz to 100 MHz (CY7B993V), or 24 MHz to 200 MHz
(CY7B994V) Input/Output Operation
Matched Pair Output Skew < 200 ps
Zero Input-to-Output Delay
18 LVTTL Outputs Driving 50 Terminated Lines
16 Outputs at 200 MHz: Commercial Temperature
6 Outputs at 200 MHz: Industrial Temperature
3.3V LVTTL/LVPECL, Fault-tolerant, and Hot Insertable
Reference Inputs
Phase Adjustments in 625 ps/1300 ps Steps Up to ± 10.4 ns
Multiply/Divide Ratios of 1–6, 8, 10, 12
Individual Output Bank Disable
Output High Impedance Option for Testing Purposes
Fully Integrated Phase Locked Loop (PLL) with Lock Indicator
<50-ps Typical Cycle-to-Cycle Jitter
Single 3.3V ± 10% Supply
100-pin TQFP Package
100-pin BGA Package
Functional Description
The CY7B993V and CY7B994V High-speed Multi-phase PLL
Clock Buffers offer user selectable control over system clock
functions. This multiple output clock driver provides the system
integrator with functions necessary to optimize the timing of
high-performance computer and communication systems.
These devices feature a guaranteed maximum TTB window
specifying all occurrences of output clocks with respect to the
input reference clock across variations in output frequency,
supply voltage, operating temperature, input edge rate, and
process.
Eighteen
configurable
outputs
each
drive
terminated
transmission lines with impedances as low as 50
 while delivering
minimal and specified output skews at LVTTL levels. The outputs are
arranged in five banks. Banks 1 to 4 of four outputs allow a divide
function of 1 to 12, while simultaneously allowing phase
adjustments in 625 ps to 1300 ps increments up to 10.4 ns. One
of the output banks also includes an independent clock invert
function. The feedback bank consists of two outputs, which
allows divide-by functionality from 1 to 12 and limited phase
adjustments. Any one of these eighteen outputs can be
connected to the feedback input as well as driving other inputs.
Selectable reference input is a fault tolerance feature that allows
smooth change-over to secondary clock source, when the
primary clock source is not in operation. The reference inputs
and feedback inputs are configurable to accommodate both
LVTTL or Differential (LVPECL) inputs. The completely
integrated PLL reduces jitter and simplifies board layout.
[+] Feedback


Similar Part No. - CY7B993V-2AXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B993V-2AXCT CYPRESS-CY7B993V-2AXCT Datasheet
391Kb / 15P
   High-speed Multi-phase PLL Clock Buffer
More results

Similar Description - CY7B993V-2AXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9945V CYPRESS-CY7B9945V Datasheet
110Kb / 10P
   High-speed Multi-phase PLL Clock Buffer
CY7B994V CYPRESS-CY7B994V Datasheet
292Kb / 14P
   High-Speed Multi-Phase PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_05 Datasheet
391Kb / 15P
   High-speed Multi-phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V_07 Datasheet
261Kb / 11P
   High Speed Multi-phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V_11 Datasheet
430Kb / 15P
   High Speed Multi-phase PLL Clock Buffer
CY7B9930V CYPRESS-CY7B9930V Datasheet
158Kb / 9P
   High-Speed Multi-Frequency PLL Clock Buffer
CY7B9973V CYPRESS-CY7B9973V Datasheet
167Kb / 8P
   High-Speed Multi-Output PLL Clock Buffer
CY7B995 CYPRESS-CY7B995_07 Datasheet
383Kb / 13P
   2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950_07 Datasheet
331Kb / 12P
   2.5/3.3V, 200 MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950_06 Datasheet
296Kb / 10P
   2.5/3.3V, 200-MHz High-Speed Multi-Phase PLL Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com