Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SML30J70 Datasheet(PDF) 1 Page - Seme LAB

Part No. SML30J70
Description  N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEME-LAB [Seme LAB]
Homepage  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SML30J70 Datasheet(HTML) 1 Page - Seme LAB

  SML30J70 Datasheet HTML 1Page - Seme LAB SML30J70 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SML30J70
5/99
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
VDSS
ID
IDM
VGS
VGSM
PD
TJ , TSTG
TL
IAR
EAR
EAS
Drain – Source Voltage
Continuous Drain Current
Pulsed Drain Current 1
Gate – Source Voltage
Gate – Source Voltage Transient
Total Power Dissipation @ Tcase = 25°C
Derate Linearly
Operating and Storage Junction Temperature Range
Lead Temperature : 0.063” from Case for 10 Sec.
Avalanche Current1 (Repetitive and Non-Repetitive)
Repetitive Avalanche Energy 1
Single Pulse Avalanche Energy 2
N–CHANNEL
ENHANCEMENT MODE
HIGH VOLTAGE
POWER MOSFETS
300
70
280
±30
±40
450
3.6
–55 to 150
300
70
50
2500
V
A
A
V
W
W/°C
°C
A
mJ
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
1) Repetitive Rating: Pulse Width limited by maximum junction temperature.
2) Starting TJ = 25°C, L = 1.02mH, RG = 25Ω, Peak IL = 70A
VDSS
300V
ID(cont)
70A
RDS(on) 0.040Ω
• Faster Switching
• Lower Leakage
• 100% Avalanche Tested
• Popular SOT–227 Package
StarMOS is a new generation of high voltage
N–Channel enhancement mode power MOSFETs.
This new technology minimises the JFET effect,
increases packing density and reduces the
on-resistance. StarMOS also achieves faster
switching speeds through optimised gate layout.
D
S
G
1
3
4
2
R
38.0 (1 .496)
38.2 (1 .504)
30.1 (1 .1 8 5 )
3 0 .3 (1 .193 )
14.9 (0 .5 87)
15.1 (0 .5 94)
3 .3 (0 .129 )
3 .6 (0 .1 43)
7.8 (0 .3 0 7 )
8.2 (0 .3 2 2 )
3 1 .5 (1 .240 )
3 1 .7 (1 .248 )
4.0 (0 .1 5 7 )
(2 P la c e s)
R =
4.0 (0 .1 57 )
4.2 (0 .1 65 )
)
)
4.1 (0 .1 61
4.3 (0 .1 69
4.8 (0 .1 87 )
4.9 (0 .1 93 )
(4 places)
W =
H =
8.9 (0 .3 50)
9.6 (0 .3 78)
11 .8 (0 .463)
12 .2 (0 .480)
Hex Nut M 4
(4 places)
0.75 (0 .0 30 )
0.85 (0 .0 33 )
5.1 (0 .2 01 )
5.9 (0 .2 32 )
1.95 (0 .0 77)
2.1 4 (0 .0 84 )
SOT–227 Package Outline.
Dimensions in mm (inches)
Source terminals are shorted
internally. Current handling
capability is equal for
either Source terminal.
*
S
G
S
D


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn