Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2XP31ZXI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY2XP31ZXI
Description  312.5 MHz LVPECL Clock Generator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2XP31ZXI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY2XP31ZXI Datasheet HTML 1Page - Cypress Semiconductor CY2XP31ZXI Datasheet HTML 2Page - Cypress Semiconductor CY2XP31ZXI Datasheet HTML 3Page - Cypress Semiconductor CY2XP31ZXI Datasheet HTML 4Page - Cypress Semiconductor CY2XP31ZXI Datasheet HTML 5Page - Cypress Semiconductor CY2XP31ZXI Datasheet HTML 6Page - Cypress Semiconductor CY2XP31ZXI Datasheet HTML 7Page - Cypress Semiconductor CY2XP31ZXI Datasheet HTML 8Page - Cypress Semiconductor CY2XP31ZXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CY2XP31
Document #: 001-06385 Rev. *H
Page 5 of 10
Figure 6. RMS Phase Jitter
Figure 7. Output Duty Cycle
Figure 8. Output Enable Timing
Phase noise
Phase noise mask
Offset Frequency
f1
f2
RMS Jitter =
Area Under the Masked Phase Noise Plot
Noise
Power
CLK
T
PW
T
PERIOD
T
DC =
T
PW
T
PERIOD
CLK#
OE
CLK
High Impedance
T
OHZ
T
OE
V
IL
V
IH
CLK#
[+] Feedback


Similar Part No. - CY2XP31ZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XP31ZXI CYPRESS-CY2XP31ZXI Datasheet
348Kb / 8P
   312.5 MHz LVPECL Clock Generator
CY2XP31ZXIT CYPRESS-CY2XP31ZXIT Datasheet
348Kb / 8P
   312.5 MHz LVPECL Clock Generator
More results

Similar Description - CY2XP31ZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XP311 CYPRESS-CY2XP311 Datasheet
125Kb / 14P
   312.5 MHz LVPECL Clock Generator
CY2XP31ZXC CYPRESS-CY2XP31ZXC Datasheet
348Kb / 8P
   312.5 MHz LVPECL Clock Generator
logo
ON Semiconductor
NBXDBB017_0910 ONSEMI-NBXDBB017_0910 Datasheet
146Kb / 8P
   3.3 V, 156.25 MHz / 312.5MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
logo
Cypress Semiconductor
CY2XP21ZXC CYPRESS-CY2XP21ZXC Datasheet
237Kb / 7P
   125 MHz LVPECL Clock Generator
CY2XP21 CYPRESS-CY2XP21 Datasheet
231Kb / 7P
   125 MHz LVPECL Clock Generator
logo
Integrated Device Techn...
873991 IDT-873991 Datasheet
270Kb / 18P
   LVPECL-TO-LVPECL/ECL CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS843023 ICST-ICS843023 Datasheet
176Kb / 10P
   3.3V, 250MHZ LVPECL CLOCK GENERATOR
logo
Cypress Semiconductor
CY2XP41 CYPRESS-CY2XP41_11 Datasheet
261Kb / 10P
   Crystal to LVPECL Clock Generator
logo
List of Unclassifed Man...
ICS87354I ETC-ICS87354I Datasheet
128Kb / 10P
   -2.5V/ 3.3V LVPECL CLOCK GENERATOR
logo
Pericom Semiconductor C...
PI6LC48P21 PERICOM-PI6LC48P21 Datasheet
1Mb / 7P
   Single Output LVPECL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com