Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2XP31ZXCT Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY2XP31ZXCT
Description  312.5 MHz LVPECL Clock Generator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2XP31ZXCT Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY2XP31ZXCT Datasheet HTML 2Page - Cypress Semiconductor CY2XP31ZXCT Datasheet HTML 3Page - Cypress Semiconductor CY2XP31ZXCT Datasheet HTML 4Page - Cypress Semiconductor CY2XP31ZXCT Datasheet HTML 5Page - Cypress Semiconductor CY2XP31ZXCT Datasheet HTML 6Page - Cypress Semiconductor CY2XP31ZXCT Datasheet HTML 7Page - Cypress Semiconductor CY2XP31ZXCT Datasheet HTML 8Page - Cypress Semiconductor CY2XP31ZXCT Datasheet HTML 9Page - Cypress Semiconductor CY2XP31ZXCT Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CY2XP31
Document #: 001-06385 Rev. *H
Page 6 of 10
Application Information
Power Supply Filtering Techniques
As in any high speed analog circuitry, noise at the power supply
pins can degrade performance. To achieve optimum jitter perfor-
mance, use good power supply isolation practices. Figure 9 illus-
trates a typical filtering scheme. Because all of the current flows
through pin 1, the resistance and inductance between this pin
and the supply is minimized. A 0.01 or 0.1 µF ceramic chip
capacitor is also located close to this pin to provide a short and
low impedance AC path to ground. A 1 to 10 µF ceramic or
tantalum capacitor is located in the general vicinity of this device
and may be shared with other devices.
Figure 9. Power Supply Filtering
Termination for LVPECL Output
The CY2XP31 implements its LVPECL driver with a current
steering design. For proper operation, it requires a 50 ohm dc
termination on each of the two output signals. For 3.3 V
operation, this data sheet specifies output levels for termination
to VDD–2.0 V. This same termination voltage can also be used
for VDD = 2.5 V operation, or it can be terminated to VDD-1.5 V.
Note that it is also possible to terminate with 50 ohms to ground
(VSS), but the high and low signal levels differ from the data sheet
values. Termination resistors are best located close to the desti-
nation device. To avoid reflections, trace characteristic
impedance (Z0) should match the termination impedance.
Figure 10 shows a standard termination scheme.
Figure 10. LVPECL Output Termination
Crystal Input Interface
The CY2XP31 is characterized with 18 pF parallel resonant
crystals. The capacitor values shown in Figure 11 are deter-
mined using a 25 MHz 18 pF parallel resonant crystal and are
chosen to minimize the ppm error. Note that the optimal values
for C1 and C2 depend on the parasitic trace capacitance and are
therefore layout dependent.
Figure 11. Crystal Input Interface
3.3V
10µF
0.1μF
VDD
V DD
0.01 µF
(Pin 1)
(Pin 8)
CLK
84
Ω
84
Ω
Z0 = 50
Ω
Z0 = 50
Ω
3.3V
125
Ω
125
Ω
IN
CLK#
Device
XIN
XOUT
X1
18 pF Parallel
Crystal
C1
33 pF
C2
27 pF
[+] Feedback


Similar Part No. - CY2XP31ZXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XP31ZXCT CYPRESS-CY2XP31ZXCT Datasheet
348Kb / 8P
   312.5 MHz LVPECL Clock Generator
More results

Similar Description - CY2XP31ZXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XP311 CYPRESS-CY2XP311 Datasheet
125Kb / 14P
   312.5 MHz LVPECL Clock Generator
CY2XP31ZXC CYPRESS-CY2XP31ZXC Datasheet
348Kb / 8P
   312.5 MHz LVPECL Clock Generator
logo
ON Semiconductor
NBXDBB017_0910 ONSEMI-NBXDBB017_0910 Datasheet
146Kb / 8P
   3.3 V, 156.25 MHz / 312.5MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
logo
Cypress Semiconductor
CY2XP21ZXC CYPRESS-CY2XP21ZXC Datasheet
237Kb / 7P
   125 MHz LVPECL Clock Generator
CY2XP21 CYPRESS-CY2XP21 Datasheet
231Kb / 7P
   125 MHz LVPECL Clock Generator
logo
Integrated Device Techn...
873991 IDT-873991 Datasheet
270Kb / 18P
   LVPECL-TO-LVPECL/ECL CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS843023 ICST-ICS843023 Datasheet
176Kb / 10P
   3.3V, 250MHZ LVPECL CLOCK GENERATOR
logo
Cypress Semiconductor
CY2XP41 CYPRESS-CY2XP41_11 Datasheet
261Kb / 10P
   Crystal to LVPECL Clock Generator
logo
List of Unclassifed Man...
ICS87354I ETC-ICS87354I Datasheet
128Kb / 10P
   -2.5V/ 3.3V LVPECL CLOCK GENERATOR
logo
Pericom Semiconductor C...
PI6LC48P21 PERICOM-PI6LC48P21 Datasheet
1Mb / 7P
   Single Output LVPECL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com