Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2XF34FLXCT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY2XF34FLXCT
Description  High Performance LVPECL Oscillator with Frequency Margining ??Pin Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2XF34FLXCT Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY2XF34FLXCT Datasheet HTML 3Page - Cypress Semiconductor CY2XF34FLXCT Datasheet HTML 4Page - Cypress Semiconductor CY2XF34FLXCT Datasheet HTML 5Page - Cypress Semiconductor CY2XF34FLXCT Datasheet HTML 6Page - Cypress Semiconductor CY2XF34FLXCT Datasheet HTML 7Page - Cypress Semiconductor CY2XF34FLXCT Datasheet HTML 8Page - Cypress Semiconductor CY2XF34FLXCT Datasheet HTML 9Page - Cypress Semiconductor CY2XF34FLXCT Datasheet HTML 10Page - Cypress Semiconductor CY2XF34FLXCT Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CY2XF34
Document Number: 001-53149 Rev. *E
Page 7 of 12
Switching Waveforms
Figure 5. Output DC Parameters
Figure 6. Duty Cycle Timing
Figure 7. Output Rise and Fall Time
Termination Circuits
Figure 8. LVPECL Termination
CLK
V
A
V
B
CLK#
V
OD
V
OCM = (VA + VB)/2
CLK
T
PW
T
PERIOD
T
DC =
T
PW
T
PERIOD
CLK#
20%
80%
T
R
CLK
20%
80%
CLK#
T
F
CLK#



CLK

VDD - 2V
(VDD = 3.3V)
CLK#



CLK

VDD - 2V or VDD - 1.5V
(VDD = 2.5V)


Similar Part No. - CY2XF34FLXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XF34FLXCT CYPRESS-CY2XF34FLXCT Datasheet
419Kb / 10P
   High Performance LVPECL Oscillator with Frequency Margining - Pin Control
More results

Similar Description - CY2XF34FLXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XF34 CYPRESS-CY2XF34 Datasheet
419Kb / 10P
   High Performance LVPECL Oscillator with Frequency Margining - Pin Control
CY2XF24 CYPRESS-CY2XF24_11 Datasheet
385Kb / 17P
   High Performance LVPECL Oscillator with Frequency Margining ??I2C Control
CY2XF32 CYPRESS-CY2XF32 Datasheet
368Kb / 8P
   High Performance CMOS Oscillator with Frequency Margining - Pin Control
CY2XF32 CYPRESS-CY2XF32_11 Datasheet
268Kb / 10P
   High Performance CMOS Oscillator with Frequency Margining ??Pin Control
CY2XF33 CYPRESS-CY2XF33 Datasheet
365Kb / 7P
   High Performance LVDS Oscillator with Frequency Margining - Pin Control
CY2XF33 CYPRESS-CY2XF33_11 Datasheet
213Kb / 12P
   High-Performance LVDS Oscillator With Frequency Margining ??Pin Control
CY2XF23 CYPRESS-CY2XF23 Datasheet
406Kb / 11P
   High Performance LVDS Oscillator with Frequency Margining - I2C Control
CY2XF23 CYPRESS-CY2XF23_11 Datasheet
490Kb / 16P
   High Performance LVDS Oscillator with Frequency Margining - I2C Control
logo
Maxim Integrated Produc...
DS4M125 MAXIM-DS4M125 Datasheet
138Kb / 7P
   3.3V Margining Clock Oscillator with LVPECL/LVDS Output
Rev 0; 12/07
logo
TEMEX
RV1490HF TEMEX-RV1490HF Datasheet
668Kb / 10P
   High Performance High Frequency Fundamental Voltage Control Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com